Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGA420 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BGA420
Description  Si-MMIC-Amplifierin SIEGET 25-Technologie (Cascadable 50 廓-gain block Unconditionally stable)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BGA420 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BGA420 Datasheet HTML 1Page - Siemens Semiconductor Group BGA420 Datasheet HTML 2Page - Siemens Semiconductor Group BGA420 Datasheet HTML 3Page - Siemens Semiconductor Group BGA420 Datasheet HTML 4Page - Siemens Semiconductor Group BGA420 Datasheet HTML 5Page - Siemens Semiconductor Group BGA420 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BGA 420
Semiconductor Group
Jul-13-1998
1
in SIEGET® 25-Technologie
Si-MMIC-Amplifier
Preliminary data
• Cascadable 50 Ω-gain block
• Unconditionally stable
• Gain |S
21|
2 = 13 dB at 1.8 GHz
IP3out = +9 dBm at 1.8 GHz
(
VD = 3 V, ID = typ. 6.4 mA)
• Noise figure NF = 2.2 dB at 1.8 GHz
• Reverse isolation > 28 dB and
return loss
IN / OUT > 12 dB at 1.8 GHz
VPS05605
4
2
1
3
EHA07385
D
V
4
2
1
IN
OUT
3
GND
Circuit Diagram
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking Ordering Code
Pin Configuration
Package
BGA 420
BLs
Q62702-G0057
1, IN
2, GND
3, OUT
4, VD
SOT-343
Maximum Ratings
Parameter
Symbol
Value
Unit
Device current
ID
15
mA
Device voltage
VD
V
6
Total power dissipation, TS
≤ tbd °C
Ptot
90
mW
RF input power
PRFin
0
dBm
Junction temperature
Tj
150
°C
Ambient temperature
TA
-65 ...+150
Storage temperature
Tstg
-65 ...+150
Thermal Resistance
≤ tbd
Junction - soldering point
1)
RthJS
K/W
1)
TS is measured on the emitter (GND) lead at the soldering point to the pcb
Semiconductor Group
1
1998-11-01


Similar Part No. - BGA420

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA420 INFINEON-BGA420 Datasheet
139Kb / 6P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
Jan-29-2002
BGA420 INFINEON-BGA420 Datasheet
166Kb / 8P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
2007-07-12
BGA420E6327 INFINEON-BGA420E6327 Datasheet
553Kb / 8P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
2011-07-26
BGA420 INFINEON-BGA420_07 Datasheet
166Kb / 8P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
2007-07-12
More results

Similar Description - BGA420

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BGA427 SIEMENS-BGA427 Datasheet
35Kb / 5P
   Si-MMIC-Amplifier in SIEGET 25-Technologie (Cascadable 50 W-gain block Unconditionally stable)
BGA425 SIEMENS-BGA425 Datasheet
81Kb / 8P
   Si-MMIC-Amplifier in SIEGET 25-Technologie (Multifunctional casc. 50 廓 block LNA / MIX Unconditionally stable)
logo
Infineon Technologies A...
BGA427 INFINEON-BGA427 Datasheet
58Kb / 5P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
Aug-02-2001
BGA420 INFINEON-BGA420 Datasheet
139Kb / 6P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
Jan-29-2002
BGA427 INFINEON-BGA427_07 Datasheet
165Kb / 7P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
2007-07-12
BGA420 INFINEON-BGA420_07 Datasheet
166Kb / 8P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
2007-07-12
BGA420E6327 INFINEON-BGA420E6327 Datasheet
553Kb / 8P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
2011-07-26
BGA427H6327XTSA1 INFINEON-BGA427H6327XTSA1 Datasheet
548Kb / 7P
   Si-MMIC-Amplifier in SIEGET 25-Technologie
2011-09-15
logo
Siemens Semiconductor G...
CGY50 SIEMENS-CGY50 Datasheet
34Kb / 5P
   GaAs MMIC (Single-stage monolithic microwave IC MMICamplifier Cascadable 50 廓 gain block)
logo
Qorvo, Inc
QPL7442 QORVO-QPL7442 Datasheet
1Mb / 16P
   50 廓 20 dB MMIC Gain Block (50 ??4000 MHz)
May 13, 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com