Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-G0042 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q62702-G0042
Description  Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 11 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-G0042 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q62702-G0042 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-G0042 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-G0042 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-G0042 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BGA 312
Semiconductor Group
Sep-04-1998
1
Silicon Bipolar MMIC-Amplifier
Preliminary data
• Cascadable 50 Ω-gain block
• 11 dB typical gain at 1.0 GHz
• 9 dBm typical P
-1dB at 1.0 GHz
• 3 dB-bandwidth: DC to 2.0 GHz
VPS05178
2
1
3
4
EHA07312
3
1
2, 4
RF IN
RF OUT/Bias
GND
Circuit Diagram
Type
Marking Ordering Code
Pin Configuration
Package
BGA 312 BMs
Q62702-G0042
1 RFout/bias 2 GND 3 RFinput
4 GND SOT-143
Maximum Ratings
Parameter
Value
Symbol
Unit
Device current
ID
mA
60
Total power dissipation,
TS ≤ 99 °C
250
Ptot
mW
RF input power
dBm
10
PRFin
Tj
Junction temperature
150
°C
Ambient temperature
TA
-65 ...+150
Storage temperature
Tstg
-65 ...+150
Thermal Resistance
Junction - soldering point
1)
RthJS
≤ 205
K/W
1)
TS is measured on the collector lead at the soldering point to the pcb
Semiconductor Group
1
1998-11-01


Similar Part No. - Q62702-G0042

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-G0041 SIEMENS-Q62702-G0041 Datasheet
20Kb / 4P
   Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz)
Q62702-G0043 SIEMENS-Q62702-G0043 Datasheet
20Kb / 4P
   Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 16 dB typical gain at 1.0 GHz 12 dBm typical P-1dB at 1.0 GHz)
More results

Similar Description - Q62702-G0042

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BGA318 SIEMENS-BGA318 Datasheet
20Kb / 4P
   Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 16 dB typical gain at 1.0 GHz 12 dBm typical P-1dB at 1.0 GHz)
BGA310 SIEMENS-BGA310 Datasheet
20Kb / 4P
   Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz)
logo
Cree, Inc
CGHV60075D5 CREE-CGHV60075D5 Datasheet
662Kb / 7P
   19 dB Typical Small Signal Gain at 4 GHz
logo
Analog Devices
HMC787A AD-HMC787A Datasheet
956Kb / 18P
   Conversion loss: 9 dB typical at 3 GHz to 9 GHz
logo
Hittite Microwave Corpo...
HMC580ST89 HITTITE-HMC580ST89 Datasheet
272Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 1.0 GHz
logo
Agilent(Hewlett-Packard...
MSA-2743 HP-MSA-2743 Datasheet
204Kb / 17P
   Cascadable Silicon Bipolar Gain Block MMIC Amplifier
logo
TriQuint Semiconductor
TQM829007 TRIQUINT-TQM829007_15 Datasheet
1,011Kb / 10P
   0.6-1.0 GHz W Digital Variable Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0836 AVAGO-MSA-0836 Datasheet
376Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier Usable Gain to 6.0 GHz
logo
CRYSTEK CORPORATION
CBTEE-01-50-6000 CRYSTEKMICROWAVE-CBTEE-01-50-6000 Datasheet
235Kb / 4P
   High Isolation, 35 dB Typical at 1 GHz
logo
NEC
UPC1654 NEC-UPC1654 Datasheet
45Kb / 3P
   1.0 GHz SILICON MMIC AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com