Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


BGA312 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. BGA312
Description  Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 11 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

   
 2 page
background image
BGA 312
Semiconductor Group
Sep-04-1998
2
Electrical Characteristics at
TA = 25 °C, unless otherwise specified.
Parameter
Values
Symbol
Unit
max.
typ.
min.
AC characteristics (
VD = 4.7 V, Zo = 50 Ω)
dB
12
11
10
-
-
-
-
-
-
|
S21|2
Insertion power gain
f = 0.1 GHz
f = 1 GHz
f = 1.8 GHz
Insertion point gain flatness
f = 0.1 GHz to 0.6 GHz
-
∆ |S
21|
2
-
+-0.6
Noise figure
f = 0.1 GHz
f = 1 GHz
f = 2 GHz
NF
5.5
6
7
-
-
-
-
-
-
1dB compression point
f = 1 GHz
P-1dB
-
dBm
-
9
Return loss input
f = 0.1 GHz to 2 GHz
RLin
-
20
-
dB
Return loss output
f = 0.1 GHz to 3 GHz
RLout
-
14
-
Typical biasing configuration
EHA07313
D
V
RFC (optional)
IN
C
Block
Block
C
OUT
Ι
D
Bias
R
min. CC
V =7 V
1
3
2
4
RBias = VCC - VD / ID
VD = 4.7V
Semiconductor Group
2
1998-11-01




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BGA310Silicon Bipolar MMIC-Amplifier Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz 1 2 3 4 Siemens Semiconductor Group
BGA318Silicon Bipolar MMIC-Amplifier Cascadable 50 W-gain block 16 dB typical gain at 1.0 GHz 12 dBm typical P-1dB at 1.0 GHz 1 2 3 4 Siemens Semiconductor Group
MSA-2743Cascadable Silicon Bipolar Gain Block MMIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
IVA-05128Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier 1 2 3 4 Agilent(Hewlett-Packard)
IVA-05208Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier 1 2 3 4 Agilent(Hewlett-Packard)
SGC-2363Z50-4000 MHz Silicon Germanium Cascadable Gain Block 1 2 3 4 5 SIRENZA MICRODEVICES
IVA-05228Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier Differential Option 1 2 3 4 Agilent(Hewlett-Packard)
SGC-2386Z50-4000 MHz Silicon Germanium Cascadable Gain Block 1 2 3 4 5 SIRENZA MICRODEVICES
IVA-14208Silicon Bipolar MMIC 2.5 GHz Variable Gain Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
SGC-2463Z50-4000 MHz Silicon Germanium Cascadable Gain Block 1 2 3 4 5 SIRENZA MICRODEVICES

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl