Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


BGA312 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BGA312
Description  Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 11 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

   
 1 page
background image
BGA 312
Semiconductor Group
Sep-04-1998
1
Silicon Bipolar MMIC-Amplifier
Preliminary data
• Cascadable 50 Ω-gain block
• 11 dB typical gain at 1.0 GHz
• 9 dBm typical P
-1dB at 1.0 GHz
• 3 dB-bandwidth: DC to 2.0 GHz
VPS05178
2
1
3
4
EHA07312
3
1
2, 4
RF IN
RF OUT/Bias
GND
Circuit Diagram
Type
Marking Ordering Code
Pin Configuration
Package
BGA 312 BMs
Q62702-G0042
1 RFout/bias 2 GND 3 RFinput
4 GND SOT-143
Maximum Ratings
Parameter
Value
Symbol
Unit
Device current
ID
mA
60
Total power dissipation,
TS ≤ 99 °C
250
Ptot
mW
RF input power
dBm
10
PRFin
Tj
Junction temperature
150
°C
Ambient temperature
TA
-65 ...+150
Storage temperature
Tstg
-65 ...+150
Thermal Resistance
Junction - soldering point
1)
RthJS
≤ 205
K/W
1)
TS is measured on the collector lead at the soldering point to the pcb
Semiconductor Group
1
1998-11-01




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BGA310Silicon Bipolar MMIC-Amplifier Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz 1 2 3 4 Siemens Semiconductor Group
BGA318Silicon Bipolar MMIC-Amplifier Cascadable 50 W-gain block 16 dB typical gain at 1.0 GHz 12 dBm typical P-1dB at 1.0 GHz 1 2 3 4 Siemens Semiconductor Group
MSA-2743Cascadable Silicon Bipolar Gain Block MMIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
IVA-05128Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier 1 2 3 4 Agilent(Hewlett-Packard)
IVA-05208Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier 1 2 3 4 Agilent(Hewlett-Packard)
SGC-2363Z50-4000 MHz Silicon Germanium Cascadable Gain Block 1 2 3 4 5 SIRENZA MICRODEVICES
IVA-05228Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier Differential Option 1 2 3 4 Agilent(Hewlett-Packard)
SGC-2386Z50-4000 MHz Silicon Germanium Cascadable Gain Block 1 2 3 4 5 SIRENZA MICRODEVICES
IVA-14208Silicon Bipolar MMIC 2.5 GHz Variable Gain Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
SGC-2463Z50-4000 MHz Silicon Germanium Cascadable Gain Block 1 2 3 4 5 SIRENZA MICRODEVICES

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl