Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU1004 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # GBU1004
Description  Voltage 50V ~ 1000V 10.0Amp Glass Passivited Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

GBU1004 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  GBU1004 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GBU1004 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GBU10005 ~ GBU1010
Voltage 50V ~ 1000V
10.0Amp Glass Passivited Bridge Rectifiers
Elektronische Bauelemente
11-Oct-2011 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - GBU1004

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
GBU1004 HY-GBU1004 Datasheet
476Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Diodes Incorporated
GBU1004 DIODES-GBU1004 Datasheet
53Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
DS30052 Rev. D-2
logo
Gaomi Xinghe Electronic...
GBU1004 GXELECTRONICS-GBU1004 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
GBU1004 YFWDIODE-GBU1004 Datasheet
608Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU1004 YFWDIODE-GBU1004 Datasheet
544Kb / 3P
   10A GLASS PASSIVATED BRIDGE RECTIFIER Reverse
More results

Similar Description - GBU1004

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBU6005 SECOS-GBU6005_11 Datasheet
963Kb / 2P
   Voltage 50V ~ 1000V 6.0Amp Glass Passivited Bridge Rectifiers
KBU8005G SECOS-KBU8005G Datasheet
894Kb / 2P
   Voltage 50V ~ 1000V 8.0Amp Glass Passivited Bridge Rectifiers
GBU15005 SECOS-GBU15005_11 Datasheet
704Kb / 2P
   Voltage 50V ~ 1000V 15.0Amp Glass Passivited Bridge Rectifiers
KBP3005G SECOS-KBP3005G Datasheet
730Kb / 2P
   Voltage 50V ~ 1000V 3.0Amp Glass Passivited Bridge Rectifiers
GBU8005 SECOS-GBU8005_11 Datasheet
963Kb / 2P
   Voltage 50V ~ 1000V 8.0Amp Glass Passivited Bridge Rectifiers
S10GBU20-C SECOS-S10GBU20-C_18 Datasheet
225Kb / 2P
   10.0Amp Glass Passivited Bridge Rectifiers
D4KB05 SECOS-D4KB05 Datasheet
942Kb / 2P
   Voltage 50V ~ 1000V 4.0Amp Glass Passivited Bridge Rectifiers
S10GBU20 SECOS-S10GBU20_15 Datasheet
227Kb / 2P
   10.0Amp Glass Passivited Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
GBU10005 YIXIN-GBU10005 Datasheet
865Kb / 2P
   10.0Amp Glass Passivited Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
GBJ8005 SECOS-GBJ8005_11 Datasheet
957Kb / 2P
   Voltage 50V ~ 1000V 8.0 Amp Glass Passivited Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com