Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL4743A Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # DL4743A
Description  1W , MELF Surface Mount Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DL4743A Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  DL4743A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DL4743A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH DL4743A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
DL47xxA Series
1W , MELF
Surface Mount Zener Diodes
15-Dec-2011 Rev. C
Page 2 of 3
ELECTRICAL RATINGS (TA=25°C unless otherwise specified)
Notes:
1. The device numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
2. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
Zener Voltage Range
Zener Impedance
Leakage Current
VZ @ IZT
IZT
ZZT @ IZT
IZK ZZK @ IZK
IR @ VR
VR
Type Number
Nom(V)
mA
Ω(MAX)
μA(MAX)
V
DL4728A
3.3
76
10
1
400
100
1
DL4729A
3.6
69
10
1
400
100
1
DL4730A
3.9
64
9
1
400
50
1
DL4731A
4.3
58
9
1
400
10
1
DL4732A
4.7
53
8
1
500
10
1
DL4733A
5.1
49
7
1
550
10
1
DL4734A
5.6
45
5
1
600
10
2
DL4735A
6.2
41
2
1
700
10
3
DL4736A
6.8
37
3.5
1
700
10
4
DL4737A
7.5
34
4
0.5
700
10
5
DL4738A
8.2
31
4.5
0.5
700
10
6
DL4739A
9.1
28
5
0.5
700
10
7
DL4740A
10
25
7
0.25
700
10
7.6
DL4741A
11
23
8
0.25
700
5
8.4
DL4742A
12
21
9
0.25
700
5
9.1
DL4743A
13
19
10
0.25
700
5
9.9
DL4744A
15
17
14
0.25
700
5
11.4
DL4745A
16
15.5
16
0.25
700
5
12.2
DL4746A
18
14
20
0.25
700
5
13.7
DL4747A
20
12.5
22
0.25
750
5
15.2
DL4748A
22
11.5
23
0.25
750
5
16.7
DL4749A
24
10.5
25
0.25
750
5
18.2
DL4750A
27
9.5
35
0.25
750
5
20.6
DL4751A
30
8.5
40
0.25
1000
5
22.8
DL4752A
33
7.5
45
0.25
1000
5
25.1
DL4753A
36
7
50
0.25
1000
5
27.4
DL4754A
39
6.5
60
0.25
1000
5
29.7
DL4755A
43
6
70
0.25
1500
5
32.7
DL4756A
47
5.5
80
0.25
1500
5
35.8
DL4757A
51
5
95
0.25
1500
5
38.8
DL4758A
56
4.5
110
0.25
2000
5
42.6
VF Forward Voltage=1.2V Maximum @ IF=200mA for all types


Similar Part No. - DL4743A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DL4743A RECTRON-DL4743A Datasheet
24Kb / 2P
   Surface Mount M.E.L.F ZENER DIODE
logo
Yangzhou yangjie electr...
DL4743A YANGJIE-DL4743A Datasheet
191Kb / 3P
   Zener Diodes
logo
Shanghai Leiditech Elec...
DL4743A LEIDITECH-DL4743A Datasheet
688Kb / 4P
   Surface mount zener diodes zener voltag 3.3-100V 1.0Watt Power Dissipation
logo
Dc Components
DL4743A DCCOM-DL4743A Datasheet
188Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
logo
Rugao Dachang Electroni...
DL4743A DACHANG-DL4743A Datasheet
119Kb / 2P
   Low reverse leakage
More results

Similar Description - DL4743A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ZMM52 JGD-ZMM52 Datasheet
198Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI MELF
ZMM55C JGD-ZMM55C Datasheet
169Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI - MELF
logo
TAITRON Components Inco...
ZM4728A TAITRON-ZM4728A Datasheet
201Kb / 4P
   Surface Mount 1W Zener Diodes
logo
Formosa MS
SMA4728A FORMOSA-SMA4728A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
logo
DAESAN ELECTRONIC CORP.
DL4728A DAESAN-DL4728A Datasheet
367Kb / 3P
   1W SURFACE MOUNT ZENER DIODES
logo
Taiwan Semiconductor Co...
1SMA4737 TSC-1SMA4737_15 Datasheet
226Kb / 6P
   1W, 7.5V - 200V Surface Mount Silicon Zener Diodes
logo
TAITRON Components Inco...
1N4728A TAITRON-1N4728A Datasheet
200Kb / 4P
   1W Zener Diodes
logo
Zibo Seno Electronic En...
ZM4728 ZSELEC-ZM4728 Datasheet
194Kb / 3P
   1W SURFACE MOUNT ZENER DIODE
logo
Formosa MS
1N4728 FORMOSA-1N4728 Datasheet
156Kb / 3P
   1W ZENER DIODES
logo
Nanjing International G...
1N4728 DGNJDZ-1N4728 Datasheet
954Kb / 2P
   1W ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com