Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4GBJ402 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 4GBJ402
Description  Voltage 50V ~ 1000V 4.0 Amp Glass Passivited Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

4GBJ402 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  4GBJ402 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 4GBJ402 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4GBJ4005 ~ 4GBJ410
Voltage 50V ~ 1000V
4.0 Amp Glass Passivited Bridge Rectifiers
Elektronische Bauelemente
19-Oct-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Surge overload rating -150 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
The plastic material has Underwriters Laboratory
flammability classification 94V-0
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Part Number
Unit
4GBJ
4005
4GBJ
401
4GBJ
402
4GBJ
404
4GBJ
406
4GBJ
408
4GBJ
410
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward (with heat sink)
2
I(AV)
4
A
Rectified Current @TC=100°C (without heat sink)
2.4
Peak Forward Surge Current 8.3ms Single Half
Sine-Wave Super Imposed on Rated Load
(JEDEC Method)
IFSM
120
A
Maximum Forward Voltage @ 4A DC
VF
1.1
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TJ=25°C
IR
10
µA
TJ=125°C
500
I
2t Rating for Fusing (t<8.3ms)
I
2t
93
A
2s
Typical Junction Capacitance Per Element
1
CJ
45
pF
Typical Thermal Resistance
RθJC
2.2
°C/W
Operating and Storage temperature range
TJ,TSTG
-55~150
°C
Notes:
1.
Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.
Device mounted on 50mm*50mm*1.6mm Cu plate heat sink.
4GBJ
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
24.7
25.3
J
0.6
0.8
B
14.7
15.3
K
7.3
7.7
C
4.4
4.8
L
1.5
1.9
D
17.0
18.0
M
1.7
2.1
E
3.0 x 45°
N
1.05
1.45
F
3.1
3.4
P
3.3
3.8
G
4.0
Q
9.3
9.7
H
2.5
2.9
R
3.1
3.4
I
0.9
1.1
S
3.4
3.8


Similar Part No. - 4GBJ402

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
4GBJ402 BWTECH-4GBJ402 Datasheet
276Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
4GBJ402 HY-4GBJ402 Datasheet
466Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Comchip Technology
4GBJ402-G COMCHIP-4GBJ402-G Datasheet
87Kb / 3P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - 4GBJ402

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBL005 SECOS-GBL005 Datasheet
790Kb / 2P
   Voltage 50V ~ 1000V 4.0 Amp Glass Passivited Bridge Rectifiers
GBJ8005 SECOS-GBJ8005_11 Datasheet
957Kb / 2P
   Voltage 50V ~ 1000V 8.0 Amp Glass Passivited Bridge Rectifiers
4GBJ8005 SECOS-4GBJ8005 Datasheet
971Kb / 2P
   Voltage 50V ~ 1000V 8.0 Amp Glass Passivited Bridge Rectifiers
GBJ15005 SECOS-GBJ15005 Datasheet
952Kb / 2P
   Voltage 50V ~ 1000V 15.0 Amp Glass Passivited Bridge Rectifiers
GBJ20005 SECOS-GBJ20005 Datasheet
948Kb / 2P
   Voltage 50V ~ 1000V 20.0 Amp Glass Passivited Bridge Rectifiers
GBJ25005 SECOS-GBJ25005_11 Datasheet
970Kb / 2P
   Voltage 50V ~ 1000V 25.0 Amp Glass Passivited Bridge Rectifiers
4GBJ6005 SECOS-4GBJ6005 Datasheet
931Kb / 2P
   Voltage 50V ~ 1000V 6.0 Amp Glass Passivited Bridge Rectifiers
GBJ10005 SECOS-GBJ10005_11 Datasheet
952Kb / 2P
   Voltage 50V ~ 1000V 10.0 Amp Glass Passivited Bridge Rectifiers
GBJ50005 SECOS-GBJ50005 Datasheet
853Kb / 2P
   Voltage 50V ~ 1000V 50.0 Amp Glass Passivited Bridge Rectifiers
RS401L SECOS-RS401L Datasheet
128Kb / 2P
   VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com