Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFY181 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BFY181
Description  HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFY181 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BFY181 Datasheet HTML 1Page - Siemens Semiconductor Group BFY181 Datasheet HTML 2Page - Siemens Semiconductor Group BFY181 Datasheet HTML 3Page - Siemens Semiconductor Group BFY181 Datasheet HTML 4Page - Siemens Semiconductor Group BFY181 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BFY 181
Semiconductor Group
4
Draft A04 1998-04-01
Order Instructions
Full type variant including quality level must be specified by the orderer. For HiRel
Discrete and Microwave Semiconductors the ordering code specifies device family and
quality level.
Ordering Form:
Ordering Code: QÉ
BFY181 (x) (ql)
(ql): Quality Level
Ordering Example:
Ordering Code: Q62702F1715
BFY181 ES
For BFY181 in ESA Space Quality Level
Further Information
See our WWW-Pages:
Ð Discrete and RF-Semiconductors (Small Signal Semiconductors)
www.siemens.de/semiconductor/products/35/35.htm
Ð HiRel Discrete and Microwave Semiconductors
www.siemens.de/semiconductor/products/35/353.htm
Please contact also our marketing division:
Tel.: ++89 6362 4480
Fax.: ++89 6362 5568
e-mail: martin.wimmers@hl.siemens.de


Similar Part No. - BFY181

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFY181 INFINEON-BFY181 Datasheet
29Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY181 INFINEON-BFY181 Datasheet
148Kb / 4P
   HiRel NPN Silicon RF Transistor
V 2, February 2011
BFY181ES INFINEON-BFY181ES Datasheet
29Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY181H INFINEON-BFY181H Datasheet
29Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY181P INFINEON-BFY181P Datasheet
29Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
More results

Similar Description - BFY181

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFY183 SIEMENS-BFY183 Datasheet
122Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY182 SIEMENS-BFY182 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY280 SIEMENS-BFY280 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BXY43 SIEMENS-BXY43 Datasheet
132Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43P SIEMENS-BXY43P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44P SIEMENS-BXY44P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BFY196 SIEMENS-BFY196 Datasheet
120Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor For low noise, high gain amplifiers up to 2 GHz.)
BFY193 SIEMENS-BFY193 Datasheet
122Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor For low noise, high gain broadband amplifiers up to 2 GHz.)
BXY42 SIEMENS-BXY42 Datasheet
104Kb / 6P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor PIN Diode for high speed switching of RF signals)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com