Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8822 Datasheet(PDF) 3 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # PT8822
Description  20 V Dual N-Channel Enhancement Mode MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

PT8822 Datasheet(HTML) 3 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  PT8822 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. PT8822 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. PT8822 Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Characteristics Curve
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. RDSON v.s. Junction Temperature
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 6. Gate Threshold Voltage v.s.
Junction Temperature
Fig 5. Forward Characteristics of
Reverse Diode
20V Dual N-Channel Enhancement Mode MOSFET
PT8822
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - PT8822

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PT8 LSTD-PT8 Datasheet
613Kb / 2P
   Strong Lead Attachment
logo
Texas Instruments
PT8000 TI-PT8000 Datasheet
422Kb / 8P
[Old version datasheet]   60 Amp High-Performance Programmable ISR
PT8000 TI1-PT8000 Datasheet
430Kb / 8P
[Old version datasheet]   60 Amp High-Performance
PT8000-5V TI1-PT8000-5V Datasheet
430Kb / 8P
[Old version datasheet]   60 Amp High-Performance
PT8001A TI-PT8001A Datasheet
422Kb / 8P
[Old version datasheet]   60 Amp High-Performance Programmable ISR
More results

Similar Description - PT8822

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
PT8205A HTSEMI-PT8205A Datasheet
2Mb / 3P
   20 V Dual N-Channel Enhancement Mode MOSFET
PT8205 HTSEMI-PT8205 Datasheet
2Mb / 3P
   20 V Dual N-Channel Enhancement Mode MOSFET
XP151A13COMR HTSEMI-XP151A13COMR Datasheet
2Mb / 4P
   20 V N-Channel Enhancement Mode MOSFET
SI2300 HTSEMI-SI2300 Datasheet
3Mb / 4P
   20 V N-Channel Enhancement Mode MOSFET
FDN335N HTSEMI-FDN335N Datasheet
1Mb / 4P
   20 V N-Channel Enhancement Mode MOSFET
SI2302 HTSEMI-SI2302 Datasheet
3Mb / 4P
   20 V N-Channel Enhancement Mode MOSFET
SI2312 HTSEMI-SI2312 Datasheet
1Mb / 3P
   20 V N-Channel Enhancement Mode MOSFET
FDN338P HTSEMI-FDN338P Datasheet
1Mb / 4P
   20 V P-Channel Enhancement Mode MOSFET
XP152A12COMR HTSEMI-XP152A12COMR Datasheet
2Mb / 4P
   20 V P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com