Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5221B Datasheet(PDF) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # MMBZ5221B
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

MMBZ5221B Datasheet(HTML) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  MMBZ5221B Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. MMBZ5221B Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. MMBZ5221B Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Characteristics Ta = 25 OC (VF = 0.9 V Maximum at IF = 10 mA)
Zener Voltage Range
1)
Max. Dynamic Resistance
Max. Reverse Current
Vznom
VZT
at IZT
ZZT
at IZT
ZZK
at IZK
IR
at VR
Type
Marking
Code
V
V
mA
mA
mA
µA
V
MMBZ5221B
Y0
2.4
2.28…2.52
20
30
20
1200
0.25
100
1
MMBZ5223B
Z0
2.7
2.57…2.84
20
30
20
1300
0.25
75
1
MMBZ5225B
AA
3
2.85…3.15
20
30
20
1600
0.25
50
1
MMBZ5226B
AB
3.3
3.14…3.47
20
28
20
1600
0.25
25
1
MMBZ5227B
AC
3.6
3.42…3.78
20
24
20
1700
0.25
15
1
MMBZ5228B
AD
3.9
3.71…4.1
20
23
20
1900
0.25
10
1
MMBZ5229B
AE
4.3
4.09…4.52
20
22
20
2000
0.25
5
1
MMBZ5230B
AF
4.7
4.47…4.94
20
19
20
1900
0.25
5
2
MMBZ5231B
AH
5.1
4.85…5.36
20
17
20
1600
0.25
5
2
MMBZ5232B
AJ
5.6
5.32…5.88
20
11
20
1600
0.25
5
3
MMBZ5233B
AK
6
5.7...6.3
20
7
20
1600
0.25
5
3.5
MMBZ5234B
AM
6.2
5.89…6.51
20
7
20
1000
0.25
5
4
MMBZ5235B
AN
6.8
6.46…7.14
20
5
20
750
0.25
3
5
MMBZ5236B
AP
7.5
7.13…7.88
20
6
20
500
0.25
3
6
MMBZ5237B
AR
8.2
7.79…8.61
20
8
20
500
0.25
3
6.5
MMBZ5239B
AY
9.1
8.65…9.56
20
10
20
600
0.25
3
7
MMBZ5240B
AZ
10
9.5…10.5
20
17
20
600
0.25
3
8
MMBZ5241B
BA
11
10.45…11.55
20
22
20
600
0.25
2
8.4
MMBZ5242B
BB
12
11.4…12.6
20
30
20
600
0.25
1
9.1
MMBZ5243B
BC
13
12.35…13.65
9.5
13
9.5
600
0.25
0.5
9.9
MMBZ5245B
BE
15
14.25…15.75
8.5
16
8.5
600
0.25
0.1
11
MMBZ5246B
BF
16
15.2…16.8
7.8
17
7.8
600
0.25
0.1
12
MMBZ5247B
BH
17
16.15...17.85
7.4
19
7.4
600
0.25
0.1
13
MMBZ5248B
BJ
18
17.1…18.9
7
21
7
600
0.25
0.1
14
MMBZ5249B
BK
19
18.05…19.95
6.6
23
6.6
600
0.25
0.1
14
MMBZ5250B
BM
20
19…21
6.2
25
6.2
600
0.25
0.1
15
MMBZ5251B
BN
22
20.9…23.1
5.6
29
5.6
600
0.25
0.1
17
MMBZ5252B
BP
24
22.8…25.2
5.2
33
5.2
600
0.25
0.1
18
MMBZ5253B
BR
25
23.75…26.25
5
35
5
600
0.25
0.1
19
MMBZ5254B
BX
27
25.65…28.35
4.6
41
4.6
600
0.25
0.1
21
MMBZ5256B
BZ
30
28.5…31.5
4.2
49
4.2
600
0.25
0.1
23
MMBZ5257B
CA
33
31.35…34.65
3.8
58
3.8
700
0.25
0.1
25
MMBZ5258B
CB
36
34.2…37.8
3.4
70
3.4
700
0.25
0.1
27
MMBZ5259B
CC
39
37.05…40.95
3.2
80
3.2
800
0.25
0.1
30
MMBZ5260B
CD
43
40.85…45.15
3
93
3
800
0.25
0.1
33
MMBZ5261B
CE
47
44.65…49.35
2.7
105
2.7
1000
0.25
0.1
36
1) Tested with pulses tp = 20 ms.
MMBZ5221B~MMBZ5261B
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - MMBZ5221B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5221B PANJIT-MMBZ5221B Datasheet
132Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
RFE international
MMBZ5221B RFE-MMBZ5221B Datasheet
2Mb / 3P
   Zener Diodes
27-07-2022
logo
SeCoS Halbleitertechnol...
MMBZ5221B SECOS-MMBZ5221B Datasheet
196Kb / 4P
   Surface Mount Zener Voltage Regulator Diodes
logo
Jiangsu Changjiang Elec...
MMBZ5221B JIANGSU-MMBZ5221B Datasheet
1Mb / 5P
   ZENER DIODE
logo
Diodes Incorporated
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
More results

Similar Description - MMBZ5221B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com