Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT5551 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # MMBT5551
Description  TRANSISTOR(NPN)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

MMBT5551 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  MMBT5551 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. MMBT5551 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TRANSISTOR(NPN)
FEATURES
Complementary to MMBT5401
Ideal for Medium Power Amplification and Switching
MARKING: G1
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
180
V
VCEO
Collector-Emitter Voltage
160
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current
600
mA
PC
Collector Power Dissipation
300
mW
RΘJA
Thermal Resistance From Junction To Ambient
416
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100µA, IE=0
180
V
Collector-emitter breakdown voltage
V(BR)CEO
*
IC=1mA, IB=0
160
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10µA, IC=0
6
V
Collector cut-off current
ICBO
VCB=120V, IE=0
50
nA
Emitter cut-off current
IEBO
VEB=4V, IC=0
50
nA
hFE(1)
*
VCE=5V, IC=1mA
80
hFE(2)
*
VCE=5V, IC=10mA
100
300
DC current gain
hFE(3)
*
VCE=5V, IC=50mA
50
VCE(sat)1
*
IC=10mA, IB=1mA
0.15
V
Collector-emitter saturation voltage
VCE(sat)2
*
IC=50mA, IB=5mA
0.2
V
VBE(sat)1
*
IC=10mA, IB=1mA
1
V
Base-emitter saturation voltage
VBE(sat)2
*
IC=50mA, IB=5mA
1
V
Transition frequency
fT
VCE=10V,IC=10mA, f=100MHz
100
300
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
6
pF
*Pulse test: pulse width ≤300μs, duty cycle≤ 2.0%.
CLASSIFICATION OF hFE (2)
RANK
L
H
RANGE
100-200
200-300
SOT–23
1. BASE
2. EMITTER
3. COLLECTOR
MMBT5551
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - MMBT5551

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diotec Semiconductor
MMBT5551 DIOTEC-MMBT5551 Datasheet
145Kb / 2P
   SMD General Purpose PNP Transistors
logo
SHIKUES Electronics
MMBT5551 SKTECHNOLGY-MMBT5551 Datasheet
1Mb / 4P
   NPN Silicon
logo
SEMTECH ELECTRONICS LTD...
MMBT5551 SEMTECH_ELEC-MMBT5551 Datasheet
194Kb / 2P
   NPN Silicon Epitaxial Planar Transistors
logo
Guangdong Kexin Industr...
MMBT5551 KEXIN-MMBT5551 Datasheet
1Mb / 2P
   NPN Transistors
More results

Similar Description - MMBT5551

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com