Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9ZX21901BKLF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 9ZX21901BKLF
Description  19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZX21901BKLF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 9ZX21901BKLF Datasheet HTML 3Page - Integrated Device Technology 9ZX21901BKLF Datasheet HTML 4Page - Integrated Device Technology 9ZX21901BKLF Datasheet HTML 5Page - Integrated Device Technology 9ZX21901BKLF Datasheet HTML 6Page - Integrated Device Technology 9ZX21901BKLF Datasheet HTML 7Page - Integrated Device Technology 9ZX21901BKLF Datasheet HTML 8Page - Integrated Device Technology 9ZX21901BKLF Datasheet HTML 9Page - Integrated Device Technology 9ZX21901BKLF Datasheet HTML 10Page - Integrated Device Technology 9ZX21901BKLF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
IDT®
19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
1586J - 12/08/11
9ZX21901B
19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
7
Electrical Characteristics - Current Consumption
TA = TCOM; Supply Voltage VDD/VDDA = 3.3 V +/-5%, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Operating Supply Current
IDD3.3OP
All outputs active @100MHz, CL = Full load;
407
500
mA
1
Powerdown Current
IDD3.3PDZ
All differential pairs tri-stated
12
36
mA
1
1Guaranteed by design and characterization, not 100% tested in production.
Electrical Characteristics - Skew and Differential Jitter Parameters
TA = TCOM; Supply Voltage VDD/VDDA = 3.3 V +/-5%, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
CLK_IN, DIF[x:0]
tSPO_PLL
Input-to-Output Skew in PLL mode
nominal value @ 25°C, 3.3V
-300
-200
-100
ps
1,2,4,5,8
CLK_IN, DIF[x:0]
tPD_BYP
Input-to-Output Skew in Bypass mode
nominal value @ 25°C, 3.3V
2.5
3.5
4.5
ns
1,2,3,5,8
CLK_IN, DIF[x:0]
tDSPO_PLL
Input-to-Output Skew Varation in PLL mode
across voltage and temperature
-50
0
50
ps
1,2,3,5,8
CLK_IN, DIF[x:0]
tDSPO_BYP
Input-to-Output Skew Varation in Bypass mode
across voltage and temperature
-250
250
ps
1,2,3,5,8
CLK_IN, DIF[x:0]
tDTE
Random Differential Tracking error beween two
9ZX devices in Hi BW Mode
35
ps
(rms)
1,2,3,5,8
CLK_IN, DIF[x:0]
tDSSTE
Random Differential Spread Spectrum Tracking
error beween two 9ZX devices in Hi BW Mode
15
75
ps
1,2,3,5,8
DIF{x:0]
tSKEW_ALL
Output-to-Output Skew across all outputs
(Common to Bypass and PLL mode)
45
65
ps
1,2,3,8
PLL Jitter Peaking
jpeak-hibw
LOBW#_BYPASS_HIBW = 1
0
1
2.5
dB
7,8
PLL Jitter Peaking
jpeak-lobw
LOBW#_BYPASS_HIBW = 0
0
1
2
dB
7,8
PLL Bandwidth
pllHIBW
LOBW#_BYPASS_HIBW = 1
2
3
4
MHz
8,9
PLL Bandwidth
pllLOBW
LOBW#_BYPASS_HIBW = 0
0.7
1
1.4
MHz
8,9
Duty Cycle
tDC
Measured differentially, PLL Mode
45
50
55
%
1
Duty Cycle Distortion
tDCD
Measured differentially, Bypass Mode
@100MHz
-2
0
2
%
1,10
PLL mode
24
50
ps
1,11
Additive Jitter in Bypass Mode
20
50
ps
1,11
Notes for preceding table:
6.t is the period of the input clock
7 Measured as maximum pass band gain. At frequencies within the loop BW, highest point of magnification is called PLL jitter peaking.
8. Guaranteed by design and characterization, not 100% tested in production.
9 Measured at 3 db down or half power point.
10 Duty cycle distortion is the difference in duty cycle between the output and the input clock when the device is operated in bypass mode.
11 Measured from differential waveform
3 All Bypass Mode Input-to-Output specs refer to the timing between an input edge and the specific output edge created by it.
4 This parameter is deterministic for a given device
1 Measured into fixed 2 pF load cap. Input to output skew is measured at the first output edge following the corresponding input. Feedback
path is 695 mils long.
5 Measured with scope averaging on to find mean value. DIF_IN slew rate must be matched to DIF output slew rate.
2 Measured from differential cross-point to differential cross-point. This parameter can be tuned with external feedback path, if present.
Jitter, Cycle to cycle
tjcyc-cyc


Similar Part No. - 9ZX21901BKLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZX21901BKLF IDT-9ZX21901BKLF Datasheet
258Kb / 18P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9ZX21901BKLFT IDT-9ZX21901BKLFT Datasheet
258Kb / 18P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
More results

Similar Description - 9ZX21901BKLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZX21901C IDT-9ZX21901C_15 Datasheet
318Kb / 20P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
logo
Renesas Technology Corp
9ZX21901C RENESAS-9ZX21901C Datasheet
513Kb / 21P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
11/19/15
logo
Integrated Device Techn...
9ZX21901C IDT-9ZX21901C Datasheet
180Kb / 16P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
ICS9ZX21901CKLFT IDT-ICS9ZX21901CKLFT Datasheet
180Kb / 16P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9ZX21901B IDT-9ZX21901B_15 Datasheet
258Kb / 18P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9ZX21501B IDT-9ZX21501B Datasheet
180Kb / 16P
   15-Output Differential Zbuffer for PCIe Gen2/3 and QPI
logo
Renesas Technology Corp
9ZX21501B RENESAS-9ZX21501B Datasheet
418Kb / 20P
   FIFTEEN OUTPUT DIFFERENTIAL ZBUFFER FOR PCIE GEN2/3 AND QPI
REV E 041613
9ZX21501C RENESAS-9ZX21501C Datasheet
410Kb / 20P
   FIFTEEN OUTPUT DIFFERENTIAL ZBUFFER FOR PCIE GEN2/3 AND QPI
REV F 041613
logo
Integrated Device Techn...
9DB1904B IDT-9DB1904B Datasheet
179Kb / 18P
   19 Output Differential Buffer for PCIe Gen2 and QPI
logo
Renesas Technology Corp
9DB1904B RENESAS-9DB1904B Datasheet
318Kb / 19P
   19 Output Differential Buffer for PCIe Gen2 and QPI
04/19/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com