Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS932S421B Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS932S421B
Description  PCIe Gen2 and QPI Clock for Intel-Based Servers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS932S421B Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS932S421B Datasheet HTML 2Page - Integrated Device Technology ICS932S421B Datasheet HTML 3Page - Integrated Device Technology ICS932S421B Datasheet HTML 4Page - Integrated Device Technology ICS932S421B Datasheet HTML 5Page - Integrated Device Technology ICS932S421B Datasheet HTML 6Page - Integrated Device Technology ICS932S421B Datasheet HTML 7Page - Integrated Device Technology ICS932S421B Datasheet HTML 8Page - Integrated Device Technology ICS932S421B Datasheet HTML 9Page - Integrated Device Technology ICS932S421B Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
IDTTM
PCIe Gen2 and QPI Clock for Intel-Based Servers
1340G—01/26/10
ICS932S421B
PCIe Gen2 and QPI Clock for Intel-Based Servers
6
Absolute Maximum Rating
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
3.3V Core Supply Voltage
VDD_A
-
VDD + 0.5V
V
1
3.3V Logic Input Supply
Voltage
VDD_In
-
GND - 0.5
VDD + 0.5V
V
1
Storage Temperature
Ts
-
-65
150
°C
1
Ambient Operating Temp
Tambient
-
070
°C
1
Case Temperature
Tcase
-
115
°C
1
Input ESD protection HBM ESD prot
-
2000
V
1
1Guaranteed by design and characterization, not 100% tested in production.
Electrical Characteristics - Input/Supply/Common Output Parameters
PARAMETER
SYMBOL
CONDITIONS*
MIN
TYP
MAX
UNITS
Notes
Input High Voltage
VIH
3.3 V +/-5%
2
VDD + 0.3
V
1
Input Low Voltage
VIL
3.3 V +/-5%
VSS - 0.3
0.8
V
1
Input High Current
IIH
VIN = VDD
-5
5
uA
1
IIL1
VIN = 0 V; Inputs with no pull-up
resistors
-5
uA
1
IIL2
VIN = 0 V; Inputs with pull-up
resistors
-200
uA
1
Low Threshold Input-
High Voltage
VIH_FS
3.3 V +/-5%
0.7
VDD + 0.3
V
1
Low Threshold Input-
Low Voltage
VIL_FS
3.3 V +/-5%
VSS - 0.3
0.35
V
1
Operating Supply Current
IDD3.3OP
Full Active, CL = Full load;
350
mA
1
all diff pairs driven
70
mA
1
all differential pairs tri-stated
12
mA
1
Input Frequency
Fi
VDD = 3.3 V
14.31818
MHz
2
Pin Inductance
Lpin
7nH
1
CIN
Logic Inputs
5
pF
1
COUT
Output pin capacitance
6
pF
1
CINX
X1 & X2 pins
5
pF
1
Clk Stabilization
TSTAB
From VDD Power-Up or de-
assertion of PD to 1st clock
1.8
ms
1
Modulation Frequency
Triangular Modulation
30
33
kHz
1
Tdrive_PD
CPU output enable after
PD de-assertion
300
us
1
Tfall_PD
PD fall time of
5
ns
1
Trise_PD
PD rise time of
5
ns
1
SMBus Voltage
VDD
2.7
5.5
V
1
Low-level Output Voltage
VOL
@ IPULLUP
0.4
V
1
Current sinking at
VOL = 0.4 V
IPULLUP
4mA
1
SCLK/SDATA
Clock/Data Rise Time
TRI2C
(Max VIL - 0.15) to
(Min VIH + 0.15)
1000
ns
1
SCLK/SDATA
Clock/Data Fall Time
TFI2C
(Min VIH + 0.15) to
(Max VIL - 0.15)
300
ns
1
*TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5%
1Guaranteed by design and characterization, not 100% tested in production.
2 Input frequency should be measured at the REF pin and tuned to ideal 14.31818MHz to meet ppm frequency accuracy on PLL outputs.
Input Low Current
Powerdown Current
IDD3.3PD
Input Capacitance


Similar Part No. - ICS932S421B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS932S421B RENESAS-ICS932S421B Datasheet
364Kb / 24P
   PCIe Gen2 and QPI Clock for Intel-Based Servers
01/26/10
More results

Similar Description - ICS932S421B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS932S421B RENESAS-ICS932S421B Datasheet
364Kb / 24P
   PCIe Gen2 and QPI Clock for Intel-Based Servers
01/26/10
932SQ425 RENESAS-932SQ425 Datasheet
440Kb / 23P
   PCIE GEN2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV B 042312
ICS932S431A RENESAS-ICS932S431A Datasheet
443Kb / 23P
   PCIe Gen 2 and QPI Clock for Intel-based Servers
2019
logo
Integrated Device Techn...
ICS932SQ420DGLF IDT-ICS932SQ420DGLF Datasheet
412Kb / 27P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
932SQ420DGLFT IDT-932SQ420DGLFT Datasheet
412Kb / 27P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
logo
Renesas Technology Corp
932SQ420D RENESAS-932SQ420D Datasheet
616Kb / 29P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV J 010715
932SQ428 RENESAS-932SQ428 Datasheet
560Kb / 23P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV E 042312
logo
Integrated Circuit Syst...
ICS932S422C ICST-ICS932S422C Datasheet
193Kb / 21P
   PCIe Gen 2 main Clock for Intel-based Servers
logo
Renesas Technology Corp
ICS932S422C RENESAS-ICS932S422C Datasheet
386Kb / 22P
   PCIe Gen 2 main Clock for Intel-based Servers
2019
logo
Integrated Device Techn...
9DB1904B IDT-9DB1904B Datasheet
179Kb / 18P
   19 Output Differential Buffer for PCIe Gen2 and QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com