Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9LPRS436CGILF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 9LPRS436CGILF
Description  Low Power Clock for Intel Atom짰-Based Systems
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9LPRS436CGILF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 9LPRS436CGILF Datasheet HTML 6Page - Integrated Device Technology 9LPRS436CGILF Datasheet HTML 7Page - Integrated Device Technology 9LPRS436CGILF Datasheet HTML 8Page - Integrated Device Technology 9LPRS436CGILF Datasheet HTML 9Page - Integrated Device Technology 9LPRS436CGILF Datasheet HTML 10Page - Integrated Device Technology 9LPRS436CGILF Datasheet HTML 11Page - Integrated Device Technology 9LPRS436CGILF Datasheet HTML 12Page - Integrated Device Technology 9LPRS436CGILF Datasheet HTML 13Page - Integrated Device Technology 9LPRS436CGILF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
IDT®
Low Power Clock for Intel Atom®-Based Systems
1561C — 08/24/11
9LPRS436C
Low Power Clock for Intel Atom
®-Based Systems
10
Electrical Characteristics - USB48MHz, 12/48MHz
PARAMETER
SYMBOL
CON DITIONS
MIN
TYP
MAX
UNITS NOTES
Long Accuracy
ppm
see Tperiod min-max values
-100
100
ppm1,2
Clock period
Tperiod
48.00MHz output nominal
20.83125
20.83542
ns
2,3
Absolute min/max period
Tabs
48.00MHz output nominal
20.48125
21.18542
ns
2
Output High Voltage
VOH
IOH = -1 mA
2.4
V
1
Output Low Voltage
VOL
IOL = 1 mA
0.4
V
1
Rising Edge Slew Rate (USB48M)
tSLR
Measured from 0.8 to 2.0 V
1
1.7
2
V/ns
1
Falling Edge Slew Rate (USB48M)
tFLR
Measured from 2.0 to 0.8 V
1
1.7
2
V/ns
1
Rising Edge Slew Rate (12/48M)
tSLR
Measured from 0.8 to 2.0 V
1
1.7
2
V/ns
1
Falling Edge Slew Rate (12/48M)
tFLR
Measured from 2.0 to 0.8 V
1
1.7
2
V/ns
1
Duty Cycle
dt1
VT = 1.5 V
45
50.6
55
%
1
Jitter, Cycle to cycle
tjcyc-cyc
VT = 1.5 V
150
350
ps
1
Electrical Characteristics - 25MHz
PARAMETER
SYMBOL
CON DITIONS
MIN
TYP
MAX
UNITS NOTES
Long Accuracy
ppm
see Tperiod min-max values
-100
0
100
ppm1,2
Clock period
Tperiod
25.00MHz output nominal
39.99600
40.00400
ns
2,3
Absolute min/max period
T
abs
25.00MHz output nominal
39.32360
40.67640
ns
2
Output High Voltage
V
OH
I
OH = -1 mA
2.4
V
1
Output Low Voltage
VOL
IOL = 1 mA
0.4
V
1
Rising Edge Slew Rate
t
SLR
Measured from 0.8 to 2.0 V
1
1.8
2
V/ns
1
Falling Edge Slew Rate
tFLR
Measured from 2.0 to 0.8 V
1
1.8
2
V/ns
1
Duty Cycle
d
t1
V
T = 1. 5 V
45
49.6
55
%1
Jitter, Cycle to cycle
t
jcyc-cyc
V
T = 1. 5 V
150
500
ps
1
Electrical Characteristics - 12.288MHz
PARAMETER
SYMBOL
CON DITIONS
MIN
TYP
MAX
UNITS NOTES
Long Accuracy
ppm
see Tperiod min-max values
-100
0
100
ppm1,2
Clock period
Tperiod
12.288MHz output nominal
81.37207
81.38835
ns
2,3
Absolute min/max period
T
abs
12.288MHz output nominal
80.87207
81.88835
ns
2
Output High Voltage
V
OH
I
OH = -1 mA
2.4
V
1
Output Low Voltage
VOL
IOL = 1 mA
0.4
V
1
Rising Edge Slew Rate
t
SLR
Measured from 0.8 to 2.0 V
1
1.8
2
V/ns
1
Falling Edge Slew Rate
tFLR
Measured from 2.0 to 0.8 V
1
1.8
2
V/ns
1
Duty Cycle
d
t1
V
T = 1. 5 V
45
50.1
55
%1
Jitter, Cycle to cycle
t
jcyc-cyc
V
T = 1. 5 V
133
500
ps
1
Electrical Characteristics - REF-14.318MHz
PARAMETER
SYMBOL
C OND ITIONS
MIN
TYP
MAX
UNITS
Notes
Long Accuracy
ppm
see Tperiod min-max va lues
-10 0
0
100
ppm
1,2
Clock period
Tperiod
14.3 18MH z output nominal
69 .82033
69.8 6224
ns
2,3
Absolute min/max period
Tabs
14.3 18MH z output nominal
69 .83400
70.8 4800
ns
2
Output High Voltage
VOH
IOH = -1 mA
2.4
V
1
Output Low Voltage
VOL
IOL = 1 mA
0 .4
V
1
Rising Edge Slew Rate
tSLR
Measure d from 0.8 to 2.0 V
1
1.5
4
V/ns
1
Falling Edge Slew Rate
tFL R
Measure d from 2 .0 to 0.8 V
1
1.4
4
V/ns
1
Duty Cycle
dt1
VT = 1.5 V
45
50.2
55
%
1
Jitter, Cycle to cycle
tjcyc-cyc
VT = 1.5 V
13 9
1000
ps1
*T
A = Tambient; VDD = 3.3 V +/-5%; C L=5pF, Rs= 22Ω (unles s specif ied otherwise)
1 Guaranteed by design and characterization, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz
3 The average period over any 1us period of time
Electrical Characteristics - Phase Jitter
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP.
MAX
UNITS NOTES
tjphPCIe1
PCIe Gen 1 REFCLK phase jitter
30
86
ps
1,2,3
t
jph PCIe2L o
PCIe Gen 2 REFCLK phase jitter
Lo-band content
1.3
3
ps
(RMS)
1,2,3
t
jphPC Ie2Hi
PCIe Gen 2 REFCLK phase jitter
Hi-band content
1.7
3.1
ps
(RMS)
1,2,3
*T
A = Tambient ; VDD = 3. 3 V +/-5%; C L=5pF, R s= 22Ω (unles s specif ied otherwis e)
Notes on Phase Jitter:
2 Device driven by 932S421BGLF or equivalent
2 Sample size of at least 100K cycles. This figures extrapolates to 108ps pk-pk @ 1M cycles for a B ER of 1-12
3 Applies to PCIEX(3:0) outputs only.
1 See http://www.pcisig.com for complete specs. Guaranteed by design and characterization, not tested in production.
Jitter, Phase


Similar Part No. - 9LPRS436CGILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9LPRS436CGILF RENESAS-9LPRS436CGILF Datasheet
339Kb / 21P
   Low Power Clock for Intel Atom®-Based Systems
1561C 08/24/11
9LPRS436CGILFT RENESAS-9LPRS436CGILFT Datasheet
339Kb / 21P
   Low Power Clock for Intel Atom®-Based Systems
1561C 08/24/11
More results

Similar Description - 9LPRS436CGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPRS436CKILF IDT-ICS9LPRS436CKILF Datasheet
193Kb / 20P
   Low Power Clock for Intel Atom짰-Based Systems
logo
Renesas Technology Corp
9LPRS436C RENESAS-9LPRS436C Datasheet
339Kb / 21P
   Low Power Clock for Intel Atom®-Based Systems
1561C 08/24/11
logo
Integrated Device Techn...
IDTCV193 IDT-IDTCV193 Datasheet
181Kb / 21P
   PROGRAMMABLE FLEXPC LP/S CLOCK FOR INTEL BASED SYSTEMS
logo
Renesas Technology Corp
IDTCV193 RENESAS-IDTCV193 Datasheet
345Kb / 22P
   PROGRAMMABLE FLEXPC LP/S CLOCK FOR INTEL BASED SYSTEMS
APRIL 8, 2009
logo
Adlink Technology Inc.
SP-AL ADLINK-SP-AL Datasheet
408Kb / 2P
   Intel Atom짰 Processor-based Fanless Panel Computer
logo
Cypress Semiconductor
C9812 CYPRESS-C9812 Datasheet
269Kb / 18P
   Low EMI Clock Generator for Intel 810E Chipset Systems
logo
Integrated Device Techn...
ICS9LRS3187B IDT-ICS9LRS3187B Datasheet
199Kb / 20P
   PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
logo
Renesas Technology Corp
ICS9LRS3187B RENESAS-ICS9LRS3187B Datasheet
345Kb / 21P
   PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
2019
9EPRS488 RENESAS-9EPRS488 Datasheet
475Kb / 23P
   System Clock for Embedded AMDTM based Systems
08/20/09
logo
Beckhoff Automation Gmb...
CX5240 BECKHOFF-CX5240 Datasheet
209Kb / 4P
   Embedded PC with Intel Atom짰 processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com