Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

954226AKLFT Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 954226AKLFT
Description  Programmable Timing Control HubTM for Mobile P4TM Systems
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

954226AKLFT Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 954226AKLFT Datasheet HTML 7Page - Integrated Device Technology 954226AKLFT Datasheet HTML 8Page - Integrated Device Technology 954226AKLFT Datasheet HTML 9Page - Integrated Device Technology 954226AKLFT Datasheet HTML 10Page - Integrated Device Technology 954226AKLFT Datasheet HTML 11Page - Integrated Device Technology 954226AKLFT Datasheet HTML 12Page - Integrated Device Technology 954226AKLFT Datasheet HTML 13Page - Integrated Device Technology 954226AKLFT Datasheet HTML 14Page - Integrated Device Technology 954226AKLFT Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
IDT®
Programmable Timing Control HubTM for Mobile P4TM Systems
0930A—04/13/10
954226
Programmable Timing Control HubTM for Mobile P4TM Systems
11
SMBus Table: Byte Count Register
Control
Function
Bit 7
BC7
RW
0
Bit 6
BC6
RW
0
Bit 5
BC5
RW
0
Bit 4
BC4
RW
0
Bit 3
BC3
RW
1
Bit 2
BC2
RW
1
Bit 1
BC1
RW
1
Bit 0
BC0
RW
1
SMBus Table: Watchdog Timer Register
Control
Function
Bit 7
WDH_EN
Watchdog Hard Alarm Enable
RW
0
Bit 6
WDS_EN
Watchdog Soft Alarm Enable
RW
0
Bit 5
WD Hard Status
WD Hard Alarm Status
R
X
Bit 4
WD Soft Status
WD Soft Alarm Status
R
X
Bit 3
WDTCtrl
Watch Dog Time base
Control
RW
0
Bit 2
WD2
WD Timer Bit 2
RW
1
Bit 1
WD1
WD Timer Bit 1
RW
1
Bit 0
WD0
WD Timer Bit 0
RW
1
SMBus Table: VCO Control Select Bit & WD Timer Control Register
Control
Function
Bit 7
M/N_EN
PLLM/N Programming Enable
RW
0
Bit 6
LCDCLK/PCIEX0 SEL
SELPCIEX0/LCDCLK#
RW
latch
Bit 5
REQ_SEL
REQ_SEL
RW
latch
Bit 4
LCDCLK/PCIEX0
Driven in PD
RW
0
Bit 3
WD Safe Freq Source
WD Safe Freq Source
RW
0
Bit 2
WD SFC
RW
0
Bit 1
WD SFB
RW
0
Bit 0
WD SFA
RW
0
SMBus Table: VCO Frequency Control Register
Control
Function
Bit 7
N Div8
N Divider Prog bit 8
RW
X
Bit 6
N Div 9
N Divider Prog bit 9
RW
X
Bit 5
M Div5
RW
X
Bit 4
M Div4
RW
X
Bit 3
M Div3
RW
X
Bit 2
M Div2
RW
X
Bit 1
M Div1
RW
X
Bit 0
M Div0
RW
X
Alarm
M Divider Programming bits
LCDCLK
PCIEX0
-
-
The decimal representation of M and N
Divier in Byte 11 and 12 will configure the
VCO frequency. Default at power up =
latch-in or Byte 0 Rom table. VCO
Frequency = 14.318 x [NDiv(9:0)+8] /
[MDiv(5:0)+2]
1
0
-
PWD
Type
Name
Watch Dog Safe Freq
Programming bits
Writing to these bit will configure the safe
frequency as Byte0 bit (4:0).
PWD
-
PCIEX5
PEREQ
Byte 10
Pin #
Name
-
Normal
Normal
-
-
Latch
Inputs/Byte6[2:0]
These bits represent X*290ms (or 1.16S)
the watchdog timer waits before it goes to
alarm mode. Default is 7 X 290ms = 2s.
290ms Base
B10b(2:0)
Name
Type
0
Disable
PWD
PWD
1
1
Byte 8
Name
Type
-
Byte Count Programming
b(7:0)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Byte 9
Pin #
-
-
-
-
-
-
-
-
-
-
Pin #
Byte 11
Pin #
0
Writing to this register will configure how
many bytes will be read back, default is
0F = 15 bytes.
Type
0
1
1160ms Base
Enable
Disable
Driven
Hi-Z
Disable
Enable
Alarm
Enable


Similar Part No. - 954226AKLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
954226 RENESAS-954226 Datasheet
207Kb / 22P
   Programmable Timing Control HubTM for Mobile P4TM Systems
04/13/10
More results

Similar Description - 954226AKLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
954226 RENESAS-954226 Datasheet
207Kb / 22P
   Programmable Timing Control HubTM for Mobile P4TM Systems
04/13/10
logo
Integrated Circuit Syst...
ICS954204 ICST-ICS954204 Datasheet
199Kb / 16P
   Programmable Timing Control HubTM for Mobile P4TM Systems
ICS950202 ICST-ICS950202 Datasheet
162Kb / 19P
   Programmable Timing Control HubTM for P4TM
logo
Renesas Technology Corp
ICS950202 RENESAS-ICS950202 Datasheet
416Kb / 21P
   Programmable Timing Control HubTM for P4TM
2019
ICS950201 RENESAS-ICS950201 Datasheet
343Kb / 16P
   Programmable Timing Control HubTM for P4TM
01/25/10
ICS951104 RENESAS-ICS951104 Datasheet
584Kb / 21P
   Programmable Timing Control HubTM for P4TM
2019
ICS932S208 RENESAS-ICS932S208 Datasheet
283Kb / 22P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
logo
Integrated Device Techn...
9E4101AFILF IDT-9E4101AFILF Datasheet
194Kb / 19P
   Programmable Timing Control HubTM for Intel Systems
logo
Renesas Technology Corp
ICS9E4101 RENESAS-ICS9E4101 Datasheet
329Kb / 20P
   Programmable Timing Control HubTM for Intel Systems
2019
logo
Integrated Device Techn...
ICS952601 IDT-ICS952601 Datasheet
232Kb / 25P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com