Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

954226AKLFT Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 954226AKLFT
Description  Programmable Timing Control HubTM for Mobile P4TM Systems
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

954226AKLFT Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 954226AKLFT Datasheet HTML 3Page - Integrated Device Technology 954226AKLFT Datasheet HTML 4Page - Integrated Device Technology 954226AKLFT Datasheet HTML 5Page - Integrated Device Technology 954226AKLFT Datasheet HTML 6Page - Integrated Device Technology 954226AKLFT Datasheet HTML 7Page - Integrated Device Technology 954226AKLFT Datasheet HTML 8Page - Integrated Device Technology 954226AKLFT Datasheet HTML 9Page - Integrated Device Technology 954226AKLFT Datasheet HTML 10Page - Integrated Device Technology 954226AKLFT Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
IDT®
Programmable Timing Control HubTM for Mobile P4TM Systems
0930A—04/13/10
954226
Programmable Timing Control HubTM for Mobile P4TM Systems
7
Table2: LCDCLK Spread and Frequency Selection Table
Pin
17/18
MHz
0
0
0
0
0
96.00
0
0
0
0
1
96.00
0
0
0
1
0
96.00
0
0
0
1
1
96.00
0
0
1
0
0
96.00
0
0
1
0
1
96.00
0
0
1
1
0
96.00
0
0
1
1
1
96.00
0
1
0
0
0
96.00
0
1
0
0
1
96.00
0
1
0
1
0
96.00
0
1
0
1
1
96.00
0
1
1
0
0
96.00
0
1
1
0
1
96.00
0
1
1
1
0
96.00
0
1
1
1
1
96.00
10
0
0
0
100.00
10
0
0
1
100.00
10
0
1
0
100.00
10
0
1
1
100.00
10
1
0
0
100.00
10
1
0
1
100.00
10
1
1
0
100.00
10
1
1
1
100.00
11
0
0
0
100.00
11
0
0
1
100.00
11
0
1
0
100.00
11
0
1
1
100.00
11
1
0
0
100.00
11
1
0
1
100.00
11
1
1
0
100.00
11
1
1
1
100.00
Byte 6b7
Byte 6b6
Byte 6b5
Byte 6b4
Byte 6b3
Spread
%
0.8 Down
1 Down
1.25 Down
1.75 Down
1.5 Down
2.5 Down
2 Down
3 Down
+/-0.3 Center
+/-0.4 Center
+/-0.5 Center
+/-0.6 Center
+/-0.8 Center
+/-1.0 Center
+/-1.25 Center
+/-1.5 Center
0.8 Down
1 Down
1.25 Down
1.5 Down
1.75 Down
2 Down
2.5 Down
3 Down
+/-0.3 Center
+/-1.0 Center
+/-1.25 Center
+/-1.5 Center
+/-0.4 Center
+/-0.5 Center
+/-0.6 Center
+/-0.8 Center


Similar Part No. - 954226AKLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
954226 RENESAS-954226 Datasheet
207Kb / 22P
   Programmable Timing Control HubTM for Mobile P4TM Systems
04/13/10
More results

Similar Description - 954226AKLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
954226 RENESAS-954226 Datasheet
207Kb / 22P
   Programmable Timing Control HubTM for Mobile P4TM Systems
04/13/10
logo
Integrated Circuit Syst...
ICS954204 ICST-ICS954204 Datasheet
199Kb / 16P
   Programmable Timing Control HubTM for Mobile P4TM Systems
ICS950202 ICST-ICS950202 Datasheet
162Kb / 19P
   Programmable Timing Control HubTM for P4TM
logo
Renesas Technology Corp
ICS950202 RENESAS-ICS950202 Datasheet
416Kb / 21P
   Programmable Timing Control HubTM for P4TM
2019
ICS950201 RENESAS-ICS950201 Datasheet
343Kb / 16P
   Programmable Timing Control HubTM for P4TM
01/25/10
ICS951104 RENESAS-ICS951104 Datasheet
584Kb / 21P
   Programmable Timing Control HubTM for P4TM
2019
ICS932S208 RENESAS-ICS932S208 Datasheet
283Kb / 22P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
logo
Integrated Device Techn...
9E4101AFILF IDT-9E4101AFILF Datasheet
194Kb / 19P
   Programmable Timing Control HubTM for Intel Systems
logo
Renesas Technology Corp
ICS9E4101 RENESAS-ICS9E4101 Datasheet
329Kb / 20P
   Programmable Timing Control HubTM for Intel Systems
2019
logo
Integrated Device Techn...
ICS952601 IDT-ICS952601 Datasheet
232Kb / 25P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com