Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGP204 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 9FGP204
Description  Frequency Timing Generator for Peripherals
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGP204 Datasheet(HTML) 1 Page - Integrated Device Technology

  9FGP204 Datasheet HTML 1Page - Integrated Device Technology 9FGP204 Datasheet HTML 2Page - Integrated Device Technology 9FGP204 Datasheet HTML 3Page - Integrated Device Technology 9FGP204 Datasheet HTML 4Page - Integrated Device Technology 9FGP204 Datasheet HTML 5Page - Integrated Device Technology 9FGP204 Datasheet HTML 6Page - Integrated Device Technology 9FGP204 Datasheet HTML 7Page - Integrated Device Technology 9FGP204 Datasheet HTML 8Page - Integrated Device Technology 9FGP204 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
9FGP204
IDT®
Frequency Timing Generator for Peripherals
1604B—08/29/11
Frequency Timing Generator for Peripherals
1
DATASHEET
Pin Configuration
Recommended Application:
Peripheral Clock for Intel Server
Output Features:
1 - 0.7V current-mode differential CPU pair
6 - 50MHz RMII outputs
2 - 125MHz RGMII outputs
1 - DOT 96MHz output
1 - 33.33MHz output
1 - 32.768KHz output
2 - 25MHz REF outputs
Key Specifications:
Exact synthesis on CPU, RGMII, RMII & 33.33MHz
clocks
+/- 100ppm frequency accuracy on other clocks
Features/Benefits:
Selectable SMBus Address - D0/D1 or C0/C1
Spread Spectrum capability on CPU and DOT 96MHz
clocks
SMBus Control:
- M/N and spread programming on CPU and DOT
96MHz clocks via SMBus
- Differential outputs can be disabled via pins or SMBus
40 39 38 37 36 35 34 33 32 31
GND 130 GNDRMII
VDD96 229 RMII2
DOT96SST 328 RMII3
DOT96SSC 427 GNDRMII
OE_96 526 VDDRMII
OE_CPU 625 RMII4
CPUCLKT0 724 RMII5
CPUCLKC0 823 VDD33
VDDCPU 922 33.33MHZ/**SMBADR
GNDCPU 10
21 GND33
11 12 13 14 15 16 17 18 19 20
9FGP204
40-MLF
* Internal Pull-Up Resistor
** Internal Pull-Dow n Resistor
CPU FS2
CPU FS1
CPU FS0
Byte0 Bit2 Byte0 Bit1 Byte0 Bit0
0
0
0
266.67
96.00
33.33
50.00
125.00
25.00
32.768
0
0
1
133.33
96.00
33.33
50.00
125.00
25.00
32.768
0
1
0
200.00
96.00
33.33
50.00
125.00
25.00
32.768
0
1
1
166.67
96.00
33.33
50.00
125.00
25.00
32.768
1
0
0
333.33
96.00
33.33
50.00
125.00
25.00
32.768
1
0
1
100.00
96.00
33.33
50.00
125.00
25.00
32.768
1
1
0
400.00
96.00
33.33
50.00
125.00
25.00
32.768
1
1
1
Reserved
96.00
33.33
50.00
125.00
25.00
32.768
Power up default is highlighted.
25
MHz
32.768
KHz
RMII
MHz
Functionality
CPUCLK
MHz
DOT96SS
MHz
33.33
MHz
RGMII
MHz
SMBus Address Selection
*SMBADR = 0
SMBADR = 1
D0/D1
C0/C1
* Default value
SMBADR


Similar Part No. - 9FGP204

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGP204 RENESAS-9FGP204 Datasheet
320Kb / 19P
   Frequency Timing Generator for Peripherals
04/23/15
9FGP204BKLF RENESAS-9FGP204BKLF Datasheet
320Kb / 19P
   Frequency Timing Generator for Peripherals
04/23/15
9FGP204BKLFT RENESAS-9FGP204BKLFT Datasheet
320Kb / 19P
   Frequency Timing Generator for Peripherals
04/23/15
More results

Similar Description - 9FGP204

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGP202 RENESAS-9FGP202 Datasheet
427Kb / 20P
   FREQUENCY TIMING GENERATOR FOR PERIPHERALS
REV D 070511
9FGP205 RENESAS-9FGP205 Datasheet
323Kb / 19P
   Frequency Timing Generator for Peripherals
07/16/14
logo
Integrated Device Techn...
9FGP205 IDT-9FGP205 Datasheet
264Kb / 18P
   Frequency Timing Generator for Peripherals
9FGP202A IDT-9FGP202A Datasheet
231Kb / 19P
   FREQUENCY TIMING GENERATOR FOR PERIPHERALS
logo
Renesas Technology Corp
9FGP204 RENESAS-9FGP204 Datasheet
320Kb / 19P
   Frequency Timing Generator for Peripherals
04/23/15
logo
Integrated Circuit Syst...
ICS952301 ICST-ICS952301 Datasheet
588Kb / 12P
   Frequency Timing Generator for Transmeta Systems
ICS9248-192 ICST-ICS9248-192 Datasheet
105Kb / 12P
   Frequency Timing Generator for Transmeta Systems
logo
Renesas Technology Corp
ICS9248-192 RENESAS-ICS9248-192 Datasheet
387Kb / 14P
   Frequency Timing Generator for Transmeta Systems
2019
logo
Integrated Circuit Syst...
ICS9248-65 ICST-ICS9248-65 Datasheet
264Kb / 10P
   Frequency Timing Generator for PENDIUM II Systems
ICS9248-73 ICST-ICS9248-73 Datasheet
356Kb / 15P
   Frequency Timing Generator for Pentium II Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com