Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H2U262GKBA0100 Datasheet(PDF) 5 Page - Unictron Technologies Corporation

Part # H2U262GKBA0100
Description  5x2.2x1.6 Bluetooth/Wi-Fi Chip Antenna (Standard)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNICTRON [Unictron Technologies Corporation]
Direct Link  http://www.unictron.com
Logo UNICTRON - Unictron Technologies Corporation

H2U262GKBA0100 Datasheet(HTML) 5 Page - Unictron Technologies Corporation

  H2U262GKBA0100 Datasheet HTML 1Page - Unictron Technologies Corporation H2U262GKBA0100 Datasheet HTML 2Page - Unictron Technologies Corporation H2U262GKBA0100 Datasheet HTML 3Page - Unictron Technologies Corporation H2U262GKBA0100 Datasheet HTML 4Page - Unictron Technologies Corporation H2U262GKBA0100 Datasheet HTML 5Page - Unictron Technologies Corporation H2U262GKBA0100 Datasheet HTML 6Page - Unictron Technologies Corporation H2U262GKBA0100 Datasheet HTML 7Page - Unictron Technologies Corporation H2U262GKBA0100 Datasheet HTML 8Page - Unictron Technologies Corporation H2U262GKBA0100 Datasheet HTML 9Page - Unictron Technologies Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Tolerances (Unless otherwise specified)
X : ± 1
X.X : ± 0.1
X.XX : ± 0.01
Angle : ±
Hole Dia. : ±
Unictron Technologies Corporation
Website: www.unictron.com
Scale :
Unit:mm
Prepared By : Gilespi
Checked By : Jason
Designed By :Wilson
Approved By :Jaixing
THIS
SPECIFICATION
IS
THE
PROPERTY
OF
UNICTRON
TECHNOLOGIES CORPORATION AND SHALL NOT BE REPRODUCED
OR USED IN ALL CIRCUMSTANCES WITHOUT WRITTEN PERMISSION
DOCUMENT
REV.
TITLE: 5x2.2x1.6 Bluetooth/Wi-Fi Chip
Antenna (Standard)
NO.
H2U262GKBA0100
C
PAGE
5
OF
10
7. Electrical Characteristics (On 100x55 mm ground plane)
a. Type A
Return Loss(S11)
Smith Chart
b. Type B
Return Loss(S11)
Smith Chart


Similar Part No. - H2U262GKBA0100

ManufacturerPart #DatasheetDescription
logo
Unictron Technologies C...
H2U14W1H2A0100 UNICTRON-H2U14W1H2A0100 Datasheet
1Mb / 23P
   GNSS Ceramic Chip Antenna
H2U1631S1A0100 UNICTRON-H2U1631S1A0100 Datasheet
957Kb / 10P
   10 x 3.2 x 3.9 GPS Chip Antenna (AA064)
H2U16V1A1A0100 UNICTRON-H2U16V1A1A0100 Datasheet
646Kb / 10P
   10 x 3.2 x 2.0 GPS Chip Antenna (AA065)
H2U34W1H1Q0300 UNICTRON-H2U34W1H1Q0300 Datasheet
1Mb / 12P
   3.2 x 1.6 x 0.5 WiFi / HDMI Ceramic Chip Antenna (AA106)
H2U34W1H1Z0400 UNICTRON-H2U34W1H1Z0400 Datasheet
1Mb / 19P
   WiFi/Bluetooth Ceramic Chip Antenna
More results

Similar Description - H2U262GKBA0100

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APAMBJ-145 ABRACON-APAMBJ-145 Datasheet
3Mb / 3P
   Bluetooth/Wi-Fi Antenna Module
02.09.16
logo
World Produts Inc.
WPANT10038 WPI-WPANT10038 Datasheet
52Kb / 1P
   Bluetooth / Wi-Fi Flex Antenna
WPANT10001 WPI-WPANT10001 Datasheet
179Kb / 3P
   Bluetooth / BLE / Wi-Fi / Zigbee Embedded Antenna
WPANT10002 WPI-WPANT10002 Datasheet
171Kb / 3P
   Bluetooth / BLE / Wi-Fi / Zigbee Embedded Antenna
WPANT10053 WPI-WPANT10053 Datasheet
137Kb / 3P
   Bluetooth / BLE / Wi-Fi / Zigbee Embedded Antenna
WPANT10066 WPI-WPANT10066 Datasheet
162Kb / 3P
   Bluetooth / BLE / Wi-Fi / Zigbee Embedded Antenna
WPANT10067 WPI-WPANT10067 Datasheet
129Kb / 3P
   Bluetooth / BLE / Wi-Fi / Zigbee Embedded Antenna
WPANT10018 WPI-WPANT10018 Datasheet
151Kb / 2P
   2.4 GHz Wi-Fi / Bluetooth Flex Antenna
WPANT10018-CF WPI-WPANT10018-CF Datasheet
222Kb / 4P
   2.4 GHz Wi-Fi / Bluetooth Flex Antenna
WPANT10001-SB WPI-WPANT10001-SB Datasheet
284Kb / 5P
   2.4 GHz Bluetooth / Wi-Fi / Zigbee Embedded Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com