Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H2P14UGTRW0100 Datasheet(PDF) 7 Page - Unictron Technologies Corporation

Part # H2P14UGTRW0100
Description  5.0 x 3.0 x 0.5 GPS Ceramic Chip Antenna (AA095)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNICTRON [Unictron Technologies Corporation]
Direct Link  http://www.unictron.com
Logo UNICTRON - Unictron Technologies Corporation

H2P14UGTRW0100 Datasheet(HTML) 7 Page - Unictron Technologies Corporation

Back Button H2P14UGTRW0100 Datasheet HTML 3Page - Unictron Technologies Corporation H2P14UGTRW0100 Datasheet HTML 4Page - Unictron Technologies Corporation H2P14UGTRW0100 Datasheet HTML 5Page - Unictron Technologies Corporation H2P14UGTRW0100 Datasheet HTML 6Page - Unictron Technologies Corporation H2P14UGTRW0100 Datasheet HTML 7Page - Unictron Technologies Corporation H2P14UGTRW0100 Datasheet HTML 8Page - Unictron Technologies Corporation H2P14UGTRW0100 Datasheet HTML 9Page - Unictron Technologies Corporation H2P14UGTRW0100 Datasheet HTML 10Page - Unictron Technologies Corporation H2P14UGTRW0100 Datasheet HTML 11Page - Unictron Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Tolerances (Unless otherwise specified)
X : ± 1
X.X : ± 0.1
X.XX : ± 0.01
Angle : ±
Hole Dia. : ±
Unictron Technologies Corporation
Website: www.unictron.com
Scale :
Unit:mm
Prepared By : Meiping
Checked By : Herbert
Designed By : Mike
Approved By : Jeff
THIS
SPECIFICATION
IS
THE
PROPERTY
OF
UNICTRON
TECHNOLOGIES CORPORATION AND SHALL NOT BE REPRODUCED
OR USED IN ALL CIRCUMSTANCES WITHOUT WRITTEN PERMISSION
DOCUMENT
REV.
TITLE: 5.0 x 3.0 x 0.5 GPS Ceramic Chip
Antenna (AA095)
NO.
H2P14UGTRW0100
D
PAGE
7
OF
11
8. Layout Guide:
a. Solder Land Pattern:
Land pattern for soldering (gray marking areas) is as shown below. Depending on
Customer’s requirement, matching circuit as shown below is also recommended .
Top View
Back View
Unit:mm
9. Frequency tuning:
a. Chip antenna tuning scenario:
Matching circuit
Feed
Fine tuning element


Similar Part No. - H2P14UGTRW0100

ManufacturerPart #DatasheetDescription
logo
Unictron Technologies C...
H2P13AAAAB0300 UNICTRON-H2P13AAAAB0300 Datasheet
219Kb / 5P
   1575.42 MHz GPS ceramic patch antenna
H2P13BAAAB0100 UNICTRON-H2P13BAAAB0100 Datasheet
226Kb / 5P
   1575.42 MHz GPS ceramic patch antenna
H2P13CABAC0100 UNICTRON-H2P13CABAC0100 Datasheet
219Kb / 5P
   1575.42 MHz GPS ceramic patch antenna
H2P13DABAC0100 UNICTRON-H2P13DABAC0100 Datasheet
233Kb / 5P
   1575.42 MHz GPS ceramic patch antenna
H2P13EACAF0100 UNICTRON-H2P13EACAF0100 Datasheet
219Kb / 5P
   1575.42 MHz GPS ceramic patch antenna
More results

Similar Description - H2P14UGTRW0100

ManufacturerPart #DatasheetDescription
logo
Unictron Technologies C...
H2B1BE1A1B0200 UNICTRON-H2B1BE1A1B0200 Datasheet
378Kb / 5P
   50 x 5.0 x 0.5 WiFi PCB Substrate Antenna(AA107)
H2U34W1H1Q0300 UNICTRON-H2U34W1H1Q0300 Datasheet
1Mb / 12P
   3.2 x 1.6 x 0.5 WiFi / HDMI Ceramic Chip Antenna (AA106)
H2U16V1A1A0100 UNICTRON-H2U16V1A1A0100 Datasheet
646Kb / 10P
   10 x 3.2 x 2.0 GPS Chip Antenna (AA065)
H2U1631S1A0100 UNICTRON-H2U1631S1A0100 Datasheet
957Kb / 10P
   10 x 3.2 x 3.9 GPS Chip Antenna (AA064)
logo
Emerson Network Power
NFS40SERIES EMERSON-NETWORKPOWER-NFS40SERIES Datasheet
1Mb / 4P
   5.0 x 3.0 x 1.2 inch package
logo
Abracon Corporation
APAE1575R2520ABDD7-T ABRACON-APAE1575R2520ABDD7-T Datasheet
2Mb / 3P
   1575.42MHZ; 25.0 x 25.0 x 2.0mm GPS Patch Antenna
11.13.14
APAE1575R1820ABDC1-T ABRACON-APAE1575R1820ABDC1-T Datasheet
1Mb / 3P
   1575.42MHZ; 18.0 x 18.0 x 2.0mm GPS Patch Antenna
01.30.14
APAE1575R1840AADB7-T ABRACON-APAE1575R1840AADB7-T Datasheet
3Mb / 3P
   1575.42MHZ; 18.0 x 18.0 x 4.0mm GPS Patch Antenna
08.20.15
APAE1575R1240ABDD1-T ABRACON-APAE1575R1240ABDD1-T Datasheet
1Mb / 3P
   1575.42MHZ; 12 x 12 x 4mm GPS Patch Antenna
01.13.14
APAE1575R1340ABDD6-T ABRACON-APAE1575R1340ABDD6-T Datasheet
2Mb / 3P
   1575.42MHZ; 13 x 13 x 4mm GPS Patch Antenna
01.19.14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com