Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US3G Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # US3G
Description  Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 3.0 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

US3G Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  US3G Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd US3G Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US3J
600
420
60
100
SIYU R
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
-55 --- +150
V
V
V
A
A
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
特征
Features
·反向漏电流低
Low reverse leakage
·正向浪涌承受能力较强
High forward surge capability
·高温焊接保证
High temperature soldering guaranteed:
260℃/10 秒 seconds at terminals
机械数据 Mechanical Data
·端子
: 焊料被镀 Terminals: Solder plated
·极性
: 色环端为负极 Polarity: Color band denotes cathode end
·安装位置
: 任意 Mounting Position: Any
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温和存储温度
符号
Symbols
单位
Unit
Surface Mounted High-efficiency Rectifier
Operating junction and storage temperature range
Tj, TSTG
RθJA
大昌电子
DACHANG ELECTRONICS
·封装
: 塑料封装 Case: Molded plastic body
表面安装高效率整流二极管
600
3.0
10
75
1.7
最大反向电流
TA= 25℃
最大反向恢复时间
IF=0.5A IR=1.0A IRR=0.25A
典型结电容
VR = 4.0V, f = 1MHz
V
μA
nS
IR
trr
Maximum reverse current
Type junction capacitance
符号
Symbols
单位
Unit
MAX. Reverse Recovery Time
VF
IF = 3.0A
pF
15
最大正向电压
Maximum forward voltage
Cj
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
500
TA= 125℃
SMC
.246(6.22)
.220(5.59)
.128(3.25)
.108(2.75)
.280(7.11)
.260(6.60)
.012(0.305)
.006(0.152)
.320(8.13)
.305(7.75)
.050(1.27)
.030(0.76)
Unit:inch(mm)
.103(2.62)
.079(2.00)
.008(0.203)
.002(0.051)
US3A ...... US3M
Reverse Voltage 50 --- 1000 V
Forward Current 3.0 A
反向电压
50 --- 1000 V
正向电流
3.0 A
US3K
800
560
800
US3M
1000
700
1000
US3G
400
280
400
US3D
200
140
200
US3B
100
70
100
US3A
50
35
50
US3J
US3K US3M
US3G
US3D
US3B
US3A
1.3
1.0
50


Similar Part No. - US3G

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
US3G DGNJDZ-US3G Datasheet
154Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Shanghai Sunrise Electr...
US3G SSE-US3G Datasheet
17Kb / 1P
   SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
SAMYANG ELECTRONICS CO....
US3G SAMYANG-US3G Datasheet
1Mb / 2P
   ULTRA FAST RECTIFIER
logo
Formosa MS
US3G FORMOSA-US3G Datasheet
118Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Diotec Semiconductor
US3G DIOTEC-US3G Datasheet
143Kb / 2P
   Ultrafast Recovery SMD Rectifier Diodes
More results

Similar Description - US3G

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
US1A DACHANG-US1A Datasheet
120Kb / 2P
   Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 1.0 A
US2A DACHANG-US2A Datasheet
118Kb / 2P
   Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 2.0 A
US1AL DACHANG-US1AL Datasheet
129Kb / 2P
   Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 1.0 A
RS3A DACHANG-RS3A Datasheet
118Kb / 2P
   Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0 A
1N5400G DACHANG-1N5400G Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0 A
1N5400 DACHANG-1N5400 Datasheet
122Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0 A
logo
Microdiode Electronics ...
HER302 CHENDA-HER302 Datasheet
321Kb / 2P
   HIGH EFFICIENCY RECTIFIER Reverse Voltage: 50 to 1000 Volts Forward Current: 3.0Amperes
HER306 CHENDA-HER306 Datasheet
321Kb / 2P
   HIGH EFFICIENCY RECTIFIER Reverse Voltage: 50 to 1000 Volts Forward Current: 3.0Amperes
HER308 CHENDA-HER308 Datasheet
321Kb / 2P
   HIGH EFFICIENCY RECTIFIER Reverse Voltage: 50 to 1000 Volts Forward Current: 3.0Amperes
HER305 CHENDA-HER305 Datasheet
321Kb / 2P
   HIGH EFFICIENCY RECTIFIER Reverse Voltage: 50 to 1000 Volts Forward Current: 3.0Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com