Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT2309B-1HDCGI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT2309B-1HDCGI
Description  3.3V ZERO DELAY CLOCK BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT2309B-1HDCGI Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT2309B-1HDCGI Datasheet HTML 1Page - Integrated Device Technology IDT2309B-1HDCGI Datasheet HTML 2Page - Integrated Device Technology IDT2309B-1HDCGI Datasheet HTML 3Page - Integrated Device Technology IDT2309B-1HDCGI Datasheet HTML 4Page - Integrated Device Technology IDT2309B-1HDCGI Datasheet HTML 5Page - Integrated Device Technology IDT2309B-1HDCGI Datasheet HTML 6Page - Integrated Device Technology IDT2309B-1HDCGI Datasheet HTML 7Page - Integrated Device Technology IDT2309B-1HDCGI Datasheet HTML 8Page - Integrated Device Technology IDT2309B-1HDCGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2309B
3.3V ZERO DELAY CLOCK BUFFER
PIN CONFIGURATION
SOIC/ TSSOP
TOP VIEW
Symbol
Rating
Max.
Unit
VDD
Supply Voltage Range
–0.5 to +4.6
V
VI(2)
Input Voltage Range (REF)
–0.5 to +5.5
V
VI
InputVoltageRange
–0.5 to
V
(except REF)
VDD+0.5
IIK (VI < 0)
Input Clamp Current
–50
mA
IO (VO = 0 to VDD)
ContinuousOutputCurrent
±50
mA
VDD or GND
ContinuousCurrent
±100
mA
TA = 55°C
Maximum Power Dissipation
0.7
W
(in still air)(3)
TSTG
StorageTemperatureRange
–65 to +150
°C
Operating
CommercialTemperature
0 to +70
°C
Temperature
Range
Operating
IndustrialTemperature
-40 to +85
°C
Temperature
Range
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. The input and output negative-voltage ratings may be exceeded if the input and output
clamp-current ratings are observed.
3. The maximum package power dissipation is calculated using a junction temperature
of 150°C and a board trace length of 750 mils.
NOTES:
1. Weak pull down.
2. Weak pull down on all outputs.
3. Weak pull ups on these inputs.
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS(1)
Pin Name
Pin Number
Type
Functional Description
REF(1)
1
IN
Input reference clock, 5 Volt tolerant input
CLKA1(2)
2
Out
Output clock for bank A
CLKA2(2)
3
Out
Output clock for bank A
VDD
4, 13
PWR
3.3V Supply
GND
5, 12
GND
Ground
CLKB1(2)
6
Out
Output clock for bank B
CLKB2(2)
7
Out
Output clock for bank B
S2(3)
8
IN
Select input Bit 2
S1(3)
9
IN
Select input Bit 1
CLKB3(2)
10
Out
Output clock for bank B
CLKB4(2)
11
Out
Output clock for bank B
CLKA3(2)
14
Out
Output clock for bank A
CLKA4(2)
15
Out
Output clock for bank A
CLKOUT(2)
16
Out
Output clock, internal feedback on this pin
APPLICATIONS:
SDRAM
Telecom
Datacom
PC Motherboards/Workstations
Critical Path Delay Designs
REF
CLKA1
S2
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
CLKA2
GND
CLKB1
CLKOUT
CLKA4
GND
S1
VDD
VDD
CLKB2
CLKB3
CLKB4
CLKA3


Similar Part No. - IDT2309B-1HDCGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT2309B-1HDCGI RENESAS-IDT2309B-1HDCGI Datasheet
299Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
More results

Similar Description - IDT2309B-1HDCGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305 Datasheet
132Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
2305B-1DCGI8 IDT-2305B-1DCGI8 Datasheet
155Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
2305-1HDCGI8 IDT-2305-1HDCGI8 Datasheet
145Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B_09 Datasheet
160Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305A IDT-IDT2305A Datasheet
53Kb / 7P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305_07 Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
logo
Renesas Technology Corp
IDT2305A RENESAS-IDT2305A Datasheet
271Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com