Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2305NZT-1DCG8 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 2305NZT-1DCG8
Description  2.5V CLOCK BUFFER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

2305NZT-1DCG8 Datasheet(HTML) 5 Page - Integrated Device Technology

  2305NZT-1DCG8 Datasheet HTML 1Page - Integrated Device Technology 2305NZT-1DCG8 Datasheet HTML 2Page - Integrated Device Technology 2305NZT-1DCG8 Datasheet HTML 3Page - Integrated Device Technology 2305NZT-1DCG8 Datasheet HTML 4Page - Integrated Device Technology 2305NZT-1DCG8 Datasheet HTML 5Page - Integrated Device Technology 2305NZT-1DCG8 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
COMMERCIALTEMPERATURERANGE
IDT2305NZT
2.5VCLOCKBUFFER
Package Outline and Package Dimensions (8-pin SOIC, 150 Mil. Body)
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
1.35
1.75
0.0532
0.0688
A1
0.1
0.25
0.004
0.0098
B
0.33
0.51
0.013
0.02
C
0.19
0.25
0.0075
0.0098
D
4.8
5
0.189
0.1968
E
3.8
4
0.1497
0.1574
e
H
5.8
6.2
0.2284
0.244
h
0.25
0.5
0.01
0.02
L
0.4
1.27
0.016
0.05
a
1.27 BASIC
0.050 BASIC


Similar Part No. - 2305NZT-1DCG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2305NZT-1DCG8 RENESAS-2305NZT-1DCG8 Datasheet
287Kb / 7P
   2.5V CLOCK BUFFER
JANUARY 2012
More results

Similar Description - 2305NZT-1DCG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT2305NZT RENESAS-IDT2305NZT Datasheet
287Kb / 7P
   2.5V CLOCK BUFFER
JANUARY 2012
logo
Integrated Device Techn...
IDT2305NZT IDT-IDT2305NZT Datasheet
46Kb / 5P
   2.5V CLOCK BUFFER
ICS854110I IDT-ICS854110I Datasheet
851Kb / 21P
   2.5V Differential LVDS Clock Buffer
logo
Renesas Technology Corp
874328I-01 RENESAS-874328I-01 Datasheet
370Kb / 23P
   2.5V Differential Clock Divider/Buffer
January 27, 2016
logo
Integrated Device Techn...
874328I-01 IDT-874328I-01 Datasheet
370Kb / 23P
   2.5V Differential Clock Divider/Buffer
logo
Renesas Technology Corp
ICS854110I RENESAS-ICS854110I Datasheet
1Mb / 22P
   2.5V Differential LVDS Clock Buffer
JANUARY 27, 2011
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Cypress Semiconductor
CY7C9925 CYPRESS-CY7C9925 Datasheet
277Kb / 12P
   3.3V/2.5V Programmable Skew Clock Buffer
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
   2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com