Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74FCT388915T13PY Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 74FCT388915T13PY
Description  3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT388915T13PY Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 74FCT388915T13PY Datasheet HTML 2Page - Integrated Device Technology 74FCT388915T13PY Datasheet HTML 3Page - Integrated Device Technology 74FCT388915T13PY Datasheet HTML 4Page - Integrated Device Technology 74FCT388915T13PY Datasheet HTML 5Page - Integrated Device Technology 74FCT388915T13PY Datasheet HTML 6Page - Integrated Device Technology 74FCT388915T13PY Datasheet HTML 7Page - Integrated Device Technology 74FCT388915T13PY Datasheet HTML 8Page - Integrated Device Technology 74FCT388915T13PY Datasheet HTML 9Page - Integrated Device Technology 74FCT388915T13PY Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
COMMERCIALTEMPERATURERANGE
IDT74FCT388915T
3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (3-STATE)
9
t
S YNC IN PUT
t
"Q" OUTPUTS
t
tt
t
tPD
SYNC IN PUT
(SYNC (1) or
SYNC (0))
FEED BAC K
INPUT
Q/2 OUTPUT
Q0-Q4
OUTPUTS
Q5 OUTPUT
2Q OUTPUT
t
SKEW f
SKEW r
SKEW f
S KEW ALL
S KEW r
CYCLE
CYCLE
1.5V
VCC/2
VCC/2
VCC/2
VCC/2
V CC/2
CONTROL
INPUT
3V
1.5V
0V
3V
0V
OUTP UT
NORM ALLY
LOW
OUTP UT
NORM ALLY
HIGH
SW ITCH
6V
SW ITCH
GND
VOL
0.3V
0.3V
tPLZ
tPZL
tPZH
tPHZ
3V
0V
1.5V
1.5V
ENA BLE
D ISAB LE
VOH
Pulse
Generator
D.U.T.
V CC
V IN
V OUT
100
Ω
100
Ω
RT
V CC
20pF
CL
Pulse
Generator
D.U.T.
V CC
V IN
V OUT
500
Ω
GND
6.0V
500
Ω
RT
(These waveforms represent the configuration of Figure 3a)
NOTES:
1. The FCT388915T aligns rising edges of the FEEDBACK input and SYNC input, therefore the SYNC input does not require a 50% duty cycle.
2. All skew specs are measured between the VCC/2 crossing point of the appropriate output edges. All skews are specified as "windows", not as ± deviation around a center point.
3. If a Q ouput is connected to the FEEDBACK input (this situation is not shown), the Q output frequency would match the SYNC input frequency, the 2Q output would run at twice
the SYNC frequency and the Q/2 output would run at half the SYNC frequency.
Propagation Delay, Output Skew
TEST CIRCUITS AND WAVEFORMS
Test
Switch
Disable Low
6V
Enable Low
Disable High
GND
Enable High
SWITCH POSITION
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
NOTES:
1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
2. Pulse Generator for All Pulses: tF
≤ 2.5ns; tR ≤ 2.5ns.
Enable and Disable Times
Enable and Disable Test Circuit
50
Ω
Ω
Ω
Ω
Ω to VCC/2, CL = 20pF


Similar Part No. - 74FCT388915T13PY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74FCT3807 RENESAS-74FCT3807 Datasheet
473Kb / 20P
   HIGH-SPEED 3.3V 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
AUGUST 2019
74FCT3807 RENESAS-74FCT3807 Datasheet
394Kb / 20P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
74FCT38072DCGI RENESAS-74FCT38072DCGI Datasheet
218Kb / 6P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
74FCT38072DGGI IDT-74FCT38072DGGI Datasheet
58Kb / 5P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
74FCT38072S IDT-74FCT38072S Datasheet
125Kb / 11P
   Low additive phase jitter RMS
More results

Similar Description - 74FCT388915T13PY

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT388915T IDT-IDT74FCT388915T Datasheet
145Kb / 11P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE)
logo
Renesas Technology Corp
IDT74FCT388915T RENESAS-IDT74FCT388915T Datasheet
506Kb / 13P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
MARCH 2016
logo
Integrated Device Techn...
IDT74FCT88915TT IDT-IDT74FCT88915TT Datasheet
140Kb / 11P
   LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T_01 Datasheet
143Kb / 12P
   Low Voltage Low Skew CMOS PLL Clock Driver, 3-State
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
logo
Integrated Device Techn...
QS5LV931 IDT-QS5LV931 Datasheet
62Kb / 8P
   3.3V LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
logo
Motorola, Inc
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com