Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT388915T Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FCT388915T
Description  3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT388915T Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FCT388915T_05 Datasheet HTML 1Page - Integrated Device Technology IDT74FCT388915T_05 Datasheet HTML 2Page - Integrated Device Technology IDT74FCT388915T_05 Datasheet HTML 3Page - Integrated Device Technology IDT74FCT388915T_05 Datasheet HTML 4Page - Integrated Device Technology IDT74FCT388915T_05 Datasheet HTML 5Page - Integrated Device Technology IDT74FCT388915T_05 Datasheet HTML 6Page - Integrated Device Technology IDT74FCT388915T_05 Datasheet HTML 7Page - Integrated Device Technology IDT74FCT388915T_05 Datasheet HTML 8Page - Integrated Device Technology IDT74FCT388915T_05 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
COMMERCIALTEMPERATURERANGE
IDT74FCT388915T
3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (3-STATE)
1
OCTOBER
2008
COMMERCIAL TEMPERATURE RANGE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 2004 Integrated Device Technology, Inc.
DSC-4243/7
FEATURES:
• 0.5 MICRON CMOS Technology
• Input frequency range: 10MHz – f2Q Max. spec
(FREQ_SEL = HIGH)
• Max. output frequency: 150MHz
• Pin and function compatible with FCT88915T, MC88915T
• 5 non-inverting outputs, one inverting output, one 2x output,
one ÷2 output; all outputs are TTL-compatible
• 3-State outputs
• Duty cycle distortion < 500ps (max.)
• 32/–16mA drive at CMOS output voltage levels
•VCC = 3.3V ± 0.3V
• Inputs can be driven by 3.3V or 5V components
• Available in 28 pin PLCC and SSOP packages
FUNCTIONAL BLOCK DIAGRAM
IDT74FCT388915T
70/100/133/150
3.3V LOW SKEW PLL-BASED
CMOS CLOCK DRIVER
(WITH 3-STATE)
DESCRIPTION:
The FCT388915T uses phase-lock loop technology to lock the fre-
quency and phase of outputs to the input reference clock. It provides low
skew clock distribution for high performance PCs and workstations. One of
the outputs is fed back to the PLL at the FEEDBACK input resulting in
essentially zero delay across the device. The PLL consists of the phase/
frequency detector, charge pump, loop filter and VCO. The VCO is
designed for a 2Q operating frequency range of 40MHz to f2Q Max.
The FCT388915T provides 8 outputs, the
Q5 output is inverted from the
Q outputs. The 2Q runs at twice the Q frequency and Q/2 runs at half the
Q frequency.
The FREQ_SEL control provides an additional ÷ 2 option in the output
path. PLL _EN allows bypassing of the PLL, which is useful in static test
modes. When PLL_EN is low, SYNC input may be used as a test clock. In
this test mode, the input frequency is not limited to the specified range and
the polarity of outputs is complementary to that in normal operation (PLL_EN
= 1). The LOCK output attains logic HIGH when the PLL is in steady-state
phase and frequency lock. When OE/
RST is low, all the outputs are put in
high impedance state and registers at Q,
Q and Q/2 outputs are reset.
The FCT388915T requires one external loop filter component as
recommended in Figure 3.
Phase/Freq.
Detector
M
u
x
0
1
SYNC (0)
FEED BAC K
SYNC (1)
REF_SEL
PLL_EN
Mux
01
Divide
-By-2
(
÷1)
(
÷2)
1
0
M
u
x
Charge Pum p
Voltage
Controlled
Oscilator
OE/RST
FREQ_SEL
2Q
Q0
Q1
Q2
Q3
Q4
Q5
Q/2
R
D
Q
CP
Q
LF
LOCK
R
D
Q
CP
R
D
Q
CP
R
D
Q
CP
R
D
Q
CP
R
D
Q
CP
R
D
Q
CP


Similar Part No. - IDT74FCT388915T_05

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT388915T100 IDT-IDT74FCT388915T100 Datasheet
145Kb / 11P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE)
IDT74FCT388915T100J IDT-IDT74FCT388915T100J Datasheet
145Kb / 11P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE)
IDT74FCT388915T100JB IDT-IDT74FCT388915T100JB Datasheet
145Kb / 11P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE)
logo
Renesas Technology Corp
IDT74FCT388915T100JG RENESAS-IDT74FCT388915T100JG Datasheet
506Kb / 13P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
MARCH 2016
logo
Integrated Device Techn...
IDT74FCT388915T100L IDT-IDT74FCT388915T100L Datasheet
145Kb / 11P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE)
More results

Similar Description - IDT74FCT388915T_05

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT388915T IDT-IDT74FCT388915T Datasheet
145Kb / 11P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE)
logo
Renesas Technology Corp
IDT74FCT388915T RENESAS-IDT74FCT388915T Datasheet
506Kb / 13P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
MARCH 2016
logo
Integrated Device Techn...
IDT74FCT88915TT IDT-IDT74FCT88915TT Datasheet
140Kb / 11P
   LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T_01 Datasheet
143Kb / 12P
   Low Voltage Low Skew CMOS PLL Clock Driver, 3-State
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
logo
Integrated Device Techn...
QS5LV931 IDT-QS5LV931 Datasheet
62Kb / 8P
   3.3V LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
logo
Motorola, Inc
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com