Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

845252AKILF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 845252AKILF
Description  FemtoClock??Crystal-to-CML Clock Generator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

845252AKILF Datasheet(HTML) 4 Page - Integrated Device Technology

  845252AKILF Datasheet HTML 1Page - Integrated Device Technology 845252AKILF Datasheet HTML 2Page - Integrated Device Technology 845252AKILF Datasheet HTML 3Page - Integrated Device Technology 845252AKILF Datasheet HTML 4Page - Integrated Device Technology 845252AKILF Datasheet HTML 5Page - Integrated Device Technology 845252AKILF Datasheet HTML 6Page - Integrated Device Technology 845252AKILF Datasheet HTML 7Page - Integrated Device Technology 845252AKILF Datasheet HTML 8Page - Integrated Device Technology 845252AKILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ICS845252AKI REVISION A SEPTEMBER 30, 2009
4
©2009 Integrated Device Technology, Inc.
ICS845252I Data Sheet
FEMTOCLOCK™ CRYSTAL-TO-CML CLOCK GENERATOR
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VDD = 3.3V±5%, TA = -40°C to 85°C
Table 4B. Power Supply DC Characteristics, VDD = 2.5V±5%, TA = -40°C to 85°C
Item
Rating
Supply Voltage, VDD
4.6V
Inputs, VI
-0.5V to VDD + 0.5V
Outputs, IO
Continuous Current
Surge Current
10mA
15mA
Package Thermal Impedance,
θ
JA
43.4°C/W (0 mps)
Storage Temperature, TSTG
-65
°C to 150°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Core Supply Voltage
3.135
3.3
3.465
V
VDDA
Analog Supply Voltage
VDD – 0.12
3.3
VDD
V
IDD
Power Supply Current
88
mA
IDDA
Analog Supply Current
12
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Core Supply Voltage
2.375
2.5
2.625
V
VDDA
Analog Supply Voltage
VDD – 0.11
2.5
VDD
V
IDD
Power Supply Current
84
mA
IDDA
Analog Supply Current
11
mA


Similar Part No. - 845252AKILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
845252 RENESAS-845252 Datasheet
414Kb / 17P
   FemtoClock® Crystal-to-CML Clock Generator
November 11, 2016
More results

Similar Description - 845252AKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8R45252I IDT-8R45252I Datasheet
274Kb / 20P
   FemtoClock Crystal-to-CML Clock Generator
logo
Renesas Technology Corp
845264 RENESAS-845264 Datasheet
605Kb / 24P
   FemtoClock®Crystal-to-CML Clock Generator
07/20/15
8R45252I RENESAS-8R45252I Datasheet
498Kb / 21P
   FemtoClock® Crystal-to-CML Clock Generator
January 29, 2016
845252 RENESAS-845252 Datasheet
414Kb / 17P
   FemtoClock® Crystal-to-CML Clock Generator
November 11, 2016
845254 RENESAS-845254 Datasheet
556Kb / 21P
   FemtoClock® Crystal-to-3.3V, 2.5V CML Clock Generator
08/25/15
logo
Integrated Device Techn...
844201 IDT-844201 Datasheet
541Kb / 16P
   FemtoClock Crystal-to-LVDS Clock Generator
ICS841664I IDT-ICS841664I Datasheet
312Kb / 16P
   FEMTOCLOCK??CRYSTAL-TO-HCSL CLOCK GENERATOR
ICS844011 IDT-ICS844011 Datasheet
1,018Kb / 14P
   FemtoClock Crystal-to-LVDS Clock Generator
ICS841664AGILFT IDT-ICS841664AGILFT Datasheet
311Kb / 19P
   FemtoClock Crystal-to-HCSL Clock Generator
844071 IDT-844071 Datasheet
246Kb / 14P
   FemtoClock Crystal-to-LVDS Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com