Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS845252I Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS845252I
Description  FemtoClock??Crystal-to-CML Clock Generator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS845252I Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS845252I Datasheet HTML 1Page - Integrated Device Technology ICS845252I Datasheet HTML 2Page - Integrated Device Technology ICS845252I Datasheet HTML 3Page - Integrated Device Technology ICS845252I Datasheet HTML 4Page - Integrated Device Technology ICS845252I Datasheet HTML 5Page - Integrated Device Technology ICS845252I Datasheet HTML 6Page - Integrated Device Technology ICS845252I Datasheet HTML 7Page - Integrated Device Technology ICS845252I Datasheet HTML 8Page - Integrated Device Technology ICS845252I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ICS845252AKI REVISION A SEPTEMBER 30, 2009
3
©2009 Integrated Device Technology, Inc.
ICS845252I Data Sheet
FEMTOCLOCK™ CRYSTAL-TO-CML CLOCK GENERATOR
Function Tables
Table 3A. PLL Reference Clock Select Function Table
NOTE: REF_SEL is an asynchronous control.
Table 3B. PLL Feedback Select Function Table
NOTE: FBSEL is an asynchronous control.
Table 3C. Output Divider Select Function Table
NOTE: FSEL[1:0] are asynchronous controls.
Table 3D. PLL nBYPASS Function Table
NOTE: nBYPASS is an asynchronous control.
Table 3E. Output Enable Function Table
NOTE: nOE is an asynchronous control.
Input
Operation
REF_SEL
0 (default)
The crystal interface is the selected.
1
The REF_CLK input is the selected.
Input
Operation
FBSEL
0 (default)
fVCO = fREF * 25
1fVCO = fREF * 20
Input
Operation
Output Frequency fOUT with fREF = 25MHz
FSEL1
FSEL0
FBSEL = 0
FBSEL = 1
0 (default)
0 (default)
fOUT = fVCO ÷ 2
312.5MHz
250MHz
01
fOUT = fVCO ÷ 4
156.25MHz
125MHz
10
fOUT = fVCO ÷ 5
125MHz
100MHz
11
fOUT = fVCO ÷ 10
62.5MHz
50MHz
Input
Operation
nBYPASS
0
PLL is bypassed. The reference frequency fREF is divided by the selected
output divider. AC specifications do not apply in PLL bypass mode.
1 (default)
PLL is enabled. The reference frequency fREF is multiplied by the selected
feedback divider and then divided by the selected output divider.
Input
Operation
nOE
0 (default)
Outputs enabled.
1
Outputs disabled (high-impedance).


Similar Part No. - ICS845252I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS845204 IDT-ICS845204 Datasheet
1Mb / 13P
   CRYSTAL-TO-MLVDS PCI EXPRESS??CLOCK SYNTHESIZER W/SPREAD SPECTRUM
logo
Renesas Technology Corp
ICS845204 RENESAS-ICS845204 Datasheet
1Mb / 14P
   CRYSTAL-TO-MLVDS PCI EXPRESS™ CLOCK SYNTHESIZER W/SPREAD SPECTRUM
SEPTEMBER 25, 2007
More results

Similar Description - ICS845252I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8R45252I IDT-8R45252I Datasheet
274Kb / 20P
   FemtoClock Crystal-to-CML Clock Generator
logo
Renesas Technology Corp
845264 RENESAS-845264 Datasheet
605Kb / 24P
   FemtoClock®Crystal-to-CML Clock Generator
07/20/15
8R45252I RENESAS-8R45252I Datasheet
498Kb / 21P
   FemtoClock® Crystal-to-CML Clock Generator
January 29, 2016
845252 RENESAS-845252 Datasheet
414Kb / 17P
   FemtoClock® Crystal-to-CML Clock Generator
November 11, 2016
845254 RENESAS-845254 Datasheet
556Kb / 21P
   FemtoClock® Crystal-to-3.3V, 2.5V CML Clock Generator
08/25/15
logo
Integrated Device Techn...
844201 IDT-844201 Datasheet
541Kb / 16P
   FemtoClock Crystal-to-LVDS Clock Generator
ICS841664I IDT-ICS841664I Datasheet
312Kb / 16P
   FEMTOCLOCK??CRYSTAL-TO-HCSL CLOCK GENERATOR
ICS844011 IDT-ICS844011 Datasheet
1,018Kb / 14P
   FemtoClock Crystal-to-LVDS Clock Generator
ICS841664AGILFT IDT-ICS841664AGILFT Datasheet
311Kb / 19P
   FemtoClock Crystal-to-HCSL Clock Generator
844071 IDT-844071 Datasheet
246Kb / 14P
   FemtoClock Crystal-to-LVDS Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com