Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

844008AYI-01LF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 844008AYI-01LF
Description  FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

844008AYI-01LF Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 844008AYI-01LF Datasheet HTML 2Page - Integrated Device Technology 844008AYI-01LF Datasheet HTML 3Page - Integrated Device Technology 844008AYI-01LF Datasheet HTML 4Page - Integrated Device Technology 844008AYI-01LF Datasheet HTML 5Page - Integrated Device Technology 844008AYI-01LF Datasheet HTML 6Page - Integrated Device Technology 844008AYI-01LF Datasheet HTML 7Page - Integrated Device Technology 844008AYI-01LF Datasheet HTML 8Page - Integrated Device Technology 844008AYI-01LF Datasheet HTML 9Page - Integrated Device Technology 844008AYI-01LF Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
IDT/ ICSLVDS FREQUENCY SYNTHESIZER
6
ICS844008AYI-01 REV. B NOVEMBER 21, 2008
ICS844008I-01
FEMTOCLOCKS™ CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
PARAMETER MEASUREMENT INFORMATION
RMS PHASE JITTER
3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT
tsk(o)
Qy
Qx
nQy
nQx
Phase Noise Mask
Offset Frequency
f
1
f
2
Phase Noise Plot
RMS Jitter = Area Under the Masked Phase Noise Plot
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
CYCLE-TO-CYCLE JITTER
OUTPUT SKEW
SCOPE
Qx
nQx
3.3V±5%
POWER SUPPLY
+–
Float GND
LVDS
OUTPUT RISE/FALL TIME
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
tcycle n
tcycle n+1
tjit(cc) = tcycle n – tcycle n+1
1000 Cycles
nQA0:nQA3,
nQB0:nQB3
20%
80%
80%
20%
tR
t F
VOD
V
DDA
V
DD
QA0:QA3,
QB0:QB3
nQA0:nQA3,
nQB0:nQB3
QA0:QA3,
QB0:QB3
nQA0:nQA3,
nQB0:nQB3
QA0:QA3,
QB0:QB3
DIFFERENTIAL OUTPUT VOLTAGE SETUP
OFFSET VOLTAGE SETUP
out
out
LVDS
DC Input
VOS/Δ VOS
V
DD
100
out
out
LVDS
DC Input
VOD/Δ VOD
V
DD


Similar Part No. - 844008AYI-01LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
844008AKI-46LF IDT-844008AKI-46LF Datasheet
295Kb / 16P
   FemtoClock Crystal-to-LVDS Clock Generator
844008AKI-46LFT IDT-844008AKI-46LFT Datasheet
295Kb / 16P
   FemtoClock Crystal-to-LVDS Clock Generator
More results

Similar Description - 844008AYI-01LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002I-01 RENESAS-844002I-01 Datasheet
374Kb / 15P
   FemtoClocks Crystal-TO-LVDS Frequency Synthesizer
6/9/15
logo
Integrated Circuit Syst...
ICS844004I ICST-ICS844004I Datasheet
178Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS844001-21 IDT-ICS844001-21 Datasheet
312Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002-01 RENESAS-844002-01 Datasheet
413Kb / 16P
   FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
logo
Integrated Device Techn...
ICS844002 IDT-ICS844002 Datasheet
339Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844004-104 IDT-ICS844004-104 Datasheet
925Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS844003I-01 ICST-ICS844003I-01 Datasheet
194Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844008-16 ICST-ICS844008-16 Datasheet
144Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844002I-01 ICST-ICS844002I-01 Datasheet
163Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com