Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

840272AGILF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 840272AGILF
Description  Synchronous Ethernet Frequency Translator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

840272AGILF Datasheet(HTML) 2 Page - Integrated Device Technology

  840272AGILF Datasheet HTML 1Page - Integrated Device Technology 840272AGILF Datasheet HTML 2Page - Integrated Device Technology 840272AGILF Datasheet HTML 3Page - Integrated Device Technology 840272AGILF Datasheet HTML 4Page - Integrated Device Technology 840272AGILF Datasheet HTML 5Page - Integrated Device Technology 840272AGILF Datasheet HTML 6Page - Integrated Device Technology 840272AGILF Datasheet HTML 7Page - Integrated Device Technology 840272AGILF Datasheet HTML 8Page - Integrated Device Technology 840272AGILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ICS840272AGI REVISION A JULY 26, 2010
2
©2010 Integrated Device Technology, Inc.
ICS840272I Data Sheet
SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1VDD
Power
Core supply pin.
2
LOCK_DT
Output
Lock detect. Logic HIGH when PLL is locked.
3
REF_SEL
Input
Pulldown
Selects the input reference clock. When LOW, selects CLK0, nCLK0.
When HIGH, selects CLK1, nCLK1. LVCMOS/LVTTL interface levels.
4
SEL0
Input
Pullup
Selects the input reference frequency and the PLL bypass mode. See Table 3A.
LVCMOS/LVTTL interface levels.
5
SEL1
Input
Pulldown
Selects the input reference frequency and the PLL bypass mode. See Table 3A.
LVCMOS/LVTTL interface levels.
6
OE
Input
Pulldown
8kHz output enable pin. When LOW, QB is disabled. When HIGH, QB is enabled.
LVCMOS/LVTTL interface levels. See Table 3B.
7VDDA
Power
Analog supply pin.
8, 13
GND
Power
Power supply ground.
9
nCLK1
Input
Pullup/
Pulldown
Inverting differential clock input. Internal resistor bias to VDD/2.
10
CLK1
Input
Pulldown
Non-inverting differential clock input.
11
nCLK0
Input
Pullup/
Pulldown
Inverting differential clock input. Internal resistor bias to VDD/2.
12
CLK0
Input
Pulldown
Non-inverting differential clock input.
14
QB
Output
Single-ended clock output. LVCMOS/LVTTL interface levels.
15
QA
Output
Single-ended clock output. LVCMOS/LVTTL interface levels.
16
VDDO
Power
Output supply pin.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k
ROUT
Output Impedance
VDDO = 3.465V
17


Similar Part No. - 840272AGILF

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
84027004 HUBERSUHNER-84027004 Datasheet
160Kb / 2P
   COAXIAL CONNECTOR, SMA-reverse, 50 Ohm, Straight cable plug (male)
84027070 HUBERSUHNER-84027070 Datasheet
133Kb / 2P
   COAXIAL CONNECTOR, 7/16, 50 Ohm, Straight bulkhead cable jack (female)
logo
Integrated Device Techn...
840271BGILF IDT-840271BGILF Datasheet
718Kb / 13P
   SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
logo
Renesas Technology Corp
840271BGILF RENESAS-840271BGILF Datasheet
889Kb / 14P
   SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
APRIL 23, 2009
logo
Integrated Device Techn...
840271BGILFT IDT-840271BGILFT Datasheet
718Kb / 13P
   SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
More results

Similar Description - 840272AGILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS840272I RENESAS-ICS840272I Datasheet
832Kb / 18P
   Synchronous Ethernet Frequency Translator
06/19/14
ICS840271I RENESAS-ICS840271I Datasheet
889Kb / 14P
   SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
APRIL 23, 2009
logo
Integrated Device Techn...
ICS840271I IDT-ICS840271I Datasheet
718Kb / 13P
   SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
   Frequency Translator
logo
CTS Corporation
VCP3006X CTS-VCP3006X Datasheet
190Kb / 5P
   Frequency Translator
VCP3020A CTS-VCP3020A Datasheet
190Kb / 5P
   Frequency Translator
VCP3033A CTS-VCP3033A Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104 Datasheet
485Kb / 12P
   Frequency Translator
logo
CTS Corporation
VCP3007B CTS-VCP3007B Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104_07 Datasheet
1Mb / 11P
   Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com