Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS840272I Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS840272I
Description  Synchronous Ethernet Frequency Translator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS840272I Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS840272I Datasheet HTML 1Page - Integrated Device Technology ICS840272I Datasheet HTML 2Page - Integrated Device Technology ICS840272I Datasheet HTML 3Page - Integrated Device Technology ICS840272I Datasheet HTML 4Page - Integrated Device Technology ICS840272I Datasheet HTML 5Page - Integrated Device Technology ICS840272I Datasheet HTML 6Page - Integrated Device Technology ICS840272I Datasheet HTML 7Page - Integrated Device Technology ICS840272I Datasheet HTML 8Page - Integrated Device Technology ICS840272I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATA SHEET
ICS840272AGI REVISION A JULY 26, 2010
1
©2010 Integrated Device Technology, Inc.
Synchronous Ethernet Frequency Translator
ICS840272I
General Description
The ICS840272I is a PLL-based Frequency Translator intended for
use in Synchronous Ethernet applications. This high performance
device is optimized to generate 25MHz and 8kHz LVCMOS clock
outputs. The ICS840272I accepts the following differential or
single-ended input signals: 161.1328125MHz (10GbE Mode),
156.25MHz (1GbE Mode), or 125MHz (Recovered clock from
10/100/1000BaseT Ethernet PHY). The extended temperature
range supports telecommunication and networking end equipment
requirements.
Features
Two single-ended outputs (LVCMOS or LVTTL levels),
output impedance: 17
Single-ended lock detect output (LVCMOS or LVTTL levels)
Two selectable differential clock inputs
Differential input pair (CLKx, nCLKx) accepts LVPECL, LVDS,
LVHSTL, SSTL, HCSL input levels
Internal resistor bias on nCLK pin allows the user to drive CLK
input with external single-ended (LVCMOS/ LVTTL) input levels
Selectable input frequencies: 161.1328MHz, 156.25MHz or
125MHz
Output frequency: 25MHz, 8kHz
Full 3.3V supply voltage
-40°C to 85°C ambient operating temperature
Available in lead-free (RoHS 6) package
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
VDDA
OE
SEL1
SEL0
REF_SEL
LOCK_DT
VDD
VDDO
QA
QB
GND
CLK0
nCLK0
CLK1
nCLK1
Input Control
00 = PLL Bypass, 25MHz Input
01 = 161.1328125MHz (default)
10 = 156.25MHz
11 = 125MHz
M
QA
LOCK_DT
25MHz
8kHz
QB
CLK0
nCLK0 Pullup/Pulldown
Pulldown
CLK1
nCLK1
REF_SEL
0
1
P
N
PLL
0
1
÷3125
Pullup/Pulldown
Pulldown
Pulldown
SEL[1:0]
Pulldown:Pullup
OE Pulldown
ICS840272I
16 Lead TSSOP
4.40mm x 5.0mm x 0.925mm package body
G Package
Top View
Pin Assignment
Block Diagram


Similar Part No. - ICS840272I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS840272I RENESAS-ICS840272I Datasheet
832Kb / 18P
   Synchronous Ethernet Frequency Translator
06/19/14
More results

Similar Description - ICS840272I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS840272I RENESAS-ICS840272I Datasheet
832Kb / 18P
   Synchronous Ethernet Frequency Translator
06/19/14
ICS840271I RENESAS-ICS840271I Datasheet
889Kb / 14P
   SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
APRIL 23, 2009
logo
Integrated Device Techn...
ICS840271I IDT-ICS840271I Datasheet
718Kb / 13P
   SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
   Frequency Translator
logo
CTS Corporation
VCP3006X CTS-VCP3006X Datasheet
190Kb / 5P
   Frequency Translator
VCP3020A CTS-VCP3020A Datasheet
190Kb / 5P
   Frequency Translator
VCP3033A CTS-VCP3033A Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104 Datasheet
485Kb / 12P
   Frequency Translator
logo
CTS Corporation
VCP3007B CTS-VCP3007B Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104_07 Datasheet
1Mb / 11P
   Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com