Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


RU4099R Datasheet(PDF) 1 Page - Ruichips Semiconductor Co., Ltd

Part No. RU4099R
Description  N-Channel Advanced Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RUICHIPS [Ruichips Semiconductor Co., Ltd]
Homepage  http://www.ruichips.com
Logo 

 
 1 page
background image
Copyright
© Ruichips Semiconductor Co., Ltd
Rev. B –JUN., 2010
www.ruichips.com
RU4099
N-Channel Advanced Power MOSFET
Features
Pin Description
Absolute Maximum Ratings
· 40V/200A
RDS (ON)=2.8 m
Ω(Typ.) @ VGS=10V
·Avalanche Rated
· Reliable and Rugged
· Lead Free and Green Devices Available
Applications
·Automotive applications and a wide
variety of other applications
·High Efficiency Synchronous in SMPS
·High Speed Power Switching
Symbol
Parameter
Rating
Unit
Common Ratings (TA=25°C Unless Otherwise Noted)
VDSS
Drain-Source Voltage
40
VGSS
Gate-Source Voltage
±25
V
TJ
Maximum Junction Temperature
175
°C
TSTG
Storage Temperature Range
-55 to 175
°C
IS
Diode Continuous Forward Current
TC=25°C
200
A
Mounted on Large Heat Sink
IDP
300
µs Pulsed Drain Current Tested
TC=25°C
800
TC=25°C
200
ID
Continue Drain Current
TC=100°C
140
A
TC=25°C
400
PD
Maximum Power Dissipation
TC=100°C
230
W
RθJC
Thermal Resistance -Junction to Case
0.45
RθJA
Thermal Resistance-Junction to Ambient
62.5
°C/W
Drain-Source Avalanche Ratings
Storage Temperature Range
-55 to 150
EAS
Avalanche Energy ,Single Pulsed
1400
mJ
TO-220
TO-220F
TO-263
TO-247
N-Channel MOSFET




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl