Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1ZB27 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # MM1ZB27
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

MM1ZB27 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  MM1ZB27 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. MM1ZB27 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. MM1ZB27 Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MM1Z2B4~MM1ZB75
SILICON PLANAR ZENER DIODES
Features
• Power Dissipation: 500 mW
• Zener Voltage Tolerance: ± 2%
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
500
mW
Junction Temperature
TJ
150
O
C
Storage Temperature Range
TStg
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Thermal Resistance Junction to Ambient Air
RthA
340
O
C/W
Forward Voltage
at IF = 10 mA
VF
0.9
V
Anode
2
Top View
Simplified outline SOD-123 and symbol
1
2
PINNING
1
PIN
Cathode
DESCRIPTION
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - MM1ZB27

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MM1ZB27 DGNJDZ-MM1ZB27 Datasheet
99Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM1ZB27H ZOWIE-MM1ZB27H Datasheet
167Kb / 2P
   SILICON PLANAR ZENER DIODES Halogen-free type
More results

Similar Description - MM1ZB27

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com