Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

83905AMLF Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 83905AMLF
Description  Low Skew, 1:6 Crystal-to- LVCMOS/LVTTL Fanout Buffer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

83905AMLF Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 83905AMLF Datasheet HTML 5Page - Integrated Device Technology 83905AMLF Datasheet HTML 6Page - Integrated Device Technology 83905AMLF Datasheet HTML 7Page - Integrated Device Technology 83905AMLF Datasheet HTML 8Page - Integrated Device Technology 83905AMLF Datasheet HTML 9Page - Integrated Device Technology 83905AMLF Datasheet HTML 10Page - Integrated Device Technology 83905AMLF Datasheet HTML 11Page - Integrated Device Technology 83905AMLF Datasheet HTML 12Page - Integrated Device Technology 83905AMLF Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ICS83905 Data Sheet
LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83905AM REVISION B JULY 20, 2009
9
©2009 Integrated Device Technology, Inc.
Typical Phase Noise at 25MHz (2.5V Core/2.5V Output)
Typical Phase Noise at 25MHz (3.3VCore/3.3V Output)
Raw Phase Noise Data
25MHz
RMS Phase Jitter (Random)
100Hz to 1MHz = 0.26ps (typical)
Offset Frequency (Hz)
Raw Phase Noise Data
.25MHz
RMS Phase Jitter (Random)
100Hz to 1MHz = 0.13ps (typical)
Offset Frequency (Hz)


Similar Part No. - 83905AMLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83905AMLF IDT-83905AMLF Datasheet
493Kb / 21P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
logo
Renesas Technology Corp
83905AMLF RENESAS-83905AMLF Datasheet
691Kb / 22P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
September 27, 2016
logo
Integrated Device Techn...
83905AMLFT IDT-83905AMLFT Datasheet
493Kb / 21P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
logo
Renesas Technology Corp
83905AMLFT RENESAS-83905AMLFT Datasheet
691Kb / 22P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
September 27, 2016
More results

Similar Description - 83905AMLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS83905 IDT-ICS83905_07 Datasheet
447Kb / 19P
   LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
83905 IDT-83905 Datasheet
493Kb / 21P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
logo
Renesas Technology Corp
83905 RENESAS-83905 Datasheet
691Kb / 22P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
September 27, 2016
83905I RENESAS-83905I Datasheet
694Kb / 22P
   Low Skew, 1:6 Crystal Interface to LVCMOS/ LVTTL Fanout Buffer
September 28, 2016
logo
Integrated Circuit Syst...
ICS83905I ICST-ICS83905I Datasheet
221Kb / 16P
   LOW SKEW, 1:6 CRYSTAL INTERFACE-TO LVCMOS/LVTTL FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C49X0206T PERICOM-PI6C49X0206T Datasheet
1,020Kb / 8P
   Low Skew, 1-To-6 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
83918 IDT-83918_16 Datasheet
332Kb / 19P
   Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83918 RENESAS-83918 Datasheet
527Kb / 20P
   Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
March 17, 2016
logo
Integrated Circuit Syst...
ICS83908-02 ICST-ICS83908-02 Datasheet
201Kb / 14P
   LOW SKEW, 1-TO-8 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
83904I-02 IDT-83904I-02 Datasheet
403Kb / 16P
   Low Skew, 1-to-4, Crystal-to-LVCMOS/LVTTL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com