Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1Z2V7B Datasheet(PDF) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # MM1Z2V7B
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

MM1Z2V7B Datasheet(HTML) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  MM1Z2V7B Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. MM1Z2V7B Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. MM1Z2V7B Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Characteristics at Ta = 25 OC
Type
Marking
Code
Zener Voltage Range
1)
Dynamic Impedance
2)
Reverse Leakage Current
Vznom
V
lZT for
VZT
ZZT (Max.)
at IZT
IR (Max.)
at VR
mA
V
mA
μA
V
MM1Z2V2B
9B
2.2
5
2.1...2.4
100
5
120
0.7
MM1Z2V4B
9C
2.4
5
2.3…2.65
100
5
120
1
MM1Z2V7B
9D
2.7
5
2.65…2.95
110
5
120
1
MM1Z3V0B
9E
3.0
5
2.95…3.25
120
5
50
1
MM1Z3V3B
9F
3.3
5
3.25…3.55
120
5
20
1
MM1Z3V6B
9H
3.6
5
3.6…3.845
100
5
10
1
MM1Z3V9B
9J
3.9
5
3.89…4.16
100
5
5
1
MM1Z4V3B
9K
4.3
5
4.17…4.43
100
5
5
1
MM1Z4V7B
9M
4.7
5
4.55…4.75
100
5
2
1
MM1Z5V1B
9N
5.1
5
4.98…5.2
80
5
2
1.5
MM1Z5V6B
9P
5.6
5
5.49…5.73
60
5
1
2.5
MM1Z6V2B
9R
6.2
5
6.06…6.33
60
5
1
3
MM1Z6V8B
9X
6.8
5
6.65…6.93
40
5
0.5
3.5
MM1Z7V5B
9Y
7.5
5
7.28…7.6
30
5
0.5
4
MM1Z8V2B
9Z
8.2
5
8.02…8.36
30
5
0.5
5
MM1Z9V1B
0A
9.1
5
8.85…9.23
30
5
0.5
6
MM1Z10B
0B
10
5
9.77…10.21
30
5
0.1
7
MM1Z11B
0C
11
5
10.76…11.22
30
5
0.1
8
MM1Z12B
0D
12
5
11.74…12.24
30
5
0.1
9
MM1Z13B
0E
13
5
12.91…13.49
37
5
0.1
10
MM1Z15B
0F
15
5
14.34…14.98
42
5
0.1
11
MM1Z16B
0H
16
5
15.85…16.51
50
5
0.1
12
MM1Z18B
0J
18
5
17.56…18.35
65
5
0.1
13
MM1Z20B
0K
20
5
19.52…20.39
85
5
0.1
15
MM1Z22B
0M
22
5
21.54…22.47
100
5
0.1
17
MM1Z24B
0N
24
5
23.72…24.78
120
5
0.1
19
MM1Z27B
0P
27
5
26.19…27.53
150
5
0.1
21
MM1Z30B
0R
30
5
29.19…30.69
200
5
0.1
23
MM1Z33B
0X
33
5
32.15…33.79
250
5
0.1
25
MM1Z36B
0Y
36
5
35.07…36.87
300
5
0.1
27
MM1Z39B
0Z
39
5
37…41
100
5
2
30
1) V
Z is tested with pulses(20 ms).
2) Z
ZT is measured at IZ by given a very small A.C. current signal.
MM1Z2V2B~MM1Z39B
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - MM1Z2V7B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM1Z2V7B EIC-MM1Z2V7B Datasheet
83Kb / 2P
   ZENER DIODES
More results

Similar Description - MM1Z2V7B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com