Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8624BYIT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 8624BYIT
Description  LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL ZERO DELAY BUFFER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8624BYIT Datasheet(HTML) 1 Page - Integrated Device Technology

  8624BYIT Datasheet HTML 1Page - Integrated Device Technology 8624BYIT Datasheet HTML 2Page - Integrated Device Technology 8624BYIT Datasheet HTML 3Page - Integrated Device Technology 8624BYIT Datasheet HTML 4Page - Integrated Device Technology 8624BYIT Datasheet HTML 5Page - Integrated Device Technology 8624BYIT Datasheet HTML 6Page - Integrated Device Technology 8624BYIT Datasheet HTML 7Page - Integrated Device Technology 8624BYIT Datasheet HTML 8Page - Integrated Device Technology 8624BYIT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
8624BYI
www.idt.com
REV. C JULY 30, 2010
1
ICS8624I
LOW SKEW, 1-TO-5
DIFFERENTIAL-TO-HSTL ZERO DELAY BUFFER
GENERAL DESCRIPTION
The
ICS8624I
is
a
high
performance,
1-to-5
Differential-to-HSTL zero delay buffer. The ICS8624I
has two selectable clock input pairs. The CLK0,
nCLK0 and CLK1, nCLK1 pair can accept most standard
differential input levels. The VCO operates at a frequency
range of 250MHz to 630MHz. Utilizing one of the outputs
as feedback to the PLL, output frequencies up to 630MHz
can be regenerated with zero delay with respect to the
input. Dual reference clock inputs support reduntant clock
or multiple reference applications..
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• Fully integrated PLL
• Five differential HSTL compatible outputs
• Selectable differential CLKx, nCLKx input pairs
• CLKx, nCLKx pairs can accept the following differential
input levels: LVPECL, LVDS, HSTL, SSTL, HCSL
• Output frequency range: 31.25MHz to 630MHz
• Input frequency range: 31.25MHz to 630MHz
• VCO range: 250MHz to 630MHz
• External feedback for “zero delay” clock regeneration
• Cycle-to-cycle jitter: 35ps (maximum)
• Output skew: 50ps (maximum)
• Static phase offset: 30ps ±125ps
• 3.3V core, 1.8V output operating supply
• -40°C to 85°C ambient operating temperature
• Available in both standard and lead-free RoHS-compliant
packages
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VDDO
Q3
nQ3
Q2
nQ2
Q1
nQ1
VDDO
SEL0
SEL1
CLK0
nCLK0
CLK1
nCLK1
CLK_SEL
MR
32-Lead LQFP
7mm x 7mm x 1.4mm body package
Y Package
Top View
ICS8624I
PLL_SEL
CLK0
nCLK0
CLK1
nCLK1
CLK_SEL
FB_IN
nFB_IN
SEL0
SEL1
MR
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
0
1
PLL
0
1
÷4, ÷8


Similar Part No. - 8624BYIT

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8624 FILTRAN-8624 Datasheet
138Kb / 1P
   T1/CEPT Quad Port SMT Transformer Module with IC Side Protection
logo
List of Unclassifed Man...
8624 ETC2-8624 Datasheet
367Kb / 1P
   LEVER ACTION PC CARD EJECTORS
logo
B&K Precision Corporati...
8624 BK-8624 Datasheet
2Mb / 8P
   Programmable DC Electronic Loads
logo
Belden Inc.
8624 BELDEN-8624 Datasheet
170Kb / 2P
   Electronic, 19 C #16 Str TC, PVC Ins, PVC Jkt
05-05-2023
8624-0601000 BELDEN-8624-0601000 Datasheet
170Kb / 2P
   Electronic, 19 C #16 Str TC, PVC Ins, PVC Jkt
05-05-2023
More results

Similar Description - 8624BYIT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8624 ICST-ICS8624 Datasheet
288Kb / 16P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS85214I RENESAS-ICS85214I Datasheet
391Kb / 17P
   Low Skew, 1-to-5, Differential-to-HSTL Fanout Buffer
2016
logo
Integrated Circuit Syst...
ICS85214 ICST-ICS85214 Datasheet
119Kb / 16P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS85214I ICST-ICS85214I Datasheet
189Kb / 15P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS85210-21 ICST-ICS85210-21 Datasheet
246Kb / 13P
   LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS85210-31 ICST-ICS85210-31 Datasheet
257Kb / 14P
   LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Integrated Device Techn...
ICS87951I-147 IDT-ICS87951I-147 Datasheet
635Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TOLVCMOS ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS86953I-147 RENESAS-ICS86953I-147 Datasheet
171Kb / 14P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVCMOS / LVTTL ZERO DELAY BUFFER
2010
logo
Integrated Device Techn...
ICS87951I IDT-ICS87951I Datasheet
191Kb / 14P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS8523I RENESAS-ICS8523I Datasheet
494Kb / 19P
   Low Skew, 1-to-4, Differential-to-HSTL Fantout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com