Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8344BYLF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 8344BYLF
Description  LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8344BYLF Datasheet(HTML) 1 Page - Integrated Device Technology

  8344BYLF Datasheet HTML 1Page - Integrated Device Technology 8344BYLF Datasheet HTML 2Page - Integrated Device Technology 8344BYLF Datasheet HTML 3Page - Integrated Device Technology 8344BYLF Datasheet HTML 4Page - Integrated Device Technology 8344BYLF Datasheet HTML 5Page - Integrated Device Technology 8344BYLF Datasheet HTML 6Page - Integrated Device Technology 8344BYLF Datasheet HTML 7Page - Integrated Device Technology 8344BYLF Datasheet HTML 8Page - Integrated Device Technology 8344BYLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
8344BY
1
REV. A JANUARY 5, 2011
ICS8344
LOW SKEW, 1-TO-24
DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
GENERAL DESCRIPTION
The ICS8344 is a low voltage, low skew, 1-to-24 Differential-
to-LVCMOS Fanout Buffer. The ICS8344 is designed to trans-
late any differential signal levels to LVCMOS levels. The low
impedance LVCMOS outputs are designed to drive 50
Ω se-
ries or parallel terminated transmission lines. The effective
fanout can be increased to 48 by utilizing the ability of the
outputs to drive two series terminated lines. Redundant clock
applications can make use of the dual clock input. The dual
clock inputs also facilitate board level testing. ICS8344 is
characterized at full 3.3V, full 2.5V and mixed 3.3V input and
2.5V output operating supply modes.
Guaranteed output and part-to-part skew characteristics
make the ICS8344 ideal for those clock distribution applica-
tions demanding well defined performance and repeatability.
FEATURES
• Twenty-four LVCMOS outputs, 7Ω typical output impedance
• Selectable differential clock input pairs for redundant
clock applications
• CLKx, nCLKx pairs can accept the following differential
input levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• Maximum output frequency: 167MHz
• Translates any differential input signal (LVPECL, LVHSTL,
LVDS) to LVCMOS without external bias networks
• Translates any single-ended input signal to LVCMOS
with resistor bias on nCLK input
• Multiple output enable pins for disabling unused outputs
in reduced fanout applications
• Output skew: 275ps (maximum)
• Part-to-part skew: 600ps (maximum)
• Bank skew: 150ps (maximum)
• Propagation Delay: 4.3ns (maximum)
• 3.3V, 2.5V or mixed 3.3V, 2.5V operating supply modes
• 0°C to 70°C ambient operating temperature
• Available in standard (RoHS 5) and lead-free (RoHS 6)
packages
BLOCK DIAGRAM
PIN ASSIGNMENT
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
Q16
Q17
VDDO
GND
Q18
Q19
Q20
Q21
VDDO
GND
Q22
Q23
Q7
Q6
VDDO
GND
Q5
Q4
Q3
Q2
VDDO
GND
Q1
Q0
CLK0
nCLK0
OE1
OE2
OE3
Q0:Q7
O8:Q15
O16:Q23
CLK_SEL
CLK1
nCLK1
48-Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
ICS8344
0
1


Similar Part No. - 8344BYLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8344BYILF RENESAS-8344BYILF Datasheet
361Kb / 17P
   Low Skew, 1-to-24 Differential-to- LVCMOS/LVTTL Fanout Buffer
December 14, 2015
8344BYILFT RENESAS-8344BYILFT Datasheet
361Kb / 17P
   Low Skew, 1-to-24 Differential-to- LVCMOS/LVTTL Fanout Buffer
December 14, 2015
More results

Similar Description - 8344BYLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8344-01 ICST-ICS8344-01 Datasheet
141Kb / 16P
   LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
ICS8344I ICST-ICS8344I Datasheet
142Kb / 16P
   LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
ICS8344 ICST-ICS8344 Datasheet
131Kb / 15P
   LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
logo
Renesas Technology Corp
ICS8344I-01 RENESAS-ICS8344I-01 Datasheet
961Kb / 16P
   Low Skew, 1-to-24 Differential-to-LVCMOS/LVTTL Fanout Buffer
2019
logo
Integrated Device Techn...
ICS8344-01 IDT-ICS8344-01_07 Datasheet
762Kb / 15P
   Low Skew, 1-to-24 Differential-to-LVCMOS/LVTTL Fanout Buffer
ICS8344I-01 IDT-ICS8344I-01 Datasheet
280Kb / 13P
   LOW SKEW, 1-TO-24 DIFFERENTIAL -TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
8344I RENESAS-8344I Datasheet
361Kb / 17P
   Low Skew, 1-to-24 Differential-to- LVCMOS/LVTTL Fanout Buffer
December 14, 2015
logo
Integrated Device Techn...
ICS8308I IDT-ICS8308I Datasheet
300Kb / 16P
   LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
logo
Renesas Technology Corp
8308I RENESAS-8308I Datasheet
375Kb / 17P
   Low Skew, 1-to-8 Differential/LVCMOS-to- LVCMOS Fanout Buffer
December 10, 2015
logo
Integrated Circuit Syst...
ICS83948I ICST-ICS83948I Datasheet
110Kb / 10P
   LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com