Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8344BY Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 8344BY
Description  LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8344BY Datasheet(HTML) 5 Page - Integrated Device Technology

  8344BY Datasheet HTML 1Page - Integrated Device Technology 8344BY Datasheet HTML 2Page - Integrated Device Technology 8344BY Datasheet HTML 3Page - Integrated Device Technology 8344BY Datasheet HTML 4Page - Integrated Device Technology 8344BY Datasheet HTML 5Page - Integrated Device Technology 8344BY Datasheet HTML 6Page - Integrated Device Technology 8344BY Datasheet HTML 7Page - Integrated Device Technology 8344BY Datasheet HTML 8Page - Integrated Device Technology 8344BY Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
8344BY
5
REV. A JANUARY 5, 2011
ICS8344
LOW SKEW, 1-TO-24
DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
TABLE 5A. AC CHARACTERISTICS, V
DD = VDDO = 3.3V±5%, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
7
6
1z
H
M
p
t
H
L
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
1
E
T
O
N
;
h
g
i
H
-
o
t
-
w
o
L
f
z
H
M
7
6
16
.
23
.
4s
n
p
t
L
H
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
1
E
T
O
N
;
w
o
L
-
o
t
-
h
g
i
H
f
z
H
M
7
6
14
.
23
.
4s
n
t
)
b
(
k
s6
,
2
E
T
O
N
;
w
e
k
S
k
n
a
B
e
h
t
n
o
d
e
r
u
s
a
e
M
V
f
o
e
g
d
e
g
n
i
s
i
r
O
D
D
2
/
0
5
1s
p
t
)
o
(
k
s6
,
3
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
e
h
t
n
o
d
e
r
u
s
a
e
M
V
f
o
e
g
d
e
g
n
i
s
i
r
O
D
D
2
/
5
7
2s
p
t
)
p
p
(
k
s6
,
4
E
T
O
N
;
w
e
k
S
t
r
a
P
-
o
t
-
t
r
a
P
e
h
t
n
o
d
e
r
u
s
a
e
M
V
f
o
e
g
d
e
g
n
i
s
i
r
O
D
D
2
/
0
0
6s
p
t
R
5
E
T
O
N
;
e
m
i
T
e
s
i
R
t
u
p
t
u
O%
0
7
o
t
%
0
30
0
20
0
0
1s
p
t
F
5
E
T
O
N
;
e
m
i
T
ll
a
F
t
u
p
t
u
O%
0
7
o
t
%
0
30
0
20
0
0
1s
p
t
W
P
h
t
d
i
W
e
s
l
u
P
t
u
p
t
u
O
f
z
H
M
7
6
15
6
.
0
-
2
/
d
o
i
r
e
P
t2
/
d
o
i
r
e
P
t5
6
.
0
+
2
/
d
o
i
r
e
P
ts
n
z
H
M
7
6
1
=
f5
3
.
25
.
25
6
.
3s
n
t
N
E
5
E
T
O
N
;
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
Oz
H
M
7
.
6
6
=
f5
s
n
t
S
I
D
5
E
T
O
N
;
e
m
I
T
e
l
b
a
s
i
D
t
u
p
t
u
Oz
H
M
7
.
6
6
=
f4
s
n
.
e
s
i
w
r
e
h
t
o
d
e
t
o
n
s
s
e
l
n
u
z
H
M
7
6
1
t
a
d
e
r
u
s
a
e
m
s
r
e
t
e
m
a
r
a
p
ll
A
V
t
a
t
u
p
t
u
o
e
h
t
o
t
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
m
o
r
f
d
e
r
u
s
a
e
M
:
1
E
T
O
N
O
D
D
.
2
/
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
s
e
g
a
t
l
o
v
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
f
o
k
n
a
b
a
n
i
h
t
i
w
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
3
E
T
O
N
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
g
n
i
t
a
r
e
p
o
s
e
c
i
v
e
d
t
n
e
r
e
f
f
i
d
n
o
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
e
h
t
s
a
d
e
n
i
f
e
D
:
4
E
T
O
N
V
t
a
d
e
r
u
s
a
e
m
e
r
a
s
t
u
p
t
u
o
e
h
t
,
e
c
i
v
e
d
h
c
a
e
n
o
s
t
u
p
n
i
f
o
e
p
y
t
e
m
a
s
e
h
t
g
n
i
s
U
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
O
D
D
.
2
/
.
n
o
i
t
c
u
d
o
r
p
n
i
d
e
t
s
e
t
t
o
N
.
n
o
i
t
a
z
i
r
e
t
c
a
r
a
h
c
y
b
d
e
e
t
n
a
r
a
u
g
e
r
a
s
r
e
t
e
m
a
r
a
p
e
s
e
h
T
:
5
E
T
O
N
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
6
E
T
O
N


Similar Part No. - 8344BY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8344BYILF RENESAS-8344BYILF Datasheet
361Kb / 17P
   Low Skew, 1-to-24 Differential-to- LVCMOS/LVTTL Fanout Buffer
December 14, 2015
8344BYILFT RENESAS-8344BYILFT Datasheet
361Kb / 17P
   Low Skew, 1-to-24 Differential-to- LVCMOS/LVTTL Fanout Buffer
December 14, 2015
More results

Similar Description - 8344BY

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8344-01 ICST-ICS8344-01 Datasheet
141Kb / 16P
   LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
ICS8344I ICST-ICS8344I Datasheet
142Kb / 16P
   LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
ICS8344 ICST-ICS8344 Datasheet
131Kb / 15P
   LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
logo
Renesas Technology Corp
ICS8344I-01 RENESAS-ICS8344I-01 Datasheet
961Kb / 16P
   Low Skew, 1-to-24 Differential-to-LVCMOS/LVTTL Fanout Buffer
2019
logo
Integrated Device Techn...
ICS8344-01 IDT-ICS8344-01_07 Datasheet
762Kb / 15P
   Low Skew, 1-to-24 Differential-to-LVCMOS/LVTTL Fanout Buffer
ICS8344I-01 IDT-ICS8344I-01 Datasheet
280Kb / 13P
   LOW SKEW, 1-TO-24 DIFFERENTIAL -TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
8344I RENESAS-8344I Datasheet
361Kb / 17P
   Low Skew, 1-to-24 Differential-to- LVCMOS/LVTTL Fanout Buffer
December 14, 2015
logo
Integrated Device Techn...
ICS8308I IDT-ICS8308I Datasheet
300Kb / 16P
   LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
logo
Renesas Technology Corp
8308I RENESAS-8308I Datasheet
375Kb / 17P
   Low Skew, 1-to-8 Differential/LVCMOS-to- LVCMOS Fanout Buffer
December 10, 2015
logo
Integrated Circuit Syst...
ICS83948I ICST-ICS83948I Datasheet
110Kb / 10P
   LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com