Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

872S480BKLF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 872S480BKLF
Description  Differential-to-HSTL Zero Delay Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

872S480BKLF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 872S480BKLF Datasheet HTML 3Page - Integrated Device Technology 872S480BKLF Datasheet HTML 4Page - Integrated Device Technology 872S480BKLF Datasheet HTML 5Page - Integrated Device Technology 872S480BKLF Datasheet HTML 6Page - Integrated Device Technology 872S480BKLF Datasheet HTML 7Page - Integrated Device Technology 872S480BKLF Datasheet HTML 8Page - Integrated Device Technology 872S480BKLF Datasheet HTML 9Page - Integrated Device Technology 872S480BKLF Datasheet HTML 10Page - Integrated Device Technology 872S480BKLF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ICS872S480BK REVISION A APRIL 19, 2011
7
©2011 Integrated Device Technology, Inc.
ICS872S480 Data Sheet
DIFFERENTIAL-TO-HSTL ZERO DELAY CLOCK GENERATOR
Parameter Measurement Information
3.3V Output Load AC Test Circuit
Cycle-to-Cycle Jitter
Static Phase Offset
Differential Input Level
Output Skew
Output Duty Cycle/Pulse Width/Period
SCOPE
HSTL
Qx
nQx
GND
0V
VDDA
3.3V ± 5%
3.3V ± 5%
VDD
nQ[0:1]
Q[0:1]
tcycle n
tcycle n+1
tjit(cc) =
|tcycle n – tcycle n+1|
1000 Cycles
nCLK[0:1]
CLK[0:1]
nFB_IN
FB_IN
t(Ø)
t(Ø)mean = Static Phase Offset
(where t(Ø) is any random sample, and t(Ø)mean is the
average of the sampled cycles measured on controlled edges)
nCLK0, nCLK1
CLK0, CLK1
VDD
GND
V
CMR
Cross Points
V
PP
nQx
Qx
nQy
Qy
tsk(o)
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
nQ[0:1]
Q[0:1]


Similar Part No. - 872S480BKLF

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
872-36-3 WINCHESTER-872-36-3 Datasheet
74Kb / 1P
   JACK, BULKHEAD, SMA
872-57-3 WINCHESTER-872-57-3 Datasheet
67Kb / 1P
   JACK, BULKHEAD, SMA
logo
Oscilent Corporation
872-RF453.5M-B OSCILENT-872-RF453.5M-B Datasheet
141Kb / 5P
   CDMA 450 H-Band, RF/Tx SAW Filter
872-RF455.0M-C OSCILENT-872-RF455.0M-C Datasheet
135Kb / 5P
   CDMA 450 A-Band, RF/Tx SAW Filter
872-RF463.5M-C OSCILENT-872-RF463.5M-C Datasheet
141Kb / 5P
   Electrostatic Sensitive Device
More results

Similar Description - 872S480BKLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8725B-21 RENESAS-8725B-21 Datasheet
536Kb / 16P
   Differential-To-HSTL Zero Delay Clock Generator
REVISION 1 11/12/15
ICS872S480 RENESAS-ICS872S480 Datasheet
1Mb / 21P
   Differential-to-HSTL Zero Delay Clock Generator
APRIL 19, 2011
logo
Integrated Device Techn...
ICS8705 IDT-ICS8705 Datasheet
183Kb / 18P
   ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS8705 ICST-ICS8705 Datasheet
293Kb / 17P
   ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
logo
Renesas Technology Corp
8705I RENESAS-8705I Datasheet
478Kb / 19P
   Zero Delay, Differential-to-LVCMOS/ LVTTL Clock Generator
REVISION E 7/13/15
logo
Integrated Circuit Syst...
ICS8745B ICST-ICS8745B Datasheet
192Kb / 15P
   1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
logo
Renesas Technology Corp
8745B-21 RENESAS-8745B-21 Datasheet
519Kb / 20P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
Rev D 2/17/15
logo
Integrated Device Techn...
ICS8745BI IDT-ICS8745BI Datasheet
814Kb / 20P
   1:5 Differential-to-LVDS Zero Delay Clock Generator
874S02I IDT-874S02I Datasheet
401Kb / 17P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
logo
Renesas Technology Corp
874S02I RENESAS-874S02I Datasheet
533Kb / 16P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
July 6, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com