Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS872S480 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS872S480
Description  Differential-to-HSTL Zero Delay Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS872S480 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS872S480 Datasheet HTML 1Page - Integrated Device Technology ICS872S480 Datasheet HTML 2Page - Integrated Device Technology ICS872S480 Datasheet HTML 3Page - Integrated Device Technology ICS872S480 Datasheet HTML 4Page - Integrated Device Technology ICS872S480 Datasheet HTML 5Page - Integrated Device Technology ICS872S480 Datasheet HTML 6Page - Integrated Device Technology ICS872S480 Datasheet HTML 7Page - Integrated Device Technology ICS872S480 Datasheet HTML 8Page - Integrated Device Technology ICS872S480 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ICS872S480BK REVISION A APRIL 19, 2011
3
©2011 Integrated Device Technology, Inc.
ICS872S480 Data Sheet
DIFFERENTIAL-TO-HSTL ZERO DELAY CLOCK GENERATOR
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1
CLK0
Input
Pulldown
Non-inverting differential clock input.
2
nCLK0
Input
Pullup
Inverting differential clock input.
3, 20, 28
GND
Power
Power supply ground.
4
CLK1
Input
Pulldown
Non-inverting differential clock input.
5
nCLK1
Input
Pullup
Inverting differential clock input.
6
PLL_BYPASS
Input
Pulldown
PLL bypass pin. When HIGH, the PLL is bypassed and the reference clock is
passed directly to the output dividers. LVCMOS/LVTTL interface levels.
7
FB_IN
Input
Pulldown
Non-inverting differential external feedback input.
8
nFB_IN
Input
Pullup
Inverting differential external feedback input.
9, 10
nQFB, QFB
Output
Differential feedback output pair. HSTL interface levels. See Table 4D.
11, 16, 24,
25, 32
VDD
Power
Core supply pins.
12, 13
nQ1, Q1
Output
Differential output pair. HSTL interface levels.
14, 15
nQ0, Q0
Output
Differential output pair. HSTL interface levels.
17
VDDA
Power
Analog supply pin.
18
OE
Input
Pullup
Output enable pin. LVCMOS/LVTTL interface levels.
19
FREQ_SEL
Input
Pullup
Frequency select pin. LVCMOS/LVTTL interface levels.
21
CLK_IND
Output
Clock indicator pin. When LOW, CLK0, nCLK0 is selected. When HIGH, CLK1,
nCLK1 is selected.
22
LOR1
Output
Loss of Reference Indicator for CLK1, nCLK1. LVCMOS/LVTTL interface levels.
23
LOR0
Output
Loss of Reference Indicator for CLK0, nCLK0. LVCMOS/LVTTL interface levels.
26
VOUT_SEL
Input
Pulldown
Output voltage select pin. LVCMOS/LVTTL interface levels.
27, 29
nc
Unused
No connect.
30
AUTO_SEL
Input
Pullup
Dynamic Clock switch enable pin. When LOW, disables internal Dynamic Clock
Switch circuitry and CLK_INDICATOR will track REF_SEL. When HIGH, Dynamic
Clock Switch is enabled. LVCMOS/LVTTL interface levels.
31
REF_SEL
Input
Pulldown
Reference clock select pin. When LOW selects CLK0, nCLK0, when HIGH selects
CLK1, nCLK1. LVCMOS/LVTTL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
2pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k


Similar Part No. - ICS872S480

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS872S480 RENESAS-ICS872S480 Datasheet
1Mb / 21P
   Differential-to-HSTL Zero Delay Clock Generator
APRIL 19, 2011
More results

Similar Description - ICS872S480

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8725B-21 RENESAS-8725B-21 Datasheet
536Kb / 16P
   Differential-To-HSTL Zero Delay Clock Generator
REVISION 1 11/12/15
ICS872S480 RENESAS-ICS872S480 Datasheet
1Mb / 21P
   Differential-to-HSTL Zero Delay Clock Generator
APRIL 19, 2011
logo
Integrated Device Techn...
ICS8705 IDT-ICS8705 Datasheet
183Kb / 18P
   ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS8705 ICST-ICS8705 Datasheet
293Kb / 17P
   ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
logo
Renesas Technology Corp
8705I RENESAS-8705I Datasheet
478Kb / 19P
   Zero Delay, Differential-to-LVCMOS/ LVTTL Clock Generator
REVISION E 7/13/15
logo
Integrated Circuit Syst...
ICS8745B ICST-ICS8745B Datasheet
192Kb / 15P
   1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
logo
Renesas Technology Corp
8745B-21 RENESAS-8745B-21 Datasheet
519Kb / 20P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
Rev D 2/17/15
logo
Integrated Device Techn...
ICS8745BI IDT-ICS8745BI Datasheet
814Kb / 20P
   1:5 Differential-to-LVDS Zero Delay Clock Generator
874S02I IDT-874S02I Datasheet
401Kb / 17P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
logo
Renesas Technology Corp
874S02I RENESAS-874S02I Datasheet
533Kb / 16P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
July 6, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com