Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

849N202CKI-DDDLF Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 849N202CKI-DDDLF
Description  FemtoClock짰 NG Universal Frequency Translator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

849N202CKI-DDDLF Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 849N202CKI-DDDLF Datasheet HTML 5Page - Integrated Device Technology 849N202CKI-DDDLF Datasheet HTML 6Page - Integrated Device Technology 849N202CKI-DDDLF Datasheet HTML 7Page - Integrated Device Technology 849N202CKI-DDDLF Datasheet HTML 8Page - Integrated Device Technology 849N202CKI-DDDLF Datasheet HTML 9Page - Integrated Device Technology 849N202CKI-DDDLF Datasheet HTML 10Page - Integrated Device Technology 849N202CKI-DDDLF Datasheet HTML 11Page - Integrated Device Technology 849N202CKI-DDDLF Datasheet HTML 12Page - Integrated Device Technology 849N202CKI-DDDLF Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
ICS849N202CKI REVISION A SEPTEMBER 26, 2011
9
©2011 Integrated Device Technology, Inc.
ICS849N202I Data Sheet
FemtoClock® NG Universal Frequency Translator
Register Descriptions
Please consult IDT for configuration software and/or programming guides to assist in selection of optimal register settings for the desired
configurations.
Table 4D. I2C Register Map
Register Bit Color Key
Reg
Binary
Register
Address
Register Bit
D7
D6
D5
D4
D3
D2
D1
D0
0
00000
MFRAC0[17]
MFRAC0[16]
MFRAC0[15]
MFRAC0[14]
MFRAC0[13]
MFRAC0[12]
MFRAC0[11]
MFRAC0[10]
1
00001
MFRAC1[17]
MFRAC1[16]
MFRAC1[15]
MFRAC1[14]
MFRAC1[13]
MFRAC1[12]
MFRAC1[11]
MFRAC1[10]
2
00010
MFRAC0[9]
MFRAC0[8]
MFRAC0[7]
MFRAC0[6]
MFRAC0[5]
MFRAC0[4]
MFRAC0[3]
MFRAC0[2]
3
00011
MFRAC1[9]
MFRAC1[8]
MFRAC1[7]
MFRAC1[6]
MFRAC1[5]
MFRAC1[4]
MFRAC1[3]
MFRAC1[2]
4
00100
MFRAC0[1]
MFRAC0[0]
MINT0[7]
MINT0[6]
MINT0[5]
MINT0[4]
MINT0[3]
MINT0[2]
5
00101
MFRAC1[1]
MFRAC1[0]
MINT1[7]
MINT1[6]
MINT1[5]
MINT1[4]
MINT1[3]
MINT1[2]
6
00110
MINT0[1]
MINT0[0]
P0[16]
P0[15]
P0[14]
P0[13]
P0[12]
P0[11]
7
00111
MINT1[1]
MINT1[0]
P1[16]
P1[15]
P1[14]
P1[13]
P1[12]
P1[11]
8
01000
P0[10]
P0[9]
P0[8]
P0[7]
P0[6]
P0[5]
P0[4]
P0[3]
9
01001
P1[10]
P1[9]
P1[8]
P1[7]
P1[6]
P1[5]
P1[4]
P1[3]
10
01010
P0[2]
P0[1]
P0[0]
M1_0[16]
M1_0[15]
M1_0[14]
M1_0[13]
M1_0[12]
11
01011
P1[2]
P1[1]
P1[0]
M1_1[16]
M1_1[15]
M1_1[14]
M1_1[13]
M1_1[12]
12
01100
M1_0[11]
M1_0[10]
M1_0[9]
M1_0[8]
M1_0[7]
M1_0[6]
M1_0[5]
M1_0[4]
13
01101
M1_1[11]
M1_1[10]
M1_1[9]
M1_1[8]
M1_1[7]
M1_1[6]
M1_1[5]
M1_1[4]
14
01110
M1_0[3]
M1_0[2]
M1_0[1]
M1_0[0]
N0[10]
N0[9]
N0[8]
N0[7]
15
01111
M1_1[3]
M1_1[2]
M1_1[1]
M1_1[0]
N1[10]
N1[9]
N1[8]
N1[7]
16
10000
N0[6]
N0[5]
N0[4]
N0[3]
N0[2]
N0[1]
N0[0]
BW0[6]
17
10001
N1[6]
N1[5]
N1[4]
N1[3]
N1[2]
N1[1]
N1[0]
BW1[6]
18
10010
BW0[5]
BW0[4]
BW0[3]
BW0[2]
BW0[1]
BW0[0]
Q1_TYPE0
Q0_TYPE0
19
10011
BW1[5]
BW1[4]
BW1[3]
BW1[2]
BW1[1]
BW1[0]
Q1_TYPE1
Q0_TYPE1
20
10100
MODE_SEL[1]
MODE_SEL[0]
CONFIG
CFG_PIN_REG
OE1
OE0
Rsvd
Rsvd
21
10101
CLK_SEL
AUTO_MAN[1]
AUTO_MAN[0]
0
ADC_RATE[1]
ADC_RATE[0]
LCK_WIN[1]
LCK_WIN[0]
22
10110
10
1
0
0
0
0
0
23
10111
CLK_ACTIVE
HOLDOVER
CLK1BAD
CLK0BAD
XTAL_BAD
LOCK_IND
Rsvd
Rsvd
Configuration 0 Specific Bits
Configuration 1 Specific Bits
Global Control & Status Bits


Similar Part No. - 849N202CKI-DDDLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
849N202CKI-DDDLF RENESAS-849N202CKI-DDDLF Datasheet
1Mb / 41P
   FemtoClock® NG Universal Frequency Translator
May 20, 2016
849N202CKI-DDDLFT RENESAS-849N202CKI-DDDLFT Datasheet
1Mb / 41P
   FemtoClock® NG Universal Frequency Translator
May 20, 2016
More results

Similar Description - 849N202CKI-DDDLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T49N242 IDT-8T49N242_18 Datasheet
1Mb / 66P
   NG Universal Frequency Translator
8T49N241 IDT-8T49N241_18 Datasheet
1Mb / 67P
   NG Universal Frequency Translator
849N202 IDT-849N202 Datasheet
828Kb / 40P
   FemtoClock NG Universal Frequency Translator
8T49N242 IDT-8T49N242_16 Datasheet
1Mb / 63P
   FemtoClock NG Universal Frequency Translator
ICS849N212I IDT-ICS849N212I Datasheet
541Kb / 38P
   FemtoClock NG Universal Frequency Translator
8T49N286 IDT-8T49N286_18 Datasheet
1Mb / 78P
   NG Octal Universal Frequency Translator
8T49N234 IDT-8T49N234 Datasheet
1Mb / 62P
   FemtoClock NG Universal Frequency Translator
8T49N241 IDT-8T49N241_16 Datasheet
1Mb / 68P
   FemtoClock NG Universal Frequency Translator
8T49N243 IDT-8T49N243 Datasheet
1Mb / 59P
   FemtoClock NG Universal Frequency Translator
8T49N287 IDT-8T49N287_18 Datasheet
1Mb / 75P
   NG Octal Universal Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com