Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS841N254I Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS841N254I
Description  FEMTOCLOCK짰 NG Crystal-to-LVDS/HCSL Clock Synthesizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841N254I Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS841N254I Datasheet HTML 3Page - Integrated Device Technology ICS841N254I Datasheet HTML 4Page - Integrated Device Technology ICS841N254I Datasheet HTML 5Page - Integrated Device Technology ICS841N254I Datasheet HTML 6Page - Integrated Device Technology ICS841N254I Datasheet HTML 7Page - Integrated Device Technology ICS841N254I Datasheet HTML 8Page - Integrated Device Technology ICS841N254I Datasheet HTML 9Page - Integrated Device Technology ICS841N254I Datasheet HTML 10Page - Integrated Device Technology ICS841N254I Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ICS841N254I Data Sheet
FEMTOCLOCK® NG CRYSTAL-TO-LVDS/HCSL CLOCK SYNTHESIZER
ICS841N254AKI REVISION A APRIL 18, 2011
7
©2011 Integrated Device Technology, Inc.
NOTE: Characterized using a 25MHz crystal.
NOTE 1: Please refer to the phase noise plots.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the output differential
cross points.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 4: Defined as skew within a bank of outputs at the same voltage and with equal load conditions.
NOTE 5: Measurement taken from differential waveform.
NOTE 6: TSTABLE is the time the differential clock must maintain a minimum ±150mV differential voltage after rising/falling edges before it is
allowed to drop back into the VRB ±100mV differential range.
NOTE 7: Measurement taken from single ended waveform.
NOTE 8: Defined as the maximum instantaneous voltage including overshoot. See Parameter Measurement Information Section.
NOTE 9: Defined as the minimum instantaneous voltage including undershoot. See Parameter Measurement Information Section.
NOTE 10: Measured at crossing point where the instantaneous voltage value of the rising edge of Q equals the falling edge of nQ.
See Parameter Measurement Information Section.
NOTE 11: Refers to the total variation from the lowest crossing point to the highest, regardless of which edge is crossing. Refers to all crossing
points for this measurement. See Parameter Measurement Information Section.
NOTE 12: Defined as the total variation of all crossing voltage of rising Q and falling nQ. This is the maximum allowed variance in the VCROSS
for any particular system. See Parameter Measurement Information Section.
NOTE 13: Measured from -150mV to +150mV on the differential waveform (derived from Q minus nQ). The signal must be monotonic through
the measurement region for rise and fall time. The 300mV measurement window is centered on the differential zero crossing.


Similar Part No. - ICS841N254I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS841N254BI IDT-ICS841N254BI Datasheet
570Kb / 24P
   Fourth generation FemtoClock
More results

Similar Description - ICS841N254I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
841N254B IDT-841N254B Datasheet
481Kb / 24P
   FemtoClock NG Crystal-to-LVDS/ HCSL Clock Synthesizer
841N254B IDT-841N254B_18 Datasheet
542Kb / 25P
   FemtoClock NG Crystal-to-LVDS/ HCSL Clock Synthesizer
logo
Renesas Technology Corp
841N254B RENESAS-841N254B Datasheet
950Kb / 25P
   FemtoClock® NG Crystal-to-LVDS/ HCSL Clock Synthesizer
February 2, 2023
logo
Integrated Device Techn...
ICS814S208I IDT-ICS814S208I Datasheet
1Mb / 23P
   FemtoClock짰 Crystal-to-LVDS 8-Output Clock Synthesizer
844N255I IDT-844N255I Datasheet
697Kb / 22P
   FemtoClock NG Crystal-to-LVDS Clock Synthesizer
840N022 IDT-840N022 Datasheet
181Kb / 13P
   FemtoClock짰 NG Crystal-to-LVCMOS/LVTTL Clock
logo
Renesas Technology Corp
844N255I RENESAS-844N255I Datasheet
894Kb / 23P
   FemtoClock® NG Crystal-to-LVDS Clock Synthesizer
April 28, 2016
logo
Integrated Device Techn...
841N4830 IDT-841N4830_16 Datasheet
491Kb / 28P
   FemtoClock NG Crystal-to-HCSL Frequency Synthesizer
841604 IDT-841604 Datasheet
414Kb / 17P
   FemtoClock NG Crystal-to-HCSL Clock Generator
841602 IDT-841602 Datasheet
418Kb / 17P
   FemtoClock NG Crystal-to-HCSL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com