Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

814S208BKILF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 814S208BKILF
Description  FemtoClock짰 Crystal-to-LVDS 8-Output Clock Synthesizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

814S208BKILF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 814S208BKILF Datasheet HTML 3Page - Integrated Device Technology 814S208BKILF Datasheet HTML 4Page - Integrated Device Technology 814S208BKILF Datasheet HTML 5Page - Integrated Device Technology 814S208BKILF Datasheet HTML 6Page - Integrated Device Technology 814S208BKILF Datasheet HTML 7Page - Integrated Device Technology 814S208BKILF Datasheet HTML 8Page - Integrated Device Technology 814S208BKILF Datasheet HTML 9Page - Integrated Device Technology 814S208BKILF Datasheet HTML 10Page - Integrated Device Technology 814S208BKILF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ICS814S208I Data Sheet
FEMTOCLOCK® CRYSTAL-TO-LVDS 8-OUTPUT CLOCK SYNTHESIZER
ICS814S208BKILF REVISION B OCTOBER 13, 2011
7
©2011 Integrated Device Technology, Inc.
Table 4B. LVCMOS/LVTTL DC Characteristics, VDD = 3.3V±5%, VDDOL = 1.8V±0.2V, 2.5V±5% or 3.3V±5%,
TA = -40°C to 85°C
Table 4C. Differential DC Characteristics, VDD = 3.3V ± 5%, TA = -40°C to 85°C
NOTE 1: Common mode input voltage is defined as VIH.
Table 4D. LVDS DC Characteristics, VDD = 3.3V±5%, TA = -40°C to 85°C
Table 5. Crystal Characteristics
NOTE 1: Using typical crystal parameter for ESR, CO, and CL in a 30.72MHz crystal.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
VDD = 3.3V
2.2
VDD + 0.3
V
VIL
Input Low Voltage
VDD = 3.3V
-0.3
0.8
V
IIH
Input
High Current
BW[1:0], BYPASS, nOE_A,
nOE_B[2:0], REF_SEL, N_SEL
VDD = VIN = 3.465V
150
µA
IIL
Input
Low Current
BW[1:0], BYPASS, nOE_A,
nOE_B[2:0], REF_SEL, N_SEL
VDD = 3.465V,
VIN = 0V
-10
µA
VOH
Output
High Voltage
QLOCK
VDDOL = 3.465V, IOH = -8mA
2.6
V
VDDOL = 2.625V, IOH = -8mA
1.8
V
VDDOL = 2V, IOH = -8mA
1.5
V
VOL
Output
Low Voltage
QLOCK
VDDOL = 3.465V or 2.625V,
IOL = 8mA
0.5
V
VDDOL = 2V, IOL = 8mA
0.4
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
REF_CLK,
nREF_CLK
VDD = VIN = 3.465V
150
µA
IIL
Input Low Current
REF_CLK
VDD = 3.465V, VIN = 0V
-10
µA
nREF_CLK
VDD = 3.465V, VIN = 0V
-150
µA
VPP
Peak-to-Peak Voltage
0.15
1.0
V
VCMR
Common Mode Input Voltage; NOTE 1
GND + 1.2
VDD
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
247
454
mV
∆V
OD
VOD Magnitude Change
50
mV
VOS
Offset Voltage
1.125
1.375
V
∆V
OS
VOS Magnitude Change
50
mV
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
28.5
30.72
32
MHz
Equivalent Series Resistance (ESR)
80
Shunt Capacitance
7pF
Drive Level; NOTE 1
100
µW


Similar Part No. - 814S208BKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
814S208BKILF IDT-814S208BKILF Datasheet
543Kb / 23P
   FemtoClock Crys ta l-to-LVDS 8-Output Clock Synthesizer
logo
Renesas Technology Corp
814S208BKILF RENESAS-814S208BKILF Datasheet
1Mb / 24P
   FemtoClock® Crys ta l-to-LVDS 8-Output Clock Synthesizer
April 7, 2016
logo
Integrated Device Techn...
814S208BKILFT IDT-814S208BKILFT Datasheet
543Kb / 23P
   FemtoClock Crys ta l-to-LVDS 8-Output Clock Synthesizer
logo
Renesas Technology Corp
814S208BKILFT RENESAS-814S208BKILFT Datasheet
1Mb / 24P
   FemtoClock® Crys ta l-to-LVDS 8-Output Clock Synthesizer
April 7, 2016
More results

Similar Description - 814S208BKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS841N254I IDT-ICS841N254I Datasheet
478Kb / 23P
   FEMTOCLOCK짰 NG Crystal-to-LVDS/HCSL Clock Synthesizer
83908-02 IDT-83908-02 Datasheet
335Kb / 16P
   FemtoClock Crystal-to-LVDS 8-Output Clock Synthesizer
logo
Renesas Technology Corp
83908-02 RENESAS-83908-02 Datasheet
617Kb / 17P
   FemtoClock® Crystal-to-LVDS 8-Output Clock Synthesizer
April 7, 2016
ICS844625I RENESAS-ICS844625I Datasheet
523Kb / 25P
   Crystal-to-LVDS Clock Synthesizer
JUNE 3, 2016
logo
Integrated Device Techn...
849S625 IDT-849S625 Datasheet
390Kb / 24P
   Crystal-to-LVPECL/LVDS Clock Synthesizer
logo
Renesas Technology Corp
ICS849S625I RENESAS-ICS849S625I Datasheet
589Kb / 25P
   Crystal-to-LVPECL/LVDS Clock Synthesizer
December 2, 2015
logo
Integrated Device Techn...
8V44S269 IDT-8V44S269 Datasheet
598Kb / 28P
   FemtoClock Crystal-to-LVDS, LVCMOS 10-Output Clock Synthesizer
logo
Renesas Technology Corp
8V44S269 RENESAS-8V44S269 Datasheet
891Kb / 29P
   FemtoClock® Crystal-to-LVDS, LVCMOS 10-Output Clock Synthesizer
May 9, 2016
logo
Integrated Device Techn...
844N255I IDT-844N255I Datasheet
697Kb / 22P
   FemtoClock NG Crystal-to-LVDS Clock Synthesizer
843204I-01 IDT-843204I-01 Datasheet
186Kb / 14P
   FemtoClock짰 Crystal-to-3.3V LVPECL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com