Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC78L09ACP Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC78L09ACP
Description  Three-Terminal Low Current Positive Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC78L09ACP Datasheet(HTML) 3 Page - Motorola, Inc

  MC78L09ACP Datasheet HTML 1Page - Motorola, Inc MC78L09ACP Datasheet HTML 2Page - Motorola, Inc MC78L09ACP Datasheet HTML 3Page - Motorola, Inc MC78L09ACP Datasheet HTML 4Page - Motorola, Inc MC78L09ACP Datasheet HTML 5Page - Motorola, Inc MC78L09ACP Datasheet HTML 6Page - Motorola, Inc MC78L09ACP Datasheet HTML 7Page - Motorola, Inc MC78L09ACP Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC78L00, A Series
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VI = 15 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, – 40°C < TJ < +125°C (for MC78LXXAB),
0
°C < TJ < +125°C (for MC78LXXAC), unless otherwise noted.)
MC78L09AC, AB
MC78L09C
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
8.6
9.0
9.4
8.3
9.0
9.7
Vdc
Line Regulation
(TJ = +25°C, IO = 40 mA)
11.5 Vdc
≤ VI ≤ 24 Vdc
12 Vdc
≤ VI ≤ 24 Vdc
Regline
20
12
175
125
20
12
200
150
mV
Load Regulation
(TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA)
(TJ = +25°C, 1.0 mA ≤ IO ≤ 40 mA)
Regload
15
8.0
90
40
15
6.0
90
40
mV
Output Voltage
(11.5 Vdc
≤ VI ≤ 24 Vdc, 1.0 mA ≤ IO ≤ 40 mA)
(VI = 15 V, 1.0 mA ≤ IO ≤ 70 mA)
VO
8.5
8.5
9.5
9.5
8.1
8.1
9.9
9.9
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
3.0
6.0
5.5
3.0
6.0
5.5
mA
Input Bias Current Change
(11 Vdc
≤ VI ≤ 23 Vdc)
(1.0 mA
≤ IO ≤ 40 mA)
∆IIB
1.5
0.1
1.5
0.2
mA
Output Noise Voltage
(TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
60
52
µV
Ripple Rejection (IO = 40 mA,
f = 120 Hz, 13 V
≤ VI ≤ 24 V, TJ = +25°C)
RR
37
57
36
55
dB
Dropout Voltage
(TJ = +25°C)
VI – VO
1.7
1.7
Vdc
ELECTRICAL CHARACTERISTICS (VI = 19 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, – 40°C < TJ < +125°C (for MC78LXXAB),
0
°C < TJ < +125°C (for MC78LXXAC), unless otherwise noted.)
MC78L12AC, AB
MC78L12C
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
11.5
12
12.5
11.1
12
12.9
Vdc
Line Regulation
(TJ = +25°C, IO = 40 mA)
14.5 Vdc
≤ VI ≤ 27 Vdc
16 Vdc
≤ VI ≤ 27 Vdc
Regline
120
100
250
200
120
100
250
200
mV
Load Regulation
(TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA)
(TJ = +25°C, 1.0 mA ≤ IO ≤ 40 mA)
Regload
20
10
100
50
20
10
100
50
mV
Output Voltage
(14.5 Vdc
≤ VI ≤ 27 Vdc, 1.0 mA ≤ IO ≤ 40 mA)
(VI = 19 V, 1.0 mA ≤ IO ≤ 70 mA)
VO
11.4
11.4
12.6
12.6
10.8
10.8
13.2
13.2
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
4.2
6.5
6.0
4.2
6.5
6.0
mA
Input Bias Current Change
(16 Vdc
≤ VI ≤ 27 Vdc)
(1.0 mA
≤ IO ≤ 40 mA)
∆IIB
1.5
0.1
1.5
0.2
mA
Output Noise Voltage
(TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
80
80
µV
Ripple Rejection (IO = 40 mA,
f = 120 Hz, 15 V
≤ VI ≤ 25 V, TJ = +25°C)
RR
37
42
36
42
dB
Dropout Voltage
(TJ = +25°C)
VI – VO
1.7
1.7
Vdc


Similar Part No. - MC78L09ACP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78L09ACP ONSEMI-MC78L09ACP Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Boca Semiconductor Corp...
MC78L09ACP BOCA-MC78L09ACP Datasheet
158Kb / 7P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L09ACP ONSEMI-MC78L09ACP Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L09ACPG ONSEMI-MC78L09ACPG Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
MC78L09ACPG ONSEMI-MC78L09ACPG Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
More results

Similar Description - MC78L09ACP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
List of Unclassifed Man...
78L00A ETC-78L00A Datasheet
81Kb / 7P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL78L INTEGRAL-IL78L Datasheet
133Kb / 5P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Galaxy Semi-Conductor H...
BL78LXX BILIN-BL78LXX Datasheet
169Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Cystech Electonics Corp...
PL78L12XA3 CYSTEKEC-PL78L12XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
logo
Galaxy Semi-Conductor H...
BL78XX BILIN-BL78XX Datasheet
206Kb / 11P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL79L INTEGRAL-IL79L Datasheet
122Kb / 4P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL78L08XA3 CYSTEKEC-PL78L08XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
PL78L09XA3 CYSTEKEC-PL78L09XA3 Datasheet
151Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com