Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

813N252AKI-02LF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 813N252AKI-02LF
Description  Jitter Attenuator & FemtoClock NG짰 Multiplier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

813N252AKI-02LF Datasheet(HTML) 1 Page - Integrated Device Technology

  813N252AKI-02LF Datasheet HTML 1Page - Integrated Device Technology 813N252AKI-02LF Datasheet HTML 2Page - Integrated Device Technology 813N252AKI-02LF Datasheet HTML 3Page - Integrated Device Technology 813N252AKI-02LF Datasheet HTML 4Page - Integrated Device Technology 813N252AKI-02LF Datasheet HTML 5Page - Integrated Device Technology 813N252AKI-02LF Datasheet HTML 6Page - Integrated Device Technology 813N252AKI-02LF Datasheet HTML 7Page - Integrated Device Technology 813N252AKI-02LF Datasheet HTML 8Page - Integrated Device Technology 813N252AKI-02LF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
ICS813N252I-02
DATA SHEET
ICS813N252AKI-02 REVISION B MAY 27, 2011
1
©2011 Integrated Device Technology, Inc.
Jitter Attenuator & FemtoClock NG® Multiplier
General Description
The ICS813N252I-02 device uses IDT's fourth generation
FemtoClock® NG technology for optimal high clock frequency and
low phase noise performance, combined with a low power
consumption and high power supply noise rejection. The
ICS813N252I-02 is a PLL based synchronous multiplier that is
optimized for PDH or SONET to Ethernet clock jitter attenuation and
frequency translation.
TheICS813N252I-02 is a fully integrated Phase Locked loop utilizing
a FemtoClock NG Digital VCXO that provides the low jitter, high
frequency SONET/PDH output clock that easily meets OC-48 jitter
requirements. This VCXO technology simplifies PLL design by
replacing the pullable crystal requirement of analog VCXOs with a
fixed 27MHz generator crystal. Jitter attenuation down to 10Hz is
provided by an external loop filter. Pre-divider and output divider
multiplication ratios are selected using device selection control pins.
The multiplication ratios are optimized to support most common
clock rates used in PDH, SONET and Ethernet applications. The
device requires the use of an external, inexpensive fundamental
mode 27MHz crystal. The device is packaged in a space-saving
32-VFQFN package and supports industrial temperature range.
Features
Fourth generation FemtoClock® NG technology
Two LVPECL output pairs
Each output supports independent frequency selection at 25MHz,
125MHz, 156.25MHz and 312.5MHz
Two differential inputs support the following input types: LVPECL,
LVDS, LVHSTL, SSTL, HCSL
Accepts input frequencies from 8kHz to 155.52MHz including
8kHz, 1.544MHz, 2.048MHz, 19.44MHz, 25MHz, 77.76MHz,
125MHz and 155.52MHz
Crystal interface optimized for a 27MHz, 10pF parallel resonant
crystal
Attenuates the phase jitter of the input clock by using a low-cost
fundamental mode crystal
Customized settings for jitter attenuation and reference tracking
using an external loop filter connection
FemtoClock NG frequency multiplier provides low jitter, high
frequency output
Absolute pull range: ±100ppm
Power supply noise rejection (PSNR): -95dB (typical)
FemtoClock NG VCXO frequency: 2500MHz
RMS phase jitter @ 156.25MHz, using a 27MHz crystal
(12kHz – 20MHz): 0.6ps (typical)
RMS phase jitter @ 125MHz, using a 27MHz crystal
(12kHz – 20MHz): 0.63ps (typical)
3.3V supply voltage
-40°C to 85°C ambient operating temperature
Available in lead-free (RoHS 6) package
9
10 11 12 13 14 15 16
32 31 30
29 28
27 26 25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
LF1
LF0
ISET
VEE
CLK_SEL
VCC
RESERVED
VEE
VEE
nQB
QB
VCCO
nQA
QA
VEE
ODASEL_0
Pin Assignment
ICS813N252I-02
32 Lead VFQFN
5mm x 5mm x 0.925mm package body
K Package
Top View


Similar Part No. - 813N252AKI-02LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
813N252BKI-04LF IDT-813N252BKI-04LF Datasheet
391Kb / 26P
   VCXO Jit ter At tenuator & FemtoClock NG Mult iplier
813N252BKI-04LFT IDT-813N252BKI-04LFT Datasheet
391Kb / 26P
   VCXO Jit ter At tenuator & FemtoClock NG Mult iplier
813N252BKI-09LF IDT-813N252BKI-09LF Datasheet
698Kb / 23P
   VCXO Jitter Attenuator & FemtoClock Multiplier
813N252BKI-09LFT IDT-813N252BKI-09LFT Datasheet
698Kb / 23P
   VCXO Jitter Attenuator & FemtoClock Multiplier
813N252DI-02 IDT-813N252DI-02 Datasheet
488Kb / 23P
   Jitter Attenuator & FemtoClock NG Multiplier
More results

Similar Description - 813N252AKI-02LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8V89308I IDT-IDT8V89308I Datasheet
462Kb / 23P
   Jitter Attenuator & FemtoClock Multiplier
ICS813322-02 IDT-ICS813322-02 Datasheet
446Kb / 20P
   VCXO JITTER ATTENUATOR & FEMTOCLOCK??MULTIPLIER
ICS813252I-02 IDT-ICS813252I-02 Datasheet
2Mb / 22P
   VCXO JITTER ATTENUATOR & FEMTOCLOCK??MULTIPLIER
logo
Renesas Technology Corp
IDT8V89308I RENESAS-IDT8V89308I Datasheet
815Kb / 24P
   Jitter Attenuator & FemtoClock® Multiplier
2019
ICS813252I-02 RENESAS-ICS813252I-02 Datasheet
677Kb / 23P
   Jitter Attenuator & FemtoClock® Multiplier
2019
logo
Integrated Device Techn...
813N252DI-02 IDT-813N252DI-02 Datasheet
488Kb / 23P
   Jitter Attenuator & FemtoClock NG Multiplier
813N252I-09 IDT-813N252I-09_15 Datasheet
698Kb / 23P
   VCXO Jitter Attenuator & FemtoClock Multiplier
ICS810252BI-03 IDT-ICS810252BI-03 Datasheet
217Kb / 24P
   VCXO Jitter Attenuator and FemtoClock??Multiplier
logo
Renesas Technology Corp
810252DI-02 RENESAS-810252DI-02 Datasheet
344Kb / 21P
   VCXO Jitter Attenuator & FemtoClock® Multiplier
11/18/14
813N322I-02 RENESAS-813N322I-02 Datasheet
728Kb / 26P
   Jitter Attenuator & FemtoClock NG® Multiplier
February 26, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com