Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFR183W Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BFR183W
Description  NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2 mA to 30mA)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFR183W Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BFR183W Datasheet HTML 1Page - Siemens Semiconductor Group BFR183W Datasheet HTML 2Page - Siemens Semiconductor Group BFR183W Datasheet HTML 3Page - Siemens Semiconductor Group BFR183W Datasheet HTML 4Page - Siemens Semiconductor Group BFR183W Datasheet HTML 5Page - Siemens Semiconductor Group BFR183W Datasheet HTML 6Page - Siemens Semiconductor Group BFR183W Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Semiconductor Group
3
Dec-11-1996
BFR 183W
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Transition frequency
IC = 25 mA, VCE = 8 V, f = 500 MHz
fT
6
8
-
GHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
0.46
0.7
pF
Collector-emitter capacitance
VCE = 10 V, f = 1 MHz
Cce
-
0.24
-
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
-
1
-
Noise figure
IC = 5 mA, VCE = 8 V, ZS = ZSopt
f = 900 MHz
f = 1.8 GHz
F
-
-
2
1.2
-
-
dB
Power gain
2)
IC = 15 mA, VCE = 8 V, ZS = ZSopt
ZL = ZLopt
f = 900 MHz
f = 1.8 GHz
Gma
-
-
11.5
18
-
-
Transducer gain
IC = 15 mA, VCE = 8 V, ZS =ZL= 50 Ω
f = 900 MHz
f = 1.8 GHz
|
S21e|2
-
-
9
15
-
-
2)
Gma = |S21/S12| (k-(k2-1)1/2)


Similar Part No. - BFR183W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR183W INFINEON-BFR183W Datasheet
79Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
BFR183W INFINEON-BFR183W Datasheet
140Kb / 7P
   NPN Silicon RF Transistor
2007-03-30
BFR183W INFINEON-BFR183W Datasheet
672Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-03
logo
Inchange Semiconductor ...
BFR183W ISC-BFR183W Datasheet
287Kb / 2P
   isc Silicon NPN RF Transistor
logo
Infineon Technologies A...
BFR183W INFINEON-BFR183W_07 Datasheet
140Kb / 7P
   NPN Silicon RF Transistor
2007-03-30
More results

Similar Description - BFR183W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFR183 SIEMENS-BFR183 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2 mA to 30mA)
BFR93A SIEMENS-BFR93A Datasheet
57Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2mA to 30mA)
BFP183 SIEMENS-BFP183 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFP183R SIEMENS-BFP183R Datasheet
58Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 28 mA)
BFP183W SIEMENS-BFP183W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFR181 SIEMENS-BFR181 Datasheet
57Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA)
BFR181W SIEMENS-BFR181W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor )For low noise, high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA)
BFR182W SIEMENS-BFR182W Datasheet
55Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFP182R SIEMENS-BFP182R Datasheet
58Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFP181R SIEMENS-BFP181R Datasheet
58Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5mA to 12mA)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com