Part Name
         Description
92HD66B

 FOUR CHANNEL HD AUDIO CODECS ( 286 Page)


IDT
100% 
Zoom Out Zoom In
 16 page
background image
16
V 1.0 2/12
©2011 INTEGRATED DEVICE TECHNOLOGY, INC.
92HD66B
92HD66B
FOUR CHANNEL HD AUDIO CODECS WITH DUAL CAPLESS HEADPHONE AMPLIFIERS
2.6.
Mono Output
The Mono Out port source selection, power state, and mute characteristics are all independently
controlled by the mono output port controls. The mono output pin is not available on the 40-pin
package options.
The following sources are available for the Mono Out pin:
DAC0 Output: When selected (by using the port connection list), the DAC0 left and right outputs
are summed together.
DAC1 Output: When selected (by using the port connection list), the DAC1 left and right outputs
are summed together.
Mixer Output: When selected (by using the port connection list), the mixer left and right outputs
are summed together.
The stereo inputs are scaled by -6dB and then summed to provide an output that is the average of
the two inputs. The full scale output at mono out is designed to be about 0dBV. Like the stereo line
and headphone outputs, it is not possible to adjust to a +3dBV output level using a vendor defined
verb.
2.7.
Analog Mixer
The mixer supports independent gain (-34.5 to +12dB in 1.5dB steps) on each input as well as inde-
pendent mutes on each input. The following inputs are available: The output of the mixer may be
sent to the ADC where the ADC record gain can adjust the volume. If the output of the mixer is sent
to an analog port, then a separate volume control is provided to adjust the output volume. This mixer
output volume control supports a gain range of -46.5dB to 0dB in 1.5dB steps. (Selecting -46.5dB
will automatically mute the output.)
•Port A
•Port B
•Port C
Port E (not available on 40-pin option)
•Port F
•DAC0
•DAC1
2.8.
ADC Multiplexers
The codec implements 2 ADC input multiplexers. These multiplexers incorporate the ADC record
gain function (-16 to +30dB gain in 1dB steps) as an output amp and allow a preselection of one of
these possible inputs:
•Port A
•Port B
•Port C
Port E (not available on 40-pin option)
•Port F
Mixer Output
•DMIC 0
•DMIC 1



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl