Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE10A Datasheet(PDF) 4 Page - Rugao Dachang Electronics Co., Ltd

Part # P6KE10A
Description  Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

P6KE10A Datasheet(HTML) 4 Page - Rugao Dachang Electronics Co., Ltd

  P6KE10A Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd P6KE10A Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd P6KE10A Datasheet HTML 3Page - Rugao Dachang Electronics Co., Ltd P6KE10A Datasheet HTML 4Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
图1 峰值脉冲功率定额曲线
图2 脉冲降额曲线
环境温度 ℃
脉冲宽度(sec)
图3 脉冲波形
图4 单向典型结电容
图5 稳态功率降额曲线
图6 最大步重复浪涌电流
图7 典型反向泄漏特性
图8 典型瞬态热阻
tp - 脉冲持续时间(sec)
V(BR) -- 转折电压(V)
TL -- 引线温度(℃)
t -- 时间(ms)
V(BR) -- 转折电压(V)
周波数(60Hz)
TJ = 25℃
Pulse Width (td)is defined
as the point where the
peak current decays to
50% of IPPM
10/1000 usec.Waveform
as defined by R.E.A
100
10
Non-repetitive pulse
Waveform shown in Fig.3
TA = 25℃
1
0.1
0.1us
1.0us
10us
100us
1.0ms
10ms
60 HZ Resistive or
Inductive Load
Measurde at Devices
Stand-off Voltage,VWM
TA = 25℃
tr = 10usec.
Peak Value
IPPM
Half Value --IPPM
-----
2
td
150
100
50
0
0
1.0
2.0
3.0
4.0
L=0.375m(9.5mm)
Lead Lengths
5.0
3.75
2.5
1.25
0
0
25
50
75
100
125
150
175
200
1.6×1.6×.040"
(40×40×1mm)
Copper Heat sinks
100
10
1
0.1
0.01
0
100
200
300
400
500
600
100
75
50
25
0
0
25
50
75
100
125
150
175
200
6,000
1,000
100
10
1.0
10
100
200
Measured at
Stand-Off
Voltage,VWM
0.001
0.01
0.1
1
10
100
1000
0.1
1
10
100
1
5
10
50
100
10
50
100
200
TJ=TJmax.
8.3ms Single Half Sine-Wave
(JEDEC Method)
Uni-Directional Only
Measured at
Zero Bias
TJ=25℃
f=1.0MHZ
Vsig=50
mVP-P
SIYU R
P6KE6.8 ...... P6KE440A
大昌电子
DACHANG ELECTRONICS


Similar Part No. - P6KE10A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE10A MOTOROLA-P6KE10A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE10A VISHAY-P6KE10A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
logo
DAESAN ELECTRONIC CORP.
P6KE10A DAESAN-P6KE10A Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
Zowie Technology Corpor...
P6KE10A ZOWIE-P6KE10A Datasheet
83Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
HY ELECTRONIC CORP.
P6KE10A HY-P6KE10A Datasheet
490Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
More results

Similar Description - P6KE10A

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
P4KE DACHANG-P4KE Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
1.5KE6.8 DACHANG-1.5KE6.8 Datasheet
174Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
GOOD-ARK Electronics
1N6303A GOOD-ARK-1N6303A_15 Datasheet
1,022Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 440V
1.5KE6.8 GOOD-ARK-1.5KE6.8_15 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
First Silicon Co., Ltd
P6KEXX FS-P6KEXX Datasheet
325Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
logo
GOOD-ARK Electronics
P4KE6.8 GOOD-ARK-P4KE6.8_15 Datasheet
245Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
1.5KE6.8 GOOD-ARK-1.5KE6.8 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
First Silicon Co., Ltd
1.5KE6.8 FS-1.5KE6.8 Datasheet
702Kb / 6P
   Transient Voltage Suppressors Peak Pluse Power 1500W Breakdown Voltage 6.8 to 550V
logo
GOOD-ARK Electronics
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A_15 Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
P4SMA6.8A GOOD-ARK-P4SMA6.8A Datasheet
233Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com