Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-F1314 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # Q62702-F1314
Description  NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-F1314 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  Q62702-F1314 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-F1314 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-F1314 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-F1314 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-F1314 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-F1314 Datasheet HTML 6Page - Siemens Semiconductor Group Q62702-F1314 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Semiconductor Group
6
Dec-11-1996
BFR 181
Collector-base capacitance
Ccb = f (VCB)
VBE = vbe = 0, f = 1MHz
0
4
8
12
16
V
22
V
R
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
pF
0.45
C
cb
Transition frequency
fT = f (IC)
VCE = Parameter
0
2
4
6
8
10
12
14 mA 17
I
C
0
1
2
3
4
5
6
7
8
GHz
10
f
T
10V
8V
5V
3V
2V
1V
0.7V
Power Gain
Gma, Gms = f(IC)
f = 0.9GHz
VCE = Parameter
0
2
4
6
8
10
12
14
mA
18
I
C
8
10
12
14
16
dB
20
G
10V
5V
3V
2V
1V
0.7V
Power Gain
Gma, Gms = f(IC)
f = 1.8GHz
VCE = Parameter
0
2
4
6
8
10
12
14
mA
18
I
C
0
2
4
6
8
10
dB
14
G
10V
3V
2V
1V
0.7V


Similar Part No. - Q62702-F1314

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-F1312 SIEMENS-Q62702-F1312 Datasheet
28Kb / 4P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
Q62702-F1315 SIEMENS-Q62702-F1315 Datasheet
71Kb / 8P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
Q62702-F1316 SIEMENS-Q62702-F1316 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2 mA to 30mA)
More results

Similar Description - Q62702-F1314

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFR181W SIEMENS-BFR181W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor )For low noise, high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA)
BFP181W SIEMENS-BFP181W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5mA to 12mA)
BFP181 SIEMENS-BFP181 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5mA to 12mA)
BFP181R SIEMENS-BFP181R Datasheet
58Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5mA to 12mA)
BFS481 SIEMENS-BFS481 Datasheet
53Kb / 6P
   NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifier at collector currents from 0.5 to 12 mA)
BFP183 SIEMENS-BFP183 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFP183R SIEMENS-BFP183R Datasheet
58Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 28 mA)
BFP183W SIEMENS-BFP183W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFR182W SIEMENS-BFR182W Datasheet
55Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFR182 SIEMENS-BFR182 Datasheet
71Kb / 8P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com