Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR1020 Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # MUR1020
Description  Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 10 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

MUR1020 Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  MUR1020 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd MUR1020 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIYU R
正向特性曲线(典型值)
正向电压
VF(V)
环境温度 Ta(
°C)
通过电流的周期
浪涌特性曲线(最大值)
特性曲线 Characteristic Curves
TYPICAL FORWARD CHARACTERISTIC
FORWARD CURRENT DERATING CURVE
VF Instantaneous Forward Voltage (V)
Tamb, ambient temperature (°C)
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
正向电流降额曲线
0.01
0.1
1
10
100
0
0.8
1.6
2.0
0
255075
100 125 150 175
12
10
8
6
4
2
0
1
2
4 6
10
20
40
100
100
75
50
25
0
125
0.4
1.2
MUR1010 ...... MUR1060
MUR1060
MUR1040
MUR1010
MUR1020
大昌电子
DACHANG ELECTRONICS


Similar Part No. - MUR1020

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MUR1020 LUGUANG-MUR1020 Datasheet
202Kb / 2P
   Super Fast Rectifiers
logo
RFE international
MUR1020 RFE-MUR1020 Datasheet
1Mb / 3P
   Ultra-Fast Recovery Recifier Diodes MUR1020 Through MUR1060
08-10-2020
logo
Kersemi Electronic Co.,...
MUR1020 KERSEMI-MUR1020 Datasheet
873Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
logo
Rugao Dachang Electroni...
MUR1020 DACHANG-MUR1020 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
logo
GOOD-ARK Electronics
MUR1020 GOOD-ARK-MUR1020 Datasheet
330Kb / 7P
   Product Specification
More results

Similar Description - MUR1020

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
MUR1010CT DACHANG-MUR1010CT Datasheet
136Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 10 A
DUFF10A60CT DACHANG-DUFF10A60CT Datasheet
139Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 600 V Forward Current 10 A
DUFF10A60 DACHANG-DUFF10A60 Datasheet
148Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 600 V Forward Current 10 A
SFAF502G DACHANG-SFAF502G Datasheet
147Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 5.0 A
MUR2010 DACHANG-MUR2010 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 20 A
MUR2010CT DACHANG-MUR2010CT Datasheet
138Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 20 A
MUR1610CT DACHANG-MUR1610CT Datasheet
136Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 16 A
MUR810 DACHANG-MUR810 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 8.0 A
DFRF10A20CT DACHANG-DFRF10A20CT Datasheet
126Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 10 A
DFRF10A20 DACHANG-DFRF10A20 Datasheet
147Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 10 A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com