Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFR180W Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # BFR180W
Description  NPN Silicon RF Transistor (For low-power amplifiers in mobile communication systems pager at collector currents from 0.2mA to 2.5mA)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFR180W Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  BFR180W Datasheet HTML 1Page - Siemens Semiconductor Group BFR180W Datasheet HTML 2Page - Siemens Semiconductor Group BFR180W Datasheet HTML 3Page - Siemens Semiconductor Group BFR180W Datasheet HTML 4Page - Siemens Semiconductor Group BFR180W Datasheet HTML 5Page - Siemens Semiconductor Group BFR180W Datasheet HTML 6Page - Siemens Semiconductor Group BFR180W Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Semiconductor Group
6
Dec-11-1996
BFR 180W
Collector-base capacitance
Ccb = f (VCB)
VBE = vbe = 0, f = 1MHz
0
2
4
6
8
V
11
V
R
0.0
0.1
0.2
0.3
pF
0.5
C
cb
Transition frequency
fT = f (IC)
VCE = Parameter
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 mA 5.0
I
C
0
1
2
3
4
5
6
7
8
GHz
10
f
T
10V
8V
5V
3V
2V
1V
0.7V
Power Gain
Gma, Gms = f(IC)
f = 0.9GHz
VCE = Parameter
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 mA 5.0
I
C
5
6
7
8
9
10
11
12
13
14
15
16
dB
18
G
10V
3V
2V
1V
0.7V
Power Gain
Gma, Gms = f(IC)
f = 1.8GHz
VCE = Parameter
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 mA 5.0
I
C
0
1
2
3
4
5
6
7
8
9
10
11
12
13
dB
15
G
10V
5V
3V
2V
1V
0.7V


Similar Part No. - BFR180W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR180W INFINEON-BFR180W Datasheet
79Kb / 7P
   NPN Silicon RF Transistor
Jun-13-2001
More results

Similar Description - BFR180W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFR180 SIEMENS-BFR180 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low-power amplifiers in mobile communication systems pager at collector currents from 0.2mA to 2.5mA)
BFP180 SIEMENS-BFP180 Datasheet
76Kb / 8P
   NPN Silicon RF Transistor (For low-power amplifiers in mobile communication systems pager at collector currents from 0.2 to 2.5mA)
BFP180W SIEMENS-BFP180W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low-power amplifiers in mobile communication systems pager at collector currents from 0.2 to 2.5mA)
BFR280W SIEMENS-BFR280W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems
BFS480 SIEMENS-BFS480 Datasheet
52Kb / 6P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFP280 SIEMENS-BFP280 Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFP280W SIEMENS-BFP280W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFR280 SIEMENS-BFR280 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFS17W SIEMENS-BFS17W Datasheet
34Kb / 5P
   NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
BFS17S SIEMENS-BFS17S Datasheet
55Kb / 5P
   NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com