Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1339C-31SRI8 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 1339C-31SRI8
Description  REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

1339C-31SRI8 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 1339C-31SRI8 Datasheet HTML 7Page - Integrated Device Technology 1339C-31SRI8 Datasheet HTML 8Page - Integrated Device Technology 1339C-31SRI8 Datasheet HTML 9Page - Integrated Device Technology 1339C-31SRI8 Datasheet HTML 10Page - Integrated Device Technology 1339C-31SRI8 Datasheet HTML 11Page - Integrated Device Technology 1339C-31SRI8 Datasheet HTML 12Page - Integrated Device Technology 1339C-31SRI8 Datasheet HTML 13Page - Integrated Device Technology 1339C-31SRI8 Datasheet HTML 14Page - Integrated Device Technology 1339C-31SRI8 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
IDT1339
REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
RTC
IDT®
REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
11
IDT1339
REV K 032910
The user determines diode and resistor selection according to the maximum current desired for battery or super cap
charging. The maximum charging current can be calculated as illustrated in the following example. Assume that a 3.3 V
system power supply is applied to VCC and a super cap is connected to VBACKUP. Also assume that the trickle charger has
been enabled with a diode and resistor R2 between VCC and VBACKUP. The maximum current IMAX would therefore be
calculated as follows:
IMAX = (3.3 V - diode drop) / R2
(3.3 V - 0.7 V) / 2kΩ
1.3 mA
As the super cap or battery charges, the voltage drop between VCC and VBACKUP decreases and therefore the charge
current decreases.
I2C Serial Data Bus
The IDT1339 supports the I2C bus protocol. A device that
sends data onto the bus is defined as a transmitter and a
device receiving data as a receiver. The device that controls
the message is called a master. The devices that are
controlled by the master are referred to as slaves. The bus
must be controlled by a master device that generates the
serial clock (SCL), controls the bus access, and generates
the START and STOP conditions. The IDT1339 operates as
a slave on the I2C bus. Within the bus specifications, a
standard mode (100 kHz cycle rate) and a fast mode (400
kHz cycle rate) are defined. The IDT1339 works in both
modes. Connections to the bus are made via the open-drain
I/O lines SDA and SCL.
The following bus protocol has been defined (see the “Data
Transfer on I2C Serial Bus” figure):
Data transfer may be initiated only when the bus is not
busy.
During data transfer, the data line must remain stable
whenever the clock line is HIGH. Changes in the data line
while the clock line is HIGH are interpreted as control
signals.
Accordingly, the following bus conditions have been defined:
Bus not busy:
Both data and clock lines remain HIGH.
Start data transfer:
A change in the state of the data line,
from HIGH to LOW, while the clock is HIGH, defines a
START condition.
Stop data transfer:
A change in the state of the data line,
from LOW to HIGH, while the clock line is HIGH, defines the
STOP condition.
Data valid:
The state of the data line represents valid data
when, after a START condition, the data line is stable for the
duration of the HIGH period of the clock signal. The data on
the line must be changed during the LOW period of the clock
signal. There is one clock pulse per bit of data.
Each data transfer is initiated with a START condition and
terminated with a STOP condition. The number of data
bytes transferred between START and STOP conditions is
not limited, and is determined by the master device. The
information is transferred byte-wise and each receiver
acknowledges with a ninth bit.
Acknowledge:
Each receiving device, when addressed, is
obliged to generate an acknowledge after the reception of
each byte. The master device must generate an extra clock
pulse that is associated with this acknowledge bit.
A device that acknowledges must pull down the SDA line
during the acknowledge clock pulse in such a way that the
SDA line is stable LOW during the HIGH period of the
acknowledge related clock pulse. Of course, setup and hold
times must be taken into account. A master must signal an
end of data to the slave by not generating an acknowledge
bit on the last byte that has been clocked out of the slave. In
this case, the slave must leave the data line HIGH to enable
the master to generate the STOP condition.
Timeout:
Timeout is where a slave device resets its
interface whenever Clock goes low for longer than the
timeout, which is typically 35mSec. This added logic deals
with slave errors and recovering from those errors. When
timeout occurs, the slave interface should re-initialize itself
and be ready to receive a communication from the master,
but it will expect a Start prior to any new communication.


Similar Part No. - 1339C-31SRI8

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1339 3M-1339 Datasheet
20Kb / 2P
   1339 Electrical Tape
logo
Heyco.
1339 HEYCO-1339 Datasheet
130Kb / 1P
   Strain Relief Mounting Hole Punches
logo
Renesas Technology Corp
1339-2DCGI RENESAS-1339-2DCGI Datasheet
488Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE IDT1339
REV S 031014
1339-2DCGI8 RENESAS-1339-2DCGI8 Datasheet
488Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE IDT1339
REV S 031014
1339-2DVGI RENESAS-1339-2DVGI Datasheet
488Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE IDT1339
REV S 031014
More results

Similar Description - 1339C-31SRI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Integrated Device Techn...
1337CSRI IDT-1337CSRI Datasheet
368Kb / 24P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
logo
Renesas Technology Corp
IDT1337AG RENESAS-IDT1337AG Datasheet
401Kb / 27P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
REV D 071417
IDT1339 RENESAS-IDT1339 Datasheet
488Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE IDT1339
REV S 031014
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
RICOH electronics devic...
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com